Part Number Hot Search : 
17MB35 SEA15020 11Y33 29907 00145 M5310 UZ11BSA ZT127
Product Description
Full Text Search
 

To Download LM339EDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. august 2014 docid2159 rev 4 1/19 lm139, lm239, lm339 low-power quad voltage comparators datasheet - production data features ? wide single supply voltage range or dual supplies for all devices: +2 to +36 v or 1 v to 18 v ? very low supply current (1.1 ma) independent of supply voltage ? low input bias current: 25 na typ ? low input offset current: 5 na typ ? low input offset voltage: 1 mv typ ? input common-mode voltage range includes ground ? low output saturation voltage: 250 mv typ; (i sink = 4 ma) ? differential input voltage range equal to the supply voltage ? ttl, dtl, ecl, mos, cmos compatible outputs description this family of devices consists of four independent precision-voltage comparators with an offset voltage specification as low as 2 mv maximum for lm339a, lm239a, and lm139a. each comparator has been designed specifically to operate from a single power supply over a wide range of voltages. operation from split power supplies is also possible. these comparators also have a unique characteristic in that the input common mode voltage range includes ground even though operated from a single power supply voltage. d so14 (plastic micropackage) p tssop14 (thin shrink small outline package) q qfn16 3x3 (plastic micropackage) www.st.com
contents lm139, lm239, lm339 2/19 docid2159 rev 4 contents 1 pin and schematic diagra m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 absolute maximum ratings and operating c onditions . . . . . . . . . . . . . 4 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 electrical characteristi cs curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 5 typical applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 6 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6.1 so14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 6.2 tssop14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6.3 qfn16 3x3 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 7 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
docid2159 rev 4 3/19 lm139, lm239, lm339 pin and schematic diagram 19 1 pin and schematic diagram figure 1. pin connections (top view) figure 2. schematic diagram (1/4 lm139) 4 5 6 7 8 9 10 11 13 1 2 3 14 12 out put2 out put4 out put3 non- i nver t i ng i nput4 v cc non- i nver t i ng i nput3 i nver t i ng i nput4 v cc + out put1 i nver t i ng i nput1 n on- i nver t i ng i nput2 - i nver t i ng i nput3 n on- i nver t i ng i nput1 i nver t i ng i nput2 non-inverting input inverting input 3.5 a v cc v o 3.5 a 100 a 100 a v cc
absolute maximum ratings and operating conditions lm139, lm239, lm339 4/19 docid2159 rev 4 2 absolute maximum ratings and operating conditions table 1. absolute maximum ratings symbol parameter value unit v cc supply voltage 18 or 36 v v id differential input voltage 36 v v in input voltage -0.3 to +36 v output short-circuit to ground (1) 1. short-circuits from the output to v cc + can cause excessive heating and eventual destruction. the maximum output current is approximately 20 ma independent of the magnitude of v cc + . infinite r thja thermal resistance junction to ambient (2) so14 tssop14 qfn16 3x3 2. short-circuits can c ause excessive heating. t hese values are typical. 105 100 45 c/w r thjc thermal resistance junction to case (2) so14 tssop14 qfn16 3x3 31 32 14 c/w t stg storage temperature range -65 to +150 c t j junction temperature +150 c t lead lead temperature (soldering 10 seconds) 260 c esd human body model (hbm) (3) 3. human body model: a 100 pf capacit or is charged to the specified voltage, then discharged through a 1.5 k resistor between two pins of the device. this is done for all couples of connected pin combinations while the other pins are floating. 500 v machine model (mm) (4) 4. machine model: a 200 pf capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 ). this is done for all couples of connected pin combinations whil e the other pins are floating. 100 charged device model (cdm) (5) 5. charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through onl y one pin. this is done for all pins. 1500
docid2159 rev 4 5/19 lm139, lm239, lm339 absolute maximu m ratings and operating conditions 19 table 2. operating conditions (t amb = 25 c) symbol parameter value unit v cc supply voltage 2 to 32 1 to 16 v v icm common mode input voltage range 0 to (v cc + - 1.5) v t oper operating free-air temperature range ? lm139, lm139a ? lm239, lm239a ? lm339, lm339a -55, +125 -40, +105 0, +70 c
electrical characteristics lm139, lm239, lm339 6/19 docid2159 rev 4 3 electrical characteristics table 3. electrical characteristics at v cc + = +5 v, v cc - = gnd, t amb = +25 c (unless otherwise specified) symbol parameter lm139a - lm239a lm339a lm139 - lm239 lm339 unit min. typ. max. min typ. max. v io input offset voltage (1) t min t amb t max 12 4 15 9 mv i io input offset current t min t amb t max 325 100 550 150 na i ib input bias current (i + or i - ) (2) t min t amb t max 25 100 300 25 250 400 na a vd large signal voltage gain v cc = 15 v, r l = 15 k , v o = 1 v to 11 v 50 200 50 200 v/mv i cc supply current (all comparators) v cc = +5 v, no load v cc = +30 v, no load 1.1 1.3 2 2.5 1.1 1.3 2 2.5 ma v icm input common mode voltage range (3) v cc = 30 v t min t amb t max 0 0 v cc + -1.5 v cc + -2 0 0 v cc + -1.5 v cc + -2 v v id differential input voltage (4) v cc + v cc + v v ol low level output voltage v id = -1 v, i sink = 4 ma t min t amb t max 250 400 700 250 400 700 mv i oh high level output current v cc = v o = 30 v, v id = 1 v t min t amb t max 0.1 1 0.1 1 na a i sink output sink current v id = 1 v, v o = 1.5 v 6 16 6 16 ma t re response time (5) r l = 5.1 k connected to v cc + 1.3 1.3 s
docid2159 rev 4 7/19 lm139, lm239, lm339 electrical characteristics 19 trel large signal response time r l = 5.1 k connected to v cc + , e l = ttl, v (ref) = +1.4 v 300 300 ns 1. at output switch point, v o 1.4 v, v cc + from 5 v to 30 v, and over the full common-mode range (0 v to v cc + -1.5 v). 2. the direction of the input current is out of the ic due to the pnp input stage. this current is essentially constant, independent of the state of the output, so no loading charge exists on the reference of input lines. 3. the input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 v. the upper end of the common-mode voltage range is v cc + -1.5 v, but either or both inputs can go to +30 v without damage. 4. positive excursions of input voltage may exceed the power s upply level. as long as the other voltage remains within the common-mode range, the comparator will provide a proper outpu t state. the low input voltage state must not be less than -0.3 v (or 0.3 v below the negative power supply, if used). 5. the response time specified is for a 100 mv input step with 5 mv overdrive. for larger overdrive signals, 300 ns can be obtained. table 3. electrical characteristics at v cc + = +5 v, v cc - = gnd, t amb = +25 c (unless otherwise specified) (continued) symbol parameter lm139a - lm239a lm339a lm139 - lm239 lm339 unit min. typ. max. min typ. max.
electrical characteristics curves lm139, lm239, lm339 8/19 docid2159 rev 4 4 electrical characteristics curves figure 7. response time for various input overdrives - positive transition figure 3. supply current vs. supply voltage figure 4. input current vs. supply voltage supply current (ma) 1 0.8 0.6 0.4 0.2 0 10 20 3 040 supply voltage (v) t amb =+70c t amb = +125c t amb =0c r = t amb = +25c t amb =-55c input current (na) 20 10 20 3 040 supply voltage (v) t amb =+70c t amb = +125c t amb = -55c 40 60 80 0 t amb =0c t amb =+25c v=0v i r=10 i 9 figure 5. output saturation voltage vs. output current figure 6. response time for various input overdrives - negative transition t amb = +125c o u tofsat u ration 10 1 10 - 3 10 -2 10 -1 10 0 saturation voltage (v) 10 -2 10 -1 10 0 10 1 10 2 output sink current (ma) o u tofsat u ration t amb =-55c t amb =+25c 5v 5.1k e o e i 6 5 4 3 2 0 0 -50 -100 input voltage (mv) output voltage (v) 0 0.5 1 1.5 2 time ( s) inp u t overdrive : 5mv 20mv 1 100mv t amb =+25c 5v 5.1k e o e i 6 5 4 3 2 1 0 1 00 50 input voltage (mv) output voltage (v) 0 0.5 1 1.5 2 time ( s) 0 p in u t overdrive : 100mv t amb =+25c 5mv 20mv
docid2159 rev 4 9/19 lm139, lm239, lm339 typical applications 19 5 typical applications figure 8. basic comparator figure 9. driving cmos v cc = 5 v 15 k v o +v (ref) 1/4 lm139 -v (ref) 5 v 100 k & 1/ 4 lm139 +v (ref) -v (ref) figure 10. driving ttl figure 11. low frequency op amp 5 v 10 k +v (ref) & & 1/ 4 lm139 -v (ref) 5 v 15 k e o 0.5 f 100 k e l 1 k ~ 1/4 lm139 a v = 100 figure 12. low frequency op amp figure 13. transducer amplifier 5 v 15 k 0.5 f 100 k 1 k ~ 2n 2222 (e o = 0 v for e l = 0 v) 1/ 4 lm139 e o e l a v = 100 5 v 10 k e o 20 m 3 k m a gnetic pick-up 10 k 1/ 4 lm139
typical applications lm139, lm239, lm339 10/19 docid2159 rev 4 figure 14. time delay generator figure 17. two-decade high-frequency vco v cc 0 v (ref.) 10 k 1/4 15 k 200 k 3 k 3k 3 k 10 m v o2 v 03 o1 v 51 k v 1 v 2 0.001 f v c1 v 3 v cc v c1 v 1 v 2 v 3 0 0 1 t t 3 t 4 t 2 t t v cc t 0 t 1 v cc v cc v c c =+15v 1/4 lm139 1/4 1 / 4 lm139 lm139 lm139 10 k 10 k 10 k 10 k 10 m 10 m 51 k 51 k t 2 t o t 3 t o t a t o input g a ting s ign a l figure 15. low frequency op amp with offset adjust figure 16. zero crossing detector (single power supply) e l ~ 2n 2222 5 v e o r1 100 k 1 k 5 v 1 m 100 k 1 m off s et a dju s t r s r 1 15 k 0.5 f r 2 1/ 4 lm139 100 k 10 k e l 20 m 5 v 1n414 8 5.1 k 5.1 k 100 k 1/ 4 lm139 5.1 k v cc v cc 100 k 3 k 5.1 k /2 v cc /2 0.01 f 500 pf 100 k 0.1 f 20 k 50 k =+ 30v +250 mv v control +50 v 700 hz f 100 khz o 20 k 3 k 1/ 4 lm139 1/ 4 lm139 1/ 4 lm139 output 1 output 2 v cc v cc frequency control volt a ge input vcontrol
docid2159 rev 4 11/19 lm139, lm239, lm339 typical applications 19 figure 18. limit comparator figure 19. crystal-controlled oscillator 10 k e i ~ r s 2r s v (ref) high v (ref) low 2n 2222 v cc l a mp 1/ 4 lm139 1/ 4 lm139 2r s (12 v) 2 k 200 k e o v cc 0 100 k 200 k 1/ 4 lm139 0.1 f f = 100 khz v cc = 15 v figure 20. zero crossing detector figur e 21. comparator with a negative reference 15 v 5.1 k e o e i ~ 15 v 1/4 lm139 15 v 5.1 k e o e i ~ 15 v 5 v 1/ 4 lm139
package information lm139, lm239, lm339 12/19 docid2159 rev 4 6 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions a nd product status are available at: www.st.com . ecopack ? is an st trademark.
docid2159 rev 4 13/19 lm139, lm239, lm339 package information 19 6.1 so14 package information figure 22. so14 package mechanical drawing table 4. so14 package mechanical data dimensions ref. millimeters inches min. typ. max. min. typ. max. a 1.35 1.75 0.05 0.068 a1 0.10 0.25 0.004 0.009 a2 1.10 1.65 0.04 0.06 b 0.33 0.51 0.01 0.02 c 0.19 0.25 0.007 0.009 d 8.55 8.75 0.33 0.34 e 3.80 4.0 0.15 0.15 e1.27 0.05 h 5.80 6.20 0.22 0.24 h 0.25 0.50 0.009 0.02 l 0.40 1.27 0.015 0.05 k 8 (max.) ddd 0.10 0.004
package information lm139, lm239, lm339 14/19 docid2159 rev 4 6.2 tssop14 package information figure 23. tssop14 package mechanical drawing table 5. tssop14 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a1.200.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.90 5.00 5.10 0.193 0.197 0.201 e 6.20 6.40 6.60 0.244 0.252 0.260 e1 4.30 4.40 4.50 0.169 0.173 0.176 e 0.65 0.0256 l 0.45 0.60 0.75 0.018 0.024 0.030 l1 1.00 0.039 k0 80 8 aaa 0.10 0.004
docid2159 rev 4 15/19 lm139, lm239, lm339 package information 19 6.3 qfn16 3x3 package information figure 24. qfn16 3x3 package mechanical drawing
package information lm139, lm239, lm339 16/19 docid2159 rev 4 figure 25. qfn16 3x3 footprint recommendation table 6. qfn16 3x3 mm package mechanical data (pitch 0.5 mm) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.80 0.90 1.00 0.031 0.035 0.039 a1 0 0.05 0 0.002 a3 0.20 0.008 b 0.18 0.30 0.007 0.012 d 2.90 3.00 3.10 0.114 0.118 0.122 d2 1.50 1.80 0.059 0.071 e 2.90 3.00 3.10 0.114 0.118 0.122 e2 1.50 1.80 0.059 0.071 e 0.50 0.020 l 0.30 0.50 0.012 0.020
docid2159 rev 4 17/19 lm139, lm239, lm339 ordering information 19 7 ordering information table 7. order codes part number temperature range package packing marking lm139dt lm139adt -55 c, +125 c so14 tape and reel 139 139a lm139pt lm139apt tssop14 139 139a lm239dt lm239adt -40 c, +105 c so14 239 239a lm239pt lm239apt tssop14 239 239a lm239qt qfn16 3x3 k550 lm339dt lm339adt 0 c, +70 c so14 339 339a lm339pt lm339apt tssop14 339 339a lm339qt qfn16 3x3 k551
revision history lm139, lm239, lm339 18/19 docid2159 rev 4 8 revision history table 8. document revision history date revision changes 01-mar-2003 1 initial release. 28-apr-2009 2 updated document format. removed power dissipation from table 1: absolute maximum ratings . added r thja , r thjc, esd and t lead values to table 1 . updated package information in chapter 6 . added table 7: order codes . 13-jul-2011 3 added pin connections for qfn16 package in figure 1 on page 3 . added thermal information for qfn16 package in table 1 on page 4 . added qfn16 package information in chapter 6 . added order codes for qfn16 package in table 7: order codes . 18-aug-2014 4 removed dip14 package table 7: order codes : replaced the marking of the order code lm239qt from k549 to k550; removed all order codes with ?tube? packing. updated disclaimer
docid2159 rev 4 19/19 lm139, lm239, lm339 19 important notice ? please read carefully stmicroelectronics nv and its subsidiaries (?st?) reserve the right to make changes, corrections, enhancements, modifications, and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant in formation on st products before placing orders. st products are sold pursuant to st?s terms and conditions of sale in place at the time of o rder acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and st assumes no liability for application assistance or the design of purchasers? products. no license, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information set forth herein shall void any warranty granted by st for such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2014 stmicroelectronics ? all rights reserved


▲Up To Search▲   

 
Price & Availability of LM339EDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X