Part Number Hot Search : 
50100 24C00IOT LXT901 PCD5003A SDR803 09SRW 50100 91AQ5
Product Description
Full Text Search
 

To Download LGW2D122MELC30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tangent of loss angle (tan ) within 20% of the initial capacitance value performance characteristics 10 0.1 2-2 (pc board hole dimensions) (terminal dimensions) y4.00.5 2.5 1.5 0.8 +0.2 -0.1 + 0 .2 -0 .1 0.8 +0.2 -0.1 polarity bar 10 l 2 d +1.5 max. y4.00.5 pressure relief vent 0.1 sleeve ( p.e.t. ) l 1 g 2 w 3 2 4 g 5 1 6 2 7 1 8 m 9 e 10 l 11 z30 12 13 14 configuration case dia. code case length code capacitance tolerance ( 20%) rated capacitance (120f) rated voltage (400v) series name type d 22 25 30 35 code z a b c drawing type numbering system (example : 400v 120 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current stability at low temperature endurance shelf life marking item 40 to +105 c (200 250v) , 25 to +105 c (400 450v) 200 to 450v 82 to 2200f 20% at 120hz, 20 c i ( a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( f ) v : voltage ( v ) ] printed with white color letter on black sleeve. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after d.c. bias plus rated ripple current is applied for 3000 hours at 105 c , the peak voltage shall not exceed the rated voltage. z 25 c/ z+20 c z 40 c/ z+20 c rated voltage(v) impedance ratio zt/z20 (max.) 200 250 3 12 400 450 8 aluminum electrolytic capacitors gw series snap-in terminal type, 105 c high ripple current high ripple current . withstanding 3000 hours application of rated ripple current at 105 c. compliant to the rohs directive (2011/65/eu). dimension table in next page. gu high ripple current after storig the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the requirements listed at right. capacitance change leakage current tan within 15% of the initial capacitance value less than or equal to the initial specified value 150% or less than the initial specified value capacitance change leakage current tan less than or equal to the initial specified value 200% or less than the initial specified value 3 cv gw measurement frequency : 120hz at 20 c rated voltage(v) tan (max.) 200 to 400 0.15 450 0.20 minimum order quantity : 50pcs. frequency coefficient of rated ripple current frequency (hz) 400 450 coeff. 50 60 120 300 1k 10k 50k or more 0.77 0.82 1.00 1.16 1.30 1.41 1.43 0.81 0.85 1.00 1.17 1.32 1.45 1.50 200 250 the other terminal is also available upon request. please refer page 328 for schematic of dimensions. cat.8100c
dimensions gw series aluminum electrolytic capacitors 330 470 560 680 820 1000 1200 1500 1800 2200 22 25 22 30 25 25 22 35 25 30 22 40 25 35 30 25 22 45 25 40 30 30 35 25 25 45 30 35 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 1970 2170 2170 2220 2300 2300 2650 3080 2650 3080 3480 3480 3450 3980 3980 4200 4200 4620 4200 5220 4620 5220 0.77 0.91 0.91 1.00 1.00 1.10 1.10 1.10 1.21 1.21 1.21 1.21 1.34 1.34 1.46 1.46 1.46 1.64 1.64 1.80 1.80 1.98 lgw2d331melz25 lgw2d471melz30 lgw2d471mela25 lgw2d561melz35 lgw2d561mela30 lgw2d681melz40 lgw2d681mela35 lgw2d681melb25 lgw2d821melz45 lgw2d821mela40 lgw2d821melb30 lgw2d821melc25 lgw2d102mela45 lgw2d102melb35 lgw2d122mela50 lgw2d122melb40 LGW2D122MELC30 lgw2d152melb45 lgw2d152melc35 lgw2d182melb50 lgw2d182melc40 lgw2d222melc45 200v (2d) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) 270 330 390 470 560 680 820 1000 1200 1500 1800 22 25 22 30 25 25 22 35 25 30 22 40 30 25 22 45 25 35 22 50 25 40 30 30 35 25 25 50 30 35 35 30 30 40 35 35 30 50 35 40 35 45 35 50 1650 1800 1800 1950 1950 2100 2200 2250 2250 2550 2550 2550 2550 3000 3000 3000 3300 3300 3450 3450 3750 4050 0.77 0.86 0.86 0.93 0.93 1.02 1.02 1.12 1.12 1.23 1.23 1.23 1.23 1.35 1.35 1.35 1.50 1.50 1.64 1.64 1.83 2.01 lgw2e271melz25 lgw2e331melz30 lgw2e331mela25 lgw2e391melz35 lgw2e391mela30 lgw2e471melz40 lgw2e471melb25 lgw2e561melz45 lgw2e561mela35 lgw2e681melz50 lgw2e681mela40 lgw2e681melb30 lgw2e681melc25 lgw2e821mela50 lgw2e821melb35 lgw2e821melc30 lgw2e102melb40 lgw2e102melc35 lgw2e122melb50 lgw2e122melc40 lgw2e152melc45 lgw2e182melc50 250v (2e) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) 100 120 150 180 220 270 330 390 470 560 680 22 25 22 30 25 25 22 35 22 40 25 30 30 25 22 45 25 35 30 30 22 50 25 40 30 35 35 25 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 35 50 1020 1220 1220 1330 1430 1430 1680 1550 1650 1790 1680 1830 2120 2120 2120 2330 2330 2520 2520 2850 2850 3180 3210 0.60 0.65 0.65 0.73 0.80 0.80 0.80 0.88 0.88 0.88 0.98 0.98 0.98 0.98 1.08 1.08 1.08 1.18 1.18 1.30 1.30 1.41 1.56 lgw2g101melz25 lgw2g121melz30 lgw2g121mela25 lgw2g151melz35 lgw2g181melz40 lgw2g181mela30 lgw2g181melb25 lgw2g221melz45 lgw2g221mela35 lgw2g221melb30 lgw2g271melz50 lgw2g271mela40 lgw2g271melb35 lgw2g271melc25 lgw2g331mela50 lgw2g331melb40 lgw2g331melc30 lgw2g391melb45 lgw2g391melc35 lgw2g471melb50 lgw2g471melc40 lgw2g561melc45 lgw2g681melc50 400v (2g) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) 82 100 120 150 180 220 270 330 390 470 560 22 25 22 30 25 25 22 35 25 30 22 40 25 35 30 25 22 45 25 40 30 30 35 25 25 45 30 35 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 35 50 960 1040 1040 1150 1220 1220 1310 1310 1350 1350 1600 1600 1550 1710 1740 1900 1900 2200 2200 2400 2420 2670 2850 0.57 0.63 0.63 0.69 0.69 0.77 0.77 0.77 0.85 0.85 0.85 0.85 0.94 0.94 1.04 1.04 1.04 1.15 1.15 1.25 1.25 1.37 1.50 lgw2w820melz25 lgw2w101melz30 lgw2w101mela25 lgw2w121melz35 lgw2w121mela30 lgw2w151melz40 lgw2w151mela35 lgw2w151melb25 lgw2w181melz45 lgw2w181mela40 lgw2w181melb30 lgw2w181melc25 lgw2w221mela45 lgw2w221melb35 lgw2w271mela50 lgw2w271melb40 lgw2w271melc30 lgw2w331melb45 lgw2w331melc35 lgw2w391melb50 lgw2w391melc40 lgw2w471melc45 lgw2w561melc50 450v (2w) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) rated ripple current (marms) at 105 c 120hz cat.8100c


▲Up To Search▲   

 
Price & Availability of LGW2D122MELC30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X