Part Number Hot Search : 
54000 TC372 M301202 ES112G 08100 9400F 2SK150 92B868
Product Description
Full Text Search
 

To Download IXGR120N60C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 ixys corporation, all rights reserved g = gate c = collector e = emitter isoplus247 hiperfast tm igbt isoplus247 tm ds99494a(11/07) v ces = 600v i c110 = 60a v ce(sat) 2.7v t fi(typ) = 80ns lightspeed 2 tm series (electrically isolated back surface) IXGR120N60C2 features z dcb isolated mounting tab z meets to-247ad package outline z high current handling capability z latest generation hdmos tm process z square rbsoa z very high frequency z mos gate turn-on - drive simplicity applications z uninterruptible power supplies (ups) z switched-mode and resonant-mode power supplies z ac motor speed control z dc servo and robot drives z dc choppers advantages z easy assembly z high power density z very fast switching speeds for high frequency applications preliminary technical information symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ. max. bv ces i c = 1ma, v ge = 0v 600 v v ge(th) i c = 500 a, v ce = v ge 3.0 5.5 v i ces v ce = v ces 100 a v ge = 0v t j = 125c 2 ma i ges v ce = 0v, v ge = 20v 200 na v ce(sat) i c = 100a, v ge = 15v, note 1 2.1 2.7 v t j = 125c 1.6 v (isolated tab) c e symbol test conditions maximum ratings v ces t j = 25c to 150c 600 v v cgr t j = 25c to 150c, r ge = 1m 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c (limited by leads) 75 a i c110 t c = 110c (chip capability) 60 a i cm t c = 25c, 1ms 500 a ssoa v ge = 15v, t vj = 125c, r g = 1 i cm = 200 a (rbsoa) clamped inductive load @ v ce 600v p c t c = 25c 300 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c v isol 50/60hz, rms, t = 1minute 2500 v~ i isol 1ma t = 1 seconds 3000 v~ f c mounting force 20..120/4.5..27 n/lb t l maximum lead temperature for soldering 300 c t sold plastic body for 10 seconds 260 c weight 5 g g
ixys reserves the right to change limits, test conditions, and dimensions. IXGR120N60C2 note: 1. pulse test, t 300 s; duty cycle, d 2%. preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice. symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ max. g fs i c = 60a, v ce = 10v, note 1 50 78 s c ies 14.6 nf c oes v ce = 25v, v ge = 0v, f = 1mhz 820 pf c res 280 pf q g(on) 370 nc q ge i c = 100a, v ge = 15v, v ce = 0.5 ? v ces 85 nc q gc 155 nc t d(on) 40 ns t ri 60 ns e on 1.7 mj t d(off) 120 180 ns t fi 80 ns e off 1.0 1.8 mj t d(on) 40 ns t ri 60 ns e on 2.1 mj t d(off) 165 ns t fi 92 ns e off 1.24 mj r thjc 0.42 c /w r thjc 0.15 c /w inductive load, t j = 25c i c = 80a, v ge = 15v v ce = 400v, r g = 1 inductive load, t j = 125c i c = 80a, v ge = 15v v ce = 400v, r g = 1 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 terminals: 1 - gate 2 - drain (collector) 3 - source (emitter) 4 - drain (collector) plus 247 tm (ixgr) outline dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190
? 2007 ixys corporation, all rights reserved IXGR120N60C2 fig. 1. output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 180 200 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 v ce - volts i c - amperes v ge = 15 v 13 v 11 v 7v 9v 8v fig. 2. extended output characteristics @ 25oc 0 50 100 150 200 250 300 350 012345678910 v ce - volts i c - amperes v ge = 15v 13v 11v 7v 8v 9v fig. 3. output characteristics @ 125oc 0 20 40 60 80 100 120 140 160 180 200 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 v ce - volts i c - amperes v ge = 15 v 13 v 11 v 8v 7v 9v fig. 4. dependence of v ce(sat) on junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade v ce(sat) - normalized v ge = 15v i c = 200a i c = 50a i c = 100a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 1.5 2.0 2.5 3.0 3.5 4.0 4.5 7 8 9 101112131415 v ge - volts v ce - volts i c = 200 a t j = 25oc 100a 50a fig. 6. input admittance 0 20 40 60 80 100 120 140 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 v ge - volts i c - amperes t j = 125oc 25oc - 40oc
ixys reserves the right to change limits, test conditions, and dimensions. IXGR120N60C2 fig. 10. reverse-bias safe operating area 0 20 40 60 80 100 120 140 160 180 200 220 100 200 300 400 500 600 700 v ce - volts i c - amperes t j = 125oc r g = 1 dv / dt < 10v / ns fig. 7. transconductance 0 20 40 60 80 100 120 140 0 20 40 60 80 100 120 140 160 i c - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 8. gate charge 0 2 4 6 8 10 12 14 16 0 50 100 150 200 250 300 350 400 q g - nanocoulombs v ge - volts v ce = 300v i c = 100a i g = 10ma fig. 9. capacitance 0.1 1.0 10.0 100.0 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - nanofarad s f = 1 mhz c ies c oes c res fig. 11. maximum transient thermal impedance 0.001 0.010 0.100 1.000 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w
? 2007 ixys corporation, all rights reserved IXGR120N60C2 fig. 12. inductive switching energy loss vs. gate resistance 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 12345678910 r g - ohms e off - millijoules 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 e on - millijoules e off e on - - - - t j = 125oc , v ge = 15v v ce = 400v i c = 120a i c = 80a fig. 17. inductive turn-off switching times vs. junction temperature 25 50 75 100 125 150 175 200 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 110 120 130 140 150 160 170 180 t d(off) - nanoseconds t f t d(off) - - - - r g = 1 ? , v ge = 15v v ce = 400v i c = 80a i c = 120a fig. 15. inductive turn-off switching times vs. gate resistance 80 100 120 140 160 180 200 220 240 12345678910 r g - ohms t f - nanoseconds 100 150 200 250 300 350 400 450 500 t d(off) - nanoseconds t f t d(off) - - - - t j = 125oc, v ge = 15v v ce = 400v i c = 120a i c = 80 a fig. 13. inductive swiching energy loss vs. collector current 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 40 50 60 70 80 90 100 110 120 i c - amperes e off - millijoules 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 e on - millijoules e off e on - - - - r g = 1 , v ge = 15v v ce = 400v t j = 125oc, 25oc fig. 14. inductive swiching energy loss vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 e on - millijoules e off e on - - - - r g = 1 , v ge = 15v v ce = 400v i c = 120a i c = 80a fig. 16. inductive turn-off switching times vs. collector current 0 20 40 60 80 100 120 140 160 180 200 220 40 50 60 70 80 90 100 110 120 i c - amperes t f - nanoseconds 100 110 120 130 140 150 160 170 180 190 200 210 t d(off) - nanoseconds t f t d(off) - - - - r g = 1 , v ge = 15v v ce = 400v t j = 125oc t j = 25oc
ixys reserves the right to change limits, test conditions, and dimensions. IXGR120N60C2 fig. 19. inductive turn-on switching times vs. collector current 20 30 40 50 60 70 80 90 100 110 120 40 50 60 70 80 90 100 110 120 i c - amperes t r - nanoseconds 32 34 36 38 40 42 44 46 48 50 52 t d(on) - nanoseconds t r t d(on) - - - - r g = 1 , v ge = 15v v ce = 400v t j = 125oc t j = 25oc fig. 20. inductive turn-on switching times vs. junction temperature 50 60 70 80 90 100 110 120 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds 36 38 40 42 44 46 48 50 t d(on) - nanoseconds t r t d(on) - - - - r g = 1 , v ge = 15v v ce = 400v i c = 120a i c = 80a fig. 18. inductive turn-on switching times vs. gate resistance 40 60 80 100 120 140 160 180 12345678910 r g - ohms t r - nanoseconds 30 40 50 60 70 80 90 100 t d(on) - nanoseconds t r t d(on) - - - - t j = 125oc, v ge = 15v v ce = 400v i c = 120a i c = 80a ixys ref: g_120n60c2(9d)11-06-07


▲Up To Search▲   

 
Price & Availability of IXGR120N60C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X