Part Number Hot Search : 
2B001 OPB846L 2SA1404 S3PDB AD8400 DRC4143T 300B1 S9015M
Product Description
Full Text Search
 

To Download GBU10005-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated bridge rectifiers page 1 rev :a GBU10005-G thru. gbu1010-g pa ra m et er sy mb ol un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr84 maximum reverse peak repetitive voltage maximum rms bridge input voltage maximum dc blocking voltage maximum average forward (with heatsink note2) rectified current @t c=100c (without hestsink) peak forward surage current , 8.3ms single half sine-wave super imposed on rated load (jedec method) operating temperature range storage temperature range reverse v oltage: 50 to 1000v forward current: 10a rohs device maximum ratings and electrical characteristics o rating at 25 c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 10.0 220 1.0 10.0 70 -55 to +150 -55 to +150 v v v a a v a c c gbu 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 c o m c hip comchip t echnology co., l td. notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. features -surge overload rating - 220 amperes peak. mechanical data pf c j maximum forward voltage at 5.0a dc -ideal for printed circuit board. 0 . 1 2 6 ( 3 . 2 ) * 4 5 0 .2 1 0 (5 .3 ) 0 .1 9 0 (4 .8 ) 0 .2 1 0 ( 5 .3 ) 0 .1 9 0 ( 4 .8 ) 0 .0 4 7 (1 .2 ) 0 .0 3 5 (0 .9 ) 0 .0 2 2 (0 .5 6 ) 0 .0 1 8 (0 .4 6 ) 0 .1 0 6 (2 .7 ) 0 .0 9 1 (2 .3 ) 0 . 2 3 2 ( 5 . 9 0 ) 0 . 2 1 3 ( 5 . 4 0 ) 0 .1 3 9 (3 .5 3 ) 0 .1 3 3 (3 .3 7 ) 0 . 8 7 4 ( 2 2 . 2 ) 0 . 8 6 0 ( 2 1 . 8 ) 0 . 4 0 1 ( 1 0 . 2 ) 0 . 3 9 2 ( 9 . 8 0 ) 0.752(19.1) 0.720(18.3) 0 .1 0 0 (2 .5 4 ) 0 .0 8 5 (2 .1 6 ) 0 .0 8 0 (2 .0 3 ) 0 .0 6 5 (1 .6 5 ) 0 .0 7 3 (1 .8 5 ) 0 .0 5 7 (1 .4 5 ) 0.720(18.29) 0.680(17.27) 0 .2 1 0 (5 .3 ) 0 .1 9 0 (4 .8 ) 0 . 1 6 1 ( 4 . 1 ) 0 . 1 3 4 ( 3 . 4 ) 0 .4 3 7 ( 1 1 .1 ) 0 .4 3 0 ( 1 0 .9 ) c h a m f e r 3.0 500 t j t ypical thermal resistance c/w t 2.2 r jc t ypical junction capacitance per element (note 1) 200 i t 2 i t rating for fusing (t<8.3ms) 2 dc blocking voltage @t j =125c maximum dc reverse current at rate @t j =25c 2. device mounted on 100mm*100mm*1.6mm cu plate heatsink. a s 2 gbu 10005-g gbu 1001-g gbu 1002-g gbu 1004-g gbu 1006-g gbu 1008-g gbu 1010-g -epoxy: u/l 94-v0 rate flame retardant. -mounting position: any -case: molded plastic, gbu -w eight: 3.91grams ( approx.). company reserves the right to improve product design , functions and reliability without notice.
glass passivated bridge rectifiers page 2 rev : a rating and characteristics curves (GBU10005-G thru. gbu1010-g) qw -bbr84 comchip t echnology co., l td. 0 5 0 1 0 0 1 5 0 0 . 0 1 0 3 0 4 0 c a s e t e m p e r a t u r e , ( c ) a v e r a g e f o r w a r d o u t p u t c u r r e n t , ( a ) 2 0 f i g . 1 - d e r a t i n g c u r v e o u t p u t r e c t i f i e d f i g . 2 - m a x i m u m f o r w a r d s u r g e 1 1 0 1 0 0 n u m b e r o f c y c l e a t 6 0 h z p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 1 0 0 1 5 0 3 5 0 3 0 0 s in g l e h a l f - s in e - wa v e ( j e d e c m e t h o d ) p u l s e w id t h 8 .3 m s c u r r e n t 4 0 0 5 0 2 0 0 2 5 0 f i g . 4 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s 0 4 0 8 0 1 0 0 1 4 0 0 . 0 1 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( v ) 0 . 1 1 . 0 1 0 . 0 1 2 0 6 0 2 0 f i g . 3 - t y p i c a l f o r w a r d c h a r a c t e r i s t i c s i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 . 4 1 . 0 1 0 1 0 0 0 . 1 0 . 0 1 0 . 6 1 . 2 1 . 4 1 . 6 0 . 8 1 . 0 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) t j = 2 5 c c u r r e n t company reserves the right to improve product design , functions and reliability without notice.
GBU10005-G gbu1001-g gbu1002-g gbu1004-g gbu1006-g gbu1008-g gbu1010-g part number marking code marking code glass passivated bridge rectifiers gbu10005 gbu1001 gbu1002 gbu1004 gbu1006 gbu1008 gbu1010 page 3 rev : a qw -bbr84 comchip t echnology co., l td. standard packaging c a s e t y p e g b u 2 0 t u b e ( p c s ) t u b e p a c k 1 0 0 0 b o x ( p c s ) company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of GBU10005-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X