Part Number Hot Search : 
1A101 PA3582 PA3582 N4923G 2SC394 DTA143Z 1D16UM F1603
Product Description
Full Text Search
 

To Download GBPC35-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - ul recognized file # e-326243 - glass passivated junction - typical ir less than 0.2ua - high surge current capability v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i r ua r jc o c/w t j o c t stg o c document number ds_d1312015 version:i13 gbpc 15, 25, 35 series taiwan semiconductor glass passivated brid g e rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data case gbpc molding compound, ul flammability classification rating 94v-0 terminal matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test polarity polarity as marked on the body -08 maximum rms voltage mounting torque 20 in-lbs maximum weight 16.95 gram (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol unit -06 peak forward surge current,8.3 ms gbpc15 single half sine-wave superimposed gbpc25 on rated load (jedec method) gbpc35 i fsm a 300 300 400 maximum instantaneous gbpc15 7.5a forward voltage drop per gbpc25 12.5a element at specified current gbpc35 17.5a (note 1) v f 1.1 v 5 maximum reverse current @ rated vr @ t j =25 typical thermal resistance 1.5 operating junction temperature range - 55 to + 150 storage temperature range - 55 to + 150 note 1 pulse test with pw=300u sec, 1% duty cycle note 2 : suffix "w" - wire lead structure / "m" - terminal location face to face - integrally molded heatsink provide very low thermal resistance for maximum heat dissipation gbpc gbpc-w gbpc-m -005 -01 -02 -04 -10 maximum average forward rectified current gbpc15 gbpc25 gbpc35 i f(av) a 15 25 35 maximum dc blocking voltage maximum repetitive peak reverse voltage
part no. part no. gbpc15-10 (ta=25 unless otherwise noted) document number ds_d1312015 version:i13 ratings and characteristics curves t0 gbpc description example tray note 1: "*" defines current from 15a (gbpc15-xx) to 35a (gbpc35-xx), "xx" defines voltage from 50v (gbpc*5-005) to 1000v (gbpc*5-10) gbpc*5-xx (note 1) preferred p/n packing code gbpc15-10 t0 t0 gbpc 15, 25, 35 series taiwan semiconductor packing code package ordering information packing 0 5 10 15 20 25 30 35 40 20 40 60 80 100 120 140 160 180 average forward current (a) case temperature ( o c) fig.1 forward current derating curve gbpc35 gbpc25 gbpc15 0 50 100 150 200 250 300 350 400 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current gbpc15 gbpc25 gbpc35 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics tj=25 tj=125 0.1 1 10 100 1000 0.6 0.8 1 1.2 1.4 1.6 1.8 2 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics g bp c35 gbpc25 g bp c 1 5
min max min max a 28.50 29.00 1.122 1.142 b 15.50 17.60 0.610 0.693 c 5.08 5.59 0.200 0.220 d 28.50 29.00 1.122 1.142 e 15.50 17.60 0.610 0.693 f 13.30 15.30 0.524 0.602 g 17.10 19.10 0.673 0.752 h i 10.97 11.23 0.432 0.442 j 21.50 24.50 0.846 0.965 min max min max a 28.50 29.00 1.122 1.142 b 17.10 19.10 0.673 0.752 c 5.08 5.59 0.200 0.220 d 28.50 29.00 1.122 1.142 e 17.10 19.10 0.673 0.752 f 6.20 4.40 0.244 0.173 g 10.40 12.40 0.409 0.488 h 0.97 1.07 0.038 0.042 i 10.97 11.23 0.432 0.442 j 30.50 - 1.201 - document number ds_d1312015 version:i13 gbpc 15, 25, 35 series taiwan semiconductor package outline dimensions dim. unit(mm) unit(inch) 6.35 (typ) 0.25 (typ) gbpc gbpc-w dim. unit(mm) unit(inch) 0 100 200 300 400 500 600 700 0.1 1 10 100 j unction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50mvp-p
min max min max a 28.50 29.00 1.122 1.142 b 15.50 17.60 0.610 0.693 c 5.08 5.59 0.200 0.220 d 28.50 29.00 1.122 1.142 e 15.50 17.60 0.610 0.693 f 15.50 17.60 0.610 0.693 g 15.50 17.60 0.610 0.693 h 0.76 0.86 0.030 0.034 i j 10.97 11.23 0.432 0.442 k 21.26 24.57 0.837 0.967 p/n = specific device code yww = date code f = factory code document number ds_d1312015 version:i13 unit(inch) marking diagram 6.6 (typ) 0.26 (typ) gbpc 15, 25, 35 series taiwan semiconductor package outline dimensions gbpc-m dim. unit(mm)


▲Up To Search▲   

 
Price & Availability of GBPC35-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X