Part Number Hot Search : 
PSMN1 BYV95B IS607X DC4R44 YH1300 256AL 34110 P4KE180
Product Description
Full Text Search
 

To Download G1442 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 1.5 may 21, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 G1442 global mixed-mode technology inc. 2.6w mono audio amplifier with shutdown mode features ? depop circuitry integrated ? 2.7v to 5.5v operation ? output power at 10% thd+n, vdd=5v --2.6w (typical) into a 3 load ? output power at 1% thd+n, vdd=5v --2w (typical) into a 4 load --1.3w (typical) into a 8 load ? mono bridge-tied load (btl) ? shutdown control available ? sop-8, msop-8, sop-8 (fd) and tdfn3x3-8 package available applications ? pdas ? portable devices ? notebook general description the G1442 is a mono audio power amplifier in 8 pin sop-8, msop-8, sop-8 (fd) or tdfn3x3-8 with thermal pad package. it can drive 2w continuous rms power into 4 load in bridge-tied load (btl) mode at 5v supply voltage. its thd is smaller than 1% under the above operation condition. for the low current con- sumption applications, the shdn mode is supported to disable the G1442 when it is idle. the current con- sumption can be further reduced to below 1 a. giving the shutdown pin low level will drive the G1442 entering the shutdown. ordering information order number marking temp. range package (green) G1442p11u G1442 - 40 c to +85 c sop-8 G1442p81u G1442 - 40 c to +85 c msop-8 G1442f11u G1442 - 40 c to +85 c sop-8 (fd) G1442rd1d 1442 - 40 c to +85 c tdfn3x3-8 G1442rd1u 1442 - 40 c to +85 c tdfn3x3-8 note:p1: sop-8 p8: msop-8 f1: sop-8 (fd) rd: tdfn3x3-8 1: bonding code u & d: tape & reel pin configuration note: recommend connecting the thermal pad to the gnd for excellent power dissipation. bypass vdd vo1 gnd sop-8 (fd) G1442 top view thermal pad in+ in- vo2 1 2 3 4 8 7 6 5 tdfn3x3-8 1 2 3 4 8 7 6 5 thermal pad G1442 bypass shutdown in+ in- vdd vo1 gnd vo2 shutdown bypass vdd vo1 gnd sop-8/msop-8 G1442 in+ in- vo2 1 2 3 4 8 7 6 5 shutdown note: recommend connecting the thermal pad to the gnd for excellent power dissipation. bypass vdd vo1 gnd sop-8 (fd) G1442 top view thermal pad in+ in- vo2 1 2 3 4 8 7 6 5 tdfn3x3-8 1 2 3 4 8 7 6 5 thermal pad G1442 bypass shutdown in+ in- vdd vo1 gnd vo2 shutdown bypass vdd vo1 gnd sop-8/msop-8 G1442 in+ in- vo2 1 2 3 4 8 7 6 5 shutdown


▲Up To Search▲   

 
Price & Availability of G1442

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X