Part Number Hot Search : 
RT33L012 MAX5484 74HCT86N R3060 DD200S UCD1H101 100M255 DSP56855
Product Description
Full Text Search
 

To Download FK3506010L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? halogen-free / rohs compliant (eu rohs / ul-94 v-0 / msl:level 1 compliant) 000 ? absolute maximum ratings ta = 25 ?? c page +150 ? c storage temperature tstg -55 to channel temperature tch operating ambient temperature -40 topr ? c to +85 of 15 drain current total power dissipation pulse drain current idp pd product standards mos fet FK3506010L internal connection ? low drive voltage : 2.5 v drive FK3506010L silicon n-channel mos fet parameter vgs ? 12 v unit : mm ? packaging embossed type (thermo-compression sealing) : 3 pcs / reel (standard) ? features ? marking symbol : cv for switching fk330601 in smini3 type package ? c ma 150 rating unit 150 200 mw v ma 100 symbol 60 id vds drain-source voltage gate-source voltage 1. gate 2. source 3. drain jeita sc-85 panasonic smini3-f2-b code D pin name 1. gate 2. source 3. drain 2.1 2.0 0.9 1.25 1.3 (0.65) 0.13 0.3 12 3 (0.65) 1 (g) 2 (s) (d) 3 d o c n o . t t4 - ea - 12624 r e v i sio n . 3 e s t a b li s h e d : 2010 - 06 - 07 r e v i s e d : 2013 - 07 - 08
measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. *1 turn-on and turn-off test circuit page note) 1. ? electrical characteristics ta = 25 ?? c ? 3 ?? c parameter symbol drain-source cutoff current drain-source breakdown voltage vdss idss unit conditions min typ max product standards mos fet FK3506010L 2of5 ? a vgs = ? 10 v, vds = 0 id = 1.0 ? a, vds = 3.0 v id = 10 ma, vgs = 2.5 v 1.0 2. input capacitance output capacitance reverse transfer capacitance turn-on time *1 v id = 1 ma, vgs = 0 60 vds = 60 v, vgs = 0 toff gate-source cutoff current gate threshold voltage drain-source on resistance forward transfer admittance turn-off time *1 igss vth rds(on) |yfs| vds = 3 v, vgs = 0, f = 1 mhz vdd = 3 v, vgs = 0 to 3 v, coss crss ton ciss id = 10 ma 0.9 20 id = 10 ma, vgs = 4.0 v id = 10 ma, vds = 3.0 v 1.2 8 6 60 12 7 ? 10 1.5 15 12 3 100 100 id = 10 ma vdd = 3 v, vgs = 3 to 0 v, ? a v ? ? ns ns ms pf pf pf 50 vdd=3v vin vgs=03v id=10ma rl=300 vout d s g 50 vdd=3v vin vgs=03v id=10ma rl=300 vout d s g 10% 90% 10% 90% v gs v out ton toff d o c n o . t t4 - ea - 12624 r e v i sio n . 3 e s t a b li s h e d : 2010 - 06 - 07 r e v i s e d : 2013 - 07 - 08
page of 5 3 FK3506010L mos fet product standards id - vds id - vgs vds - vgs rds(on) - id capacitance - vds 0 0.02 0.04 0.06 0.08 0.1 0 0.5 1 1.5 drain-source voltage vds (v) drain current id (a) vgs = 2.0 v 2.5 v 4.0 v 0 0.1 0.2 0.3 2345 gate-source voltage vgs (v) drain-source voltage vds (v) id = 20 ma 10 ma 5 ma 1 10 100 1 10 100 drain current id (ma) drain-source on-state resistance rds(on) ( ? ) vgs = 4.0 v 2.5 v 0.1 1 10 100 0.1 1 10 100 drain-source voltage vds (v) capacitance c (pf) ciss coss crss 0 0.02 0.04 0.06 0.08 0.1 0 0.5 1 1.5 2 2.5 3 gate-source voltage vgs (v) drain current id (a) 25 ta= 85 -40 d o c n o . t t4 - ea - 12624 r e v i sio n . 3 e s t a b li s h e d : 2010 - 06 - 07 r e v i s e d : 2013 - 07 - 08
page FK3506010L mos fet product standards vth - ta rds(on) - ta of 5 rth - tsw safe operating area 4 pd - ta 0.0001 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 drain-source voltage vds (v) drain current id (a) idp = 0.2 a operation in this area is limited by rds(on) ta = 25 ? c, glass epoxy board (25.4 ? 25.4 ? t0.8mm) coated with copper foil, which has more than 300mm 2 . 0 0.05 0.1 0.15 0.2 0 50 100 150 temperature ta ( ? c) total power dissipation pd (w) 10 100 1000 0.1 1 10 100 1000 pulse width tsw (s) thermal resistance rth ( ? c/w) 0 0.5 1 1.5 2 2.5 -50 0 50 100 150 temperature ( ) gate-source threshold voltage (v) 0 2 4 6 8 10 12 -50 0 50 100 150 temperature ( ) drain-source on-resistance rds(on) (m ? ) vgs = 2.5 v 4.0 v 100 ms 10 ms 1 ms 1 s dc d o c n o . t t4 - ea - 12624 r e v i sio n . 3 e s t a b li s h e d : 2010 - 06 - 07 r e v i s e d : 2013 - 07 - 08
page smini3-f2-b unit : mm product standards mos fet FK3506010L 5of5 ? land pattern (reference) (unit : mm) 2 0.30 +0.05 -0.02 0.13 +0.05 -0.02 1.3 0.1 2.0 0.2 (0.65) (0.65) 2.1 0.1 1.25 0.10 0 to 0.1 0.425 0.050 0.9 0.1 (0.89) (0.49) 1 3 (5) (5) 0.8 0.9 1.9 1.3 d o c n o . t t4 - ea - 12624 r e v i sio n . 3 e s t a b li s h e d : 2010 - 06 - 07 r e v i s e d : 2013 - 07 - 08
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for general applications (such as office equipment, communications equipment, measuring instruments and household appliances), or for specific applications as expressly stated in this book. consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automotive equipment, traffic signaling equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. it is to be understood that our company shall not be held responsible for any damage incurred as a result of or in connection with your using the products described in this book for any special application, unless our company agrees to your using the products in this book for any special application. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20100202


▲Up To Search▲   

 
Price & Availability of FK3506010L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X