Part Number Hot Search : 
SK35NT16 4ACT1 HC1S30 167BZI LC89972M 29W320 2SC2860 BSP52T3
Product Description
Full Text Search
 

To Download DMP3056L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmp30 56 l document number: ds 37386 rev. 2 - 2 1 of 6 www.diodes.com december 2014 ? diodes incorporated dmp30 56 l new product 30v p - channel enhancement mode mosfet sot 2 3 ordering information (note 4 ) part number case packaging dmp30 56 l - 7 so t 23 30 00/tape & reel dmp30 56 l - 13 so t 23 100 00/tape & reel note s: 1 . no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging det ails, go to our website at http: //www.diodes.com/products/packages.html . marking information date code key year 2012 2013 2014 2015 2016 2017 2018 201 9 code z a b c d e f g month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d product summary v (br)dss r ds(on) i d max t a = +25c - 30v 5 0 m @ v gs = - 10v - 4. 3 a 7 0 m @ v gs = - 4.5v - 3. 7 a description and applications this new generation mosfet has been designed to minimize the on - state resistance (r ds(on ) ) and yet maintain superior switching performance, making it ideal for high efficiency power management applications. features ? low on - resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? low input/output leakage ? totally lead - free & fully rohs c ompliant (note s 1 & 2 ) ? halogen and antimony free. green device (note 3 ) mechanical data ? case: sot 2 3 ? case material: molded plastic. ul flammability classification rating 94v - 0 ? moisture sens itivity: level 1 per j - std - 020 ? terminals: solderable per mil - std - 202, method 208 ? lead free plating (matte tin finish a nnealed over alloy 42 l eadframe) ? terminal connections: see diagram ? weight: 0.006 grams ( a pproximate) top view top view pin configuration 6l = product type marking code ym = date code marking y or y = year (ex: b = 20 14 ) m = month (ex: 9 = september) equivalent circuit d s g e3 d g s 6l y ? m 6l y m
dmp30 56 l document number: ds 37386 rev. 2 - 2 2 of 6 www.diodes.com december 2014 ? diodes incorporated dmp30 56 l new product maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value units drain - source voltage v dss - 30 v gate - source voltage v gss ? gs = - 10v stead y state t a = + 25c t a = + 70c i d - 4. 3 - 3. 4 a pulsed drain current (note 6 ) i dm - 20 a thermal characteristics characteristic symbol value unit total power dissipation (note 5 ) p d 1. 38 w thermal resistance, junction to ambient (note 5 ) r ? ja 91 c/w operating and storage temperature range t j, t stg - 55 to +150 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7 ) drain - source breakdown voltage bv dss - 30 ? ? gs = 0v, i d = - 250 a zero gate voltage drain current i dss ? ? ds = - 30v, v gs = 0v gate - source leakage i gss ? ? ? ? gs = ? ds = 0v v gs = ? ds = 0v on characteristics (note 7 ) gate threshold voltage v gs( th ) - 1 ? ? ds = v gs , i d = - 250 a static drain - source on - resistance r ds(on) ? ? ? 35 5 0 50 70 m ? gs = - 10v, i d = - 6.0a v gs = - 4.5v, i d = - 5.0a diode forward voltage v sd ? ? gs = 0v, i s = - 1.7a dynamic characteristics (note 8 ) input capacitance c iss ? ? ds = - 25v, v gs = 0v , f = 1.0mhz output capacitance c oss ? ? rss ? ? g ? ? ? ? ? ds = 0v, v gs = 0v , f = 1.0mhz total gate charge ( v gs = - 4.5v ) q g ? ? ? ? ds = - 15v, i d = - 6a total gate charge ( v gs = - 10 v ) q g ? ? ? ? ds = - 15v, i d = - 6a gate - source charge q gs ? ? ? ? gd ? ? ? ? d ( on ) ? ? ? ? ds = - 15v, v gs = - 10v, i d = - 1a, r g = 6.0 ? rise time t r ? ? ? ? d ( off ) ? ? ? ? f ? ? ? ? notes: 5 . device mounted on fr - 4 substrate pc board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate . 6. pulse width 10 s, duty cycle 1%. 7 . short duration pulse test used to minimize self - heating effect. 8. guaranteed by design. not subject to production testing .
dmp30 56 l document number: ds 37386 rev. 2 - 2 3 of 6 www.diodes.com december 2014 ? diodes incorporated dmp30 56 l new product 0.0 2.0 4.0 6.0 8.0 10.0 12.0 0 1 2 3 4 5 - i d , drain current (a) - v ds , drain - source voltage (v) fig ure 1. typical output characteristic v gs = - 2.5v v gs = - 3.0v v gs = - 4.0v v gs = - 4.5v v gs = - 10.0v 0 1 2 3 4 5 6 7 8 9 10 0 1 2 3 4 5 - i d , drain current (a) - v gs , gate - source voltage (v) figure 2. typical transfer characteristic v ds = - 5.0v t a = - 55 t a =25 t a =85 t a =125 t a =150 ds(on) , drain - source on - resistance ( ? d , drain - source current (a) figure 3. typical on - resistance vs. drain current and gate voltage v gs = - 4.5v v gs = - 10.0v 0 0.05 0.1 0.15 0.2 0 2 4 6 8 10 12 14 16 18 20 r ds(on) , drain - source on - resistance ( ? gs , gate - source voltage (v) figure 4. typical transfer characteristic i d = - 5.0a i d = - 4.2a 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1 1 2 3 4 5 6 7 8 9 10 r ds(on) , drain - source on - resistance ( ? d , drain current (a) figure 5. typical on - resistance vs. drain current and temperature v gs = - 4.5v t a = - 55 t a =25 t a =85 t a =150 t a =125 ds(on) , drain - source on - resistance (normalized) t j , junction temperature ( v gs = - 4.5v, i d = - 3.7a v gs = - 10v, i d = - 4.3a
dmp30 56 l document number: ds 37386 rev. 2 - 2 4 of 6 www.diodes.com december 2014 ? diodes incorporated dmp30 56 l new product 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1 - 50 - 25 0 25 50 75 100 125 150 r ds(on) , drain - source on - resistance ( ? j , junction temperature ( v gs = - 4.5v, i d = - 3.7a v gs = - 10v, i d = - 4.3a 0.5 1 1.5 2 2.5 - 50 - 25 0 25 50 75 100 125 150 - v gs(th) , gate threshold voltage (v) t j , junction temperature ( i d = - 1ma i d = - 250 m a 0 1 2 3 4 5 6 7 8 9 10 0 0.3 0.6 0.9 1.2 1.5 - i s , source current (a) - v sd , source - drain voltage (v) fig ure 9. diode forward voltage vs. current v gs =0v, t a = - 55 v gs =0v, t a =25 v gs =0v, t a =85 v gs =0v, t a =125 v gs =0v, t a =150 t , junction capacitance (pf) v ds , drain - source voltage (v) figure 10. typical junction capacitance f=1mhz c iss c oss c rss 0 2 4 6 8 10 0 2 4 6 8 10 12 v gs , gate - source voltage (v) qg, total gate charge (nc) figure 11. gate charge v ds = - 15v, i d = - 6a 0.01 0.1 1 10 100 0.1 1 10 100 i d , drain current (a) v ds , drain - source voltage (v) figure 12. soa, safe operation area t j,(max) =150 t a =25 single pulse dut on 1*mrp board v gs =10v r ds(on) limited dc p w =10s p w =1s p w =100ms p w =10ms p w =1ms p w =100 m s
dmp30 56 l document number: ds 37386 rev. 2 - 2 5 of 6 www.diodes.com december 2014 ? diodes incorporated dmp30 56 l new product package outline dimensions please see ap02002 at http://w ww.diodes.com/datasheets/ap02002 .pdf for the latest version. suggested pad layout please see ap02001 at http://w ww.diodes.com/datasheets/ap02001 .pdf for the latest version. 0.001 0.01 0.1 1 1e - 06 1e - 05 0.0001 0.001 0.01 0.1 1 10 100 1000 r(t), transient thermal resistance t1, pulse duration time (sec) figure 13. transient thermal resistance r ? ja (t)=r(t) * r ? ja r ? ja =165 d=single pulse d=0.005 d=0.01 d=0.02 d=0.05 d=0.1 d=0.3 d=0.5 d=0.7 d=0.9 sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0. 890 1. 0 0 0.975 k1 0.903 1.10 1.0 25 l 0.45 0.61 0.55 l 1 0. 2 5 0. 55 0. 40 m 0.085 0.1 50 0.11 0 a ? all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 x e y c z j k1 k l1 gauge plane 0.25 h l m all 7 a c b d g f a
dmp30 56 l document number: ds 37386 rev. 2 - 2 6 of 6 www.diodes.com december 2014 ? diodes incorporated dmp30 56 l new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated do es not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. t his document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products ar e specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related re quirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMP3056L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X