Part Number Hot Search : 
4N2X08 045984 NTE3056 7808P 7808P 20120 M52979E GAL20V8
Product Description
Full Text Search
 

To Download DMF5002NY-EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMF5002NY-EB (aa) no.97-0072 optrex corporation page 1/16 optrex type no. ******* march 27, 1997 first edition final revision quality assurance div. production div. checked by checked by approved by production div. design engineering div. prepared by lcd module specification dmf5002ny?b table of contents 1. general specifications.................................................................2 2. electrical specifications...............................................................3 3. optical specifications..................................................................7 4. i/o terminal..............................................................................9 5. test........................................................................................11 6. appearance standards................................................................12 7. code system of production lot................................................15 8. type number...........................................................................15 9. applying precautions................................................................15 10. handling precautions................................................................16 revision history rev. date page comment
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 2/16 optrex 1. general specifications operating temp. : min. 0?c ~ max. 50?c storage temp. : min. -20?c ~ max. 60?c dot pixels : 128 (w) 112 (h) dots dot size : 0.50 (w) 0.49 (h) mm dot pitch : 0.54 (w) 0.53 (h) mm viewing area : 77.0 (w) 66.0 (h) mm outline dimensions : 110.0 (w) 90.6 (h) 12.8 (d) mm weight : 120g max. lcd type : nsd-7399 ( stn / yellow-mode / transflective ) viewing angle : 3:00 control lsi : t6963c-0101 (produced by toshiba) data transfer : 8-bit parallel data transfer backlight : electro luminescence (el) / blue-green drawings : dimensional outline ue-35450
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 3/16 optrex 2. electrical specifications 2.1. absolute maximum ratings v ss =0v parameter symbol conditions min. max. units supply voltage (logic) v cc -v ss -0.3 7.0 v supply voltage (lcd drive) v cc -v ee 0 30.0 v input voltage v i -0.3 v cc +0.3 v 2.2. dc characteristics ta=25?c, v ss =0v parameter symbol conditions min. typ. max. units supply voltage (logic) v cc -v ss 4.5 5.5 v supply voltage v cc -v ee 21.0 26.0 v (lcd drive) v cc -v adj shown in 3.1 v high level input voltage v ih v cc =5.0v?0% v cc -2.2 v cc v low level input voltage v il v cc =5.0v?0% 0 0.8 v high level output voltage v oh i oh =-0.75ma v cc -0.3 v cc v low level output voltage v ol i ol =0.75ma 0 0.3 v supply current i cc v cc -v ss =5.0v 9.0 20.0 ma i ee v cc -v adj =18.9v 4.0 10.0 ma
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 4/16 optrex 2.3. ac characteristics v cc =5.0v?0% parameter symbol min. max. units c/d setup time t cds 100 ns c/d hold time t cdh 10 ns ce, rd, wr pulse width t ce , t rd , t wr 80 ns data setup time t ds 80 ns data hold time t dh 40 ns access time t acc 150 ns output hold time t oh 10 50 ns (write) (read) rd, wr d0~d7 ce c/d d0~d7 t ds t oh t dh t acc t ce , t rd , t wr t cdh t cds
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 5/16 optrex 2.4. power supply on/off sequence 2.4.1. on sequence 2.4.2. off sequence 2.4.3. reset sequence please maintain the above sequence when turning on and off the power supply of the module. if v ee and/or v adj is supplied to the module while internal alternate signal for lcd driving (m) is unstable or reset is active, dc component will be supplied to the lcd panel. this may cause damage to the lcd module. reset vcc vadj signal t 3 0 t 3 0 t 3 0 t 3 50ms t 3 50ms t>2 m s level l level h level vcc vadj vcc vss power off power on reset cancellation reset vee vss vss vcc vss vcc vcc vee 0 t signal 0 t signal vcc level vadj vadj vee vss vss vcc vss vcc vcc vee 0 t signal 0 t signal vcc level vadj vadj
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 6/16 optrex 2.5. lighting specifications 2.5.1. absolute maximum rating ta=25?c parameter conditions min. typ. max. units input voltage 150 vrms input frequency ac 100vrms 800 hz 2.5.2. operating characteristics ta=25?c parameter conditions min. typ. max. units input voltage 100 vrms input frequency 400 hz current ac 400vrms, 100hz 9.4 12.0 ma luminance of backlight surface ac 400vrms, 100hz 40 50 cd/m 2 life ac 400vrms, 100hz ta=20?c, 60%rh 2000 hrs
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 7/16 optrex 3. optical specifications 3.1. lcd driving voltage parameter symbol conditions min. typ. max. units recommended ta= 0?c 22.5 v lcd driving voltage v cc -v adj ta=25?c 17.6 18.9 20.2 v note 1 ta=50?c 15.9 v note 1 : voltage (applied actual waveform to lcd module) for the best contrast. the range of minimum and maximum shows tolerance of the operating voltage. the specified contrast ratio and response time are not guaranteed over the entire range. 3.2. optical characteristics ta=25?c, 1/128 duty, 1/11.6 bias, v d =18.3v (note 4), q = 0?, f = parameter symbol conditions min. typ. max. units contrast ratio note 1 cr q = 0?, f = 8 viewing angle shown in 3.3 response rise note 2 t r 200 300 ms time decay note 3 t d 340 510 ms note 1 : contrast ratio is definded as follows. cr = l off / l on l on : luminance of the on segments l off : luminance of the off segments note 2 : the time that the luminance level reaches 90% of the saturation level from 0% when on signal is applied. note 3 : the time that the luminance level reaches 10% of the saturation level from 100% when off signal is applied. note 4 : definition of driving voltage v d assuming that the typical driving waveforms shown below are applied to the lcd panel at 1/a duty - 1/b bias ( a : duty number, b : bias number ). driving voltage v d is definded as follows. v d = (vth1+vth2) / 2 vth1 :the voltage v o-p that should provide 50% of the satulation level in the luminance at the segment which the on signal is applied to. vth2 :the voltage v o-p that should provide 50% of the satulation level in the luminance at the segment which the off signal is applied to. v o-p 1 / f f ( b-2 ) v o-p / b 1 / ( f f a ) (off signal) (on signal)
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 8/16 optrex 3.3. definition of viewing angle and optimum viewing area ?oint l shows the point where contrast ratio is measured. : q = 0?, f = ?riving condition : 1/128 duty, 1/11.6 bias, v d =18.3v, f f =70hz ?rea shows typ. cr 3 2 3.4. system block diagram 0? 90? 180? 270? q f 270? 135? 315? 225? 45? 180? 90? q ( f = 0?) f 10 20 30 40 50 f halogen bulb computer rotation table ( q , f ) temperature chamber lcd optical fiber waveform generator control unit & #1980a wb photometer q
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 9/16 optrex 4. i/o terminal 4.1. pin assignment no. symbol level function 1 fg frame ground 2 v ss power supply (0v, gnd) 3 v cc power supply for logic 4 v adj voltage level for lcd contrast adjustment 5 v ee power supply for lcd drive 6 wr h / l write signal l : active 7 rd h / l read signal l : active 8 ce h / l chip enable signal l : active 9 c/d h / l write mode h : command write l : data write read mode h : status read l : data read 10 halt h / l clock operating stop signal l : halt 11 reset h / l reset signal l : reset 12 d0 h / l display data 13 d1 h / l display data 14 d2 h / l display data 15 d3 h / l display data 16 d4 h / l display data 17 d5 h / l display data 18 d6 h / l display data 19 d7 h / l display data 20 nc non-connection 21 el power supply for el 22 el power supply for el 4.2. example of power supply it is recommended to apply a potentiometer for the contrast adjust due to the tolerance of the driving voltage and its temperature dependence. module vadj vcc vee vss vss (0v) vcc (+voltage) r1+r2+vr=10~20 k w vee (-voltage) r2 r1 vr
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 10/16 optrex 4.3. block diagram el el vadj vee fg halt vss d0~d7 vcc ce rd wr c/d reset or equivalent t6961b 2 t6963c control lsi row driver or equivalent t6a39 2 column driver 2 128 l c d p 128 112 dots to lsi bias circuit el backlight 8 3 5 112 8 13 64k s-ram x-tal j m circuit 1
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 11/16 optrex 5. test no change on display and in operation under the following test condition. no. parameter conditions notes 1 high temperature operating 50?c??c, 96hrs (operation state) 2 low temperature operating 0?c??c, 96hrs (operation state) 3 3 high temperature storage 60?c??c, 96hrs 4 4 low temperature storage -20?c??c, 96hrs 3, 4 5 damp proof test 40?c??c, 90~95%rh, 96hrs 3, 4 6 vibration test total fixed amplitude : 1.5mm 5 vibration frequency : 10~55hz one cycle 60 seconds to 3 directions of x, y, z for each 15 minutes 7 shock test to be measured after dropping from 60cm high on the concrete surface in packing state. note 1 : unless otherwise specified, tests will be conducted under the following condition. temperature : 20??c humidity : 65?% note 2 : unless otherwise specified, tests will be not conducted under functioning state. note 3 : no dew condensation to be observed. note 4 : the function test shall be conducted after 4 hours storage at the normal temperature and humidity after removed from the test chamber. note 5 : vibration test will be conducted to the product itself without putting it in a container. e a g d c f 60cm concrete surface dropping method corner dropping e,f,g face : once b,c,d edge : once a corner : once face dropping edge dropping b
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 12/16 optrex 6. appearance standards 6.1. inspection conditions the lcd shall be inspected under 40w white fluorescent light. the distance between the eyes and the sample shall be more than 30cm. all directions for inspecting the sample should be within 45?against perpendicular line. 6.2. definition of applicable zones a zone : active display area b zone : area from outside of "a zone" to validity viewing area c zone : rest parts a zone + b zone = validity viewing area a zone b zone c zone bezel flame 45?
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 13/16 optrex 6.3. standards no. parameter criteria 1 black and (1) round shape white spots, zone acceptable number foreign substances dimension (mm) a b c d 0.1 * * * 0.1 < d 0.2 3 5 * 0.2 < d 0.25 2 3 * 0.25< d 0.3 0 1 * 0.3 < d 0 0 * d = ( long + short ) / 2 * : disregard (2) line shape zone acceptable number x (mm) y (mm) a b c 0.03 3 w * * * 2.0 3 l 0.05 3 w 3 3 * 1.0 3 l 0.1 3 w 3 3 * 0.1 DMF5002NY-EB (aa) no.97-0072 optrex corporation page 14/16 optrex no. parameter criteria 3 the shape of dot (1) dot shape (with dent) as per the sketch of left hand. (2) dot shape (with projection) should not be connected to next dot. (3) pin hole (x+y) / 2 0.2mm (less than 0.1mm is no counted.) (4) deformation (x+y) / 2 0.2mm total acceptable number : 1/dot, 5/cell (defect number of (4) : 1pc.) 4 polarizer scratches refer to the sample. 5 polarizer dirts if the stains are removed easily from lcdp surface, the module is not defective. 6 complex foreign black spots, line shaped foreign substances or air bubbles between substance defects glass & polarizer should be 5pcs maximum in total. 7 distance between d 0.2 : 20mm or more different foreign 0.2 DMF5002NY-EB (aa) no.97-0072 optrex corporation page 15/16 optrex 7. code system of production lot the production lot of module is specified as follows : factory number factory code (alphabet) production week (1~5) production month (1~9, x, y, z) production year (lower 2 digits) 8. type number the type number of module is specified on the back of module as follows : dmf5002n y?b stamp etching or printing 9. applying precautions please contact us when questions and/or new problems not specified in this specifications arise.
DMF5002NY-EB (aa) no.97-0072 optrex corporation page 16/16 optrex 10. handling precautions operex products are designed for use in ordinary electronic devices such as business machines, telecommunications equipment, measurement devices and etc.. optrex products are not designed, intended, or authorized for use in any application in which the failure of the product could result in a situation where personal injury or death may occur. these applications include, but are not limited to, life-sustaining equipment, nuclear control devices, aerospace equipment, devices related to hazardous or flammable materials, etc. (if buyer intends to purchase or use the optrex products for such unintended or unauthorized applications, buyer must secure prior written consent to such use by a responsible officer of optrex corporation.) should buyer purchase or use optrex products for any such unintended or unauthorized application (without such consent), buyer shall indemnify and hold optrex and its officers, employees, subsidiaries, affiliates and distributors harmless against all claims, costs, damages and expenses, and reasonable attorney's fees, arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that optrex was negligent regarding the design or manufacture of the part. 1) lcd may be broken because it is made of glass. 2) polarizer is a soft material and can easily be scratched. 3) please avoid static electricity. ? please be sure to ground human body and electric appliances during work. - it is preferable to use conductive mat on table and wear cotton clothes or conduction processed fiber. synthetic fiber is not recommended. ? please slowly peel off protective film, because static electricity may be charged. 4) if it is necessary to store lcd modules for a long time, please comply with the following procedures. if storage condition is not satisfactory, display (especially polarizer) may be deteriorated or soldering i/o terminals may become difficult (some oxide is generated at i/o terminals plating). ? store as delivered by optrex - if you store as unpacked, put in anti-static bag, seal its opening and store where it is not subjected to direct sunshine nor fluorescent lamp. ? store at temperature 0 to +35?c and at low humidity. please refer to our specification sheets for storage temperature range and humidity condition. 5) the module does not contain excess current limiter. please design the limiter to cut excess current in your power supply circuit. 6) liquid crystal may be leaked when display is broken. never taste it. if your hands or clothes touch it, please immediately wash using soap. 7) the connection between the bezel and v ss (gnd) is not specified in the module. (some module do not maintain connection between them.) please consult optrex to specify the connection. optrex shall not be responsible for any infringement of industrial property rights of third parties in any country arising out of the application or use of optrex products, except which directly concern the structure or production of such products.


▲Up To Search▲   

 
Price & Availability of DMF5002NY-EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X