Part Number Hot Search : 
85HF10M BY8110 AT90S23 MAX155 M54HC112 100505 CZRA3014 SFH4203
Product Description
Full Text Search
 

To Download CEDM7001E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary CEDM7001E surface mount n-channel enhancement-mode silicon mosfet sot-883l case central semiconductor corp. tm r1 (16-march 2007) description: the central semiconductor CEDM7001E is an enhancement-mode n-channel field effect transistor, manufactured by the n-channel dmos process, designed for high speed pulsed amplifier and driver applications. this mosfet offers low r ds(on) and low theshold voltage. marking code: CEDM7001E: e bottom view top view features: ? power dissipation 100mw ? low package profile, 0.4mm ? low r ds(on) ? low threshold voltage ? logic level compatible ? small, tlp? 1x0.6mm, sot-883l leadless surface mount package applications: ? load/power switches ? power supply converter circuits ? battery powered portable equipment maximum ratings (t a =25c) symbol units drain-source voltage v ds 20 v gate-source voltage v gs 10 v continuous drain current (steady state) i d 100 ma continuous drain current i d 200 ma power dissipation p d 100 mw operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf v gs =10v, v ds =0v 1.0 a i gssr v gs =10v, v ds =0v 1.0 a i dss v ds =20v, v gs =0v 1.0 a bv dss v gs =0v, i d =100a 20 v v gs(th) v ds =v gs , i d =250a 0.6 0.9 v r ds(on) v gs =4.0v, i d =100ma 1.0 2.0 ? y fs v ds =10v, i d =100ma 100 ms c rss v ds =3.0v, v gs =0, f=1.0mhz tbd pf c iss v ds =3.0v, v gs =0, f=1.0mhz tbd pf c oss v ds =3.0v, v gs =0, f=1.0mhz tbd pf t on v dd =3.0v, v gs =2.5v, i d =10ma tbd ns t off v dd =3.0v, v gs =2.5v, i d =10ma tbd ns
preliminary central semiconductor corp. tm r1 (16-march 2007) sot-883l - mechanical outline lead code: 1) gate 2) source 3) drain CEDM7001E surface mount n-channel enhancement-mode silicon mosfet


▲Up To Search▲   

 
Price & Availability of CEDM7001E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X