Part Number Hot Search : 
IRB120 2SK2183 41470 CM55C BLF6G 27C51 DSWM9040 C4002
Product Description
Full Text Search
 

To Download BTP1955L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c811l3 issued date : 2007.09.04 revised date : 2009.09.23 page no. : 1/6 BTP1955L3 cystek product specification pnp epitaxial planar high curre nt (high performance) transistor BTP1955L3 features ? 4 amps continuous current, up to 10 amps peak current ? very low saturation voltage ? excellent gain characteristic s specified up to 3 amps ? ptot=3watts ? extremely low equivalent on resistance, r ce(sat) =75m at 3a ? pb-free package symbol outline BTP1955L3 b base c collector e emitter sot-223 c e c b absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo -180 v collector-emitter voltage v ceo -140 v emitter-base voltage v ebo -6 v continuous collector current i c -4 a peak collector current i cp -10 a base current i b -1 a power dissipation @t a =25 c pd 3 (note 1) w esd susceptibility 4000 (note 2) v operating and storage temperature range tj ; tstg -55 ~ +150 c note: 1.the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 4 square inch minimum. 2.human body model, 1.5k in series with 100pf
cystech electronics corp. spec. no. : c811l3 issued date : 2007.09.04 revised date : 2009.09.23 page no. : 2/6 BTP1955L3 cystek product specification characteristics (ta=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions bv cbo -180 -210 - v i c =-100 a bv cer -180 -210 - v i c =-1 a, r be 1k  *bv ceo -140 -170 - v i c =-10ma bv ebo -6 -8 - v i e =-100 a i cbo - - -50 na v cb =-150v i cer - - -50 na v ce =-150v, r be 1k  i ebo - - -10 na v eb =-6v *v ce(sat) 1 - -30 -60 mv i c =-100ma, i b =-5ma *v ce(sat) 2 - -60 -120 mv i c =-500ma, i b =-50ma *v ce(sat) 3 - -100 -150 mv i c =-1a, i b =-100ma *v ce(sat) 4 - -220 -370 mv i c =-3a, i b =-300ma *v be(sat) - -900 -1110 mv i c =-3a, i b =-300ma *v be(on) - -830 -950 mv v ce =-5v, i c =-3a h fe 1 100 - - - v ce =-5v, i c =-10ma h fe 2 100 - 500 - v ce =-5v, i c =-1a *h fe 3 75 - - - v ce =-5v, i c =-3a *h fe 4 - 10 - - v ce =-5v, i c =-10a f t - 110 - mhz v ce =-10v, i c =-100ma, f=50mhz cob - 40 - pf v cb =-20v, f=1mhz ton 68 ns toff 1030 ns i c =-1a, i b 1=-100ma, i b 2=100ma, v cc =-50v *pulse test: pulse width 380 s, duty cycle 2% classification of h fe 2 rank q r s range 100~270 180~390 270~500 ordering information device package shipping marking BTP1955L3 sot-223 (pb-free) 2500 pcs / tape & reel 1955 moisture sensitivity level : conform to jedec level 3 recommended storage condition: temperature : 30 c humidity : 60% rh
cystech electronics corp. spec. no. : c811l3 issued date : 2007.09.04 revised date : 2009.09.23 page no. : 3/6 BTP1955L3 cystek product specification characteristic curves current gain vs collector current 10 100 1000 1 10 100 1000 10000 collector current---ic(ma) current gain---hfe vce=1v vce=5v vce=2v saturation voltage vs collector current 1 10 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) ic=10ib vce(sat) ic=20ib ic=50ib saturation voltage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) vbe(sat) @ ic=10ib on vottage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) on voltage---(mv) vbe(on)@vce=5v power derating curve 0 0.5 1 1.5 2 2.5 3 3.5 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(w)
cystech electronics corp. spec. no. : c811l3 issued date : 2007.09.04 revised date : 2009.09.23 page no. : 4/6 BTP1955L3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c811l3 issued date : 2007.09.04 revised date : 2009.09.23 page no. : 5/6 BTP1955L3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c811l3 issued date : 2007.09.04 revised date : 2009.09.23 page no. : 6/6 BTP1955L3 cystek product specification sot-223 dimension *: typical 321 f b a c d e g h a1 a2 i marking: device code nov, c dec year code: 52005, 6 2006, 72007,?,etc month code: 1jan,2 feb,3 mar, ?, 9 sep, a oct, b style: pin 1.base 2.collector 3.emitter 3-lead sot-223 plastic surface mounted package cystek package code: l3 inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1142 0.1220 2.90 3.10 g 0.0551 0.0709 1.40 1.80 b 0.2638 0.2874 6.70 7.30 h 0.0098 0.0138 0.25 0.35 c 0.1299 0.1457 3.30 3.70 i 0.0008 0.0039 0.02 0.10 d 0.0236 0.0315 0.60 0.80 a1 *13 o - *13 o - e *0.0906 - *2.30 - a2 0 o 10 o 0 o 10 o f 0.2480 0.2638 6.30 6.70 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTP1955L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X