Part Number Hot Search : 
2N6304 UR4KB40 74ACT MJE34 106K0 00M63X 21210 CZD13003
Product Description
Full Text Search
 

To Download BSS63R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.base 2.emitter 3.collector 12 3 unit: mm sot-23 0.1 +0.05 -0.01 BSS63R features sot23 pnp silicon planar absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -110 v collector-emitter voltage v ceo -100 v emitter-base voltage v ebo -6 v continuous collector current i c -100 ma power dissipation p tot 330 mw operating and storage temperature range t j, t stg -55to+150 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage v (br)cbo i c =-10a -110 v collector-emitter breakdown voltage * v (br)ceo i c =-100a -100 v emitter-base breakdown voltage v (br)ebo i e =-10a -6 v collector-base cut-off current i cbo v cb =-90v v cb =-90v,ta = 150 -100 -50 na a emitter-base current i ebo v eb =-6v -200 na collector-emitter saturation voltage v ce( sat) i c =-25ma, i b =-2.5ma -250 v base-emitter saturation voltage v be( sat) i c =-25ma, i b =-2.5ma -900 v dc current gain h fe i c =-10ma,v ce =-1v i c =-25ma,v ce =-1v 30 30 transitional frequency f t i c =25ma, v ce =-5v, f=35mhz 50 85 mhz output capacitance c obo v cb =-10v, f=1mhz 3 pf * pulse test: tp = 300 s; d 0.02. marking marking t6 smd type smd type smd type smd type smd type smd type smd type product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of BSS63R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X