Part Number Hot Search : 
1N5240 F06F150S 0N60P UR3KB20 9248DF 2SA1980U 38HC43YM 8HC71
Product Description
Full Text Search
 

To Download AS6NVLC512K8DG-20XT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 1 advance information 512k x 8 / 256k x 16 nvsram 3.3v high speed sram with non-volatile storage available as military specifications ? military processing (mil-std-883c para 1.2.2) ? temperature range -55c to 125c features ? -55 o c to 125 o c operation ? true non-volatile sram (no batteries) ? 20 ns, 25 ns, and 45 ns access times ? automatic store on power down with only a small capacitor ? store to quantumtrap ? nonvolatile elements initiated by software, device pin, or autostore ? on power down ? recall to sram initiated by software or power up ? in nite read, write, and recall cycles ? 200,000 store cycles to quantumtrap ? 20 year data retention ? single 3.3v +.3v/-3v operation ? ceramic hermetic 44 gullwing -can order with x7r caps on package -matches footprint of plastic 44 tsop ? mil-std-883 processing functional description the as6nvlc512k8 / as6nvlc256k16 is a fast static ram, with a nonvolatile element in each memory cell. the memory is organized as 512k bytes of 8 bits each or 256k words of 16 bits each. the embedded nonvolatile elements incorporate quantumtrap technology, producing the world?s most reliable nonvolatile memory. the sram provides in nite read and write cycles, while independent nonvolatile data resides in the highly reliable quantumtrap cell. data transfers from the sram to the nonvolatile elements (the store operation) takes place automatically at power down. on power up, data is restored to the sram (the recall operation) from the nonvolatile memory. both the store and recall operations are also available under software control. 67$7,&5$0 $55$< ; 5 2 : ' ( & 2 ' ( 5 &2/801,2 &2/801'(& , 1 3 8 7 % 8 ) ) ( 5 6 32:(5 &21752/ 6725(5(&$// &21752/ 4xdwuxp7uds ; 6725( 5(&$// 9 && 9 &$3 +6% $  $  $  $  $  $  $  $  62)7:$5( '(7(&7 $  $  2( &( :( %+( %/( $  $  $  $  $  $  $  $  $  $  $  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  '4  1, 2, 3] logic block diagram notes 1. address a 0 - a 18 for x8 con guration and address a 0 - a 17 for x16 con guration. 2. data dq 0 - dq 7 for x8 con guration and data dq 0 - dq 15 for x16 con guration. 3. bhe and ble are applicable for x16 con guration only.
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 2 advance information pin assignment (top view) nc a 8 nc nc v ss dq 6 dq 5 dq 4 v cc a 13 dq 3 a 12 dq 2 dq 1 dq 0 oe a 9 ce nc a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 11 a 7 a 14 a 15 a 16 a 17 a 18 nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 44 - tsop ii top view (not to scale) a 10 nc we dq 7 hsb nc v ss v cc v cap nc (x8) [4] [5] v ss dq 6 dq 5 dq 4 v cc a 13 dq 3 a 12 dq 2 dq 1 dq 0 ble a 9 ce a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 a 11 a 10 a 14 bhe oe a 15 a 16 a 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 44 - tsop ii top view (not to scale) we dq 7 a 0 v ss v cc dq 15 dq 14 dq 13 dq 12 dq 11 dq 10 dq 9 dq 8 v cap (x16) (x16) (x8) [6] pin  name  i/o  type  description a0  ?  a18 address  inputs  used  to  select  one  of  the  524,288  bytes  of  the  nvsram  for  x8  configuration. a0  ?  a17 address  inputs  used  to  select  one  of  the  262,144  words  of  the  nvsram  for  x16  configuration. dq0  ?  dq7 bidirectional  data  i/o  lines  for  x8  configuration.  used  as  input  or  output  lines  depending  on operation. dq0  ?  dq15 bidirectional  data  i/o  lines  for  x16  configuration.  used  as  input  or  output  lines  depending  on  operation. we\ input write  enable  input,  active  low.  when  selected  low,  data  on  the  i/o  pins  is  written  to  the  specific  address  location. ce\ input chip  enable  input,  active  low.  when  low,  selects  the  chip.  when  high,  deselects  the  chip. oe\ input output  enable,  active  low.  the  active  low  oe  input  enables  the  data  output  buffers  during  read  cycles.  i/o  pins  are  tri r stated  on  deasserting  oe  high. bhe\ input byte  high  enable,  active  low.  controls  dq15 r dq8. ble\ input byte  low  enable,  active  low.  controls  dq7 r dq0. v ss ground ground  for  the  device.  must  be  connected  to  the  ground  of  the  system. v cc power  supply power  supply  inputs  to  the  device. hsb\  6 input/output hardware  store  busy  (hsb\).  when  low  this  output  indicates  that  a  hardware  store  is  in  progress.  when  pulled  low  external  to  the  chip  it  initiates  a  nonvolatile  store  operation.  a  weak  internal  pull  up  resistor  keeps  this  pin  high  if  not  connected  (connection  optional).  after  each  store  operation  hsb\  is  driven  high  for  short  time  with  standard  output  high  current. v cap power  supply autostore  capacitor.  supplies  power  to  the  nvsram  during  power  loss  to  store  data  from  sram  to  nonvolatile  elements.  (leave  pin  open  if  caps  mounted  on  package) nc no  connect no  connect.  this  pin  is  not  connected  to  the  die. input input/output
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 3 advance information device operation the as6nvlc512k8/as6nvlc256k16 nvsram is made up of two functional components paired in the same physical cell. they are a sram memory cell and a nonvolatile quantumtrap cell. the sram memory cell operates as a standard fast static ram. data in the sram is transferred to the nonvolatile cell (the store operation), or from the nonvolatile cell to the sram (the recall operation). using this unique architecture, all cells are stored and recalled in parallel. during the store and recall operations, sram read and write operations are inhibited. the as6nvlc512k8/as6nvlc256k16 supports in nite reads and writes similar to a typical sram. in addition, it provides in nite recall operations from the nonvolatile cells and up to 200k store operations. see the truth table for sram operations for a complete description of read and write modes. sram read the as6nvlc512k8/as6nvlc256k16 performs a read cycle when ce\ and oe\ are low and we\ and hsb\ are high. the address speci ed on pins a0-18 or a0-17 determines which of the 524,288 data bytes or 262,144 words of 16 bits each are accessed. byte enables (bhe\, ble\) determine which bytes are enabled to the output, in the case of 16-bit words. when the read is initiated by an address transition, the outputs are valid after a delay of t aa (read cycle 1). if the read is initiated by ce\ or oe\, the outputs are valid at t ace or at t doe , whichever is later (read cycle 2). the data output repeatedly responds to address changes within the t aa access time without the need for transitions on any control input pins. this remains valid until another address change or until ce\ or oe\ is brought high, or we\ or hsb\ is brought low. sram write a write cycle is performed when ce\ and we\ are low and hsb\ is high. the address inputs must be stable before entering the write cycle and must remain stable until ce\ or we\ goes high at the end of the cycle. the data on the common i/o pins dq0?15 are written into the memory if the data is valid t sd before the end of a we\ controlled write or before the end of an ce\ controlled write. the byte enable inputs (bhe\, ble\) determine which bytes are written, in the case of 16-bit words. it is recommended that oe\ be kept high during the entire write cycle to avoid data bus contention on common i/o lines. if oe\ is left low, internal circuitry turns off the output buffers thzwe after we\ goes low. autostore operation the as6nvlc512k8/as6nvlc256k16 stores data to the nvsram using one of the following three storage operations: hardware store activated by hsb\; software store activated by an address sequence; autostore on device power down. the autostore operation is a unique feature of quantumtrap technology and is enabled by default on the as6nvlc512k8/as6nvlc256k16 . during a normal operation, the device draws current from v cc to charge a capacitor connected to the v cap pin. this stored charge is used by the chip to perform a single store operation. if the voltage on the v cc pin drops below v switch , the part automatically disconnects the v cap pin from v cc . a store operation is initiated with power provided by the v cap capacitor. figure 2 shows the proper connection of the storage capacitor (v cap ) for automatic store operation. refer to dc electrical characteristics for the size of v cap . the voltage on the v cap pin is driven to v cc by a regulator on the chip. a pull up should be placed on we\ to hold it inactive during power up. this pull up is effective only if the we\ signal is tri-state during power up. many mpus tri-state their controls on power up. this should be veri ed when using the pull up. when the nvsram comes out of power-on-recall, the mpu must be active or the we\ held inactive until the mpu comes out of reset. to reduce unnecessary nonvolatile stores, autostore and hardware store operations are ignored unless at least one write operation has taken place since the most recent store or recall cycle. software initiated store cycles are performed regardless of whether a write operation has taken place. the hsb\ signal is monitored by the system to detect if an autostore cycle is in progress. 0.1uf vcc 10kohm v cap vcc we v cap v ss hardware store operation the as6nvlc512k8/as6nvlc256k16 provides the hsb\ 6 pin to control and acknowledge the store operations. use the hsb\ pin to request a hardware store cycle. when the hsb pin is driven low, the as6nvlc512k8/as6nvlc256k conditionally initiates a store operation after t delay . an actual store cycle only begins if a write to the sram has taken place since the last store or recall cycle. the hsb\ pin also acts as an open drain driver that is internally driven low to indicate a busy condition when the store (initiated by any means) is in progress. sram read and write operations that are in progress when hsb is driven low by any means are given time to complete before the store operation is initiated. after hsb\ goes low, the as6nvlc512k8/as6nvlc256k16 continues sram operations for tdelay. if a write is in progress when hsb\ is pulled low it is enabled a time, t delay to complete. however, any sram write cycles requested after hsb\ goes low are inhibited until hsb\ returns high. in case the write latch is not set, hsb\ is not driven low by the as6nvlc512k8/as6nvlc256k16. but any sram read and write cycles are inhibited until hsb\ is returned high by mpu or other external source. during any store operation, regardless of how it is initiated, the as6nvlc512k8/as6nvlc256k16 continues to drive the hsb\ pin low, releasing it only when the store is complete. when the store operation is completed, the as6nvlc512k8/as6nvlc256k16 remains disabled until the hsb\ pin returns high. leave the hsb\ unconnected if it is not used.. figure 2. autostore mode
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 4 advance information hardware recall (power up) during power up or after any low power condition (vcc< vswitch), an internal recall request is latched. when vcc again exceeds the sense voltage of vswitch, a recall cycle is automatically initiated and takes threcall to complete. during this time, hsb is driven low by the hsb driver. software store transfer data from the sram to the nonvolatile memory with a software address sequence. the as6nvlc512k8 / as6nvlc256k16 software store cycle is initiated by executing sequential ce controlled read cycles from six speci c address locations in exact order. during the store cycle an erase of the previous nonvolatile data is rst performed, followed by a program of the nonvolatile elements. after a store cycle is initiated, further input and output are disabled until the cycle is completed. because a sequence of reads from speci c addresses is used for store initiation, it is important that no other read or write accesses intervene in the sequence, or the sequence is aborted and no store or recall takes place. to initiate the software store cycle, the following read sequence must be performed. 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x8fc0 initiate store cycle the software sequence may be clocked with ce controlled reads or oe controlled reads. after the sixth address in the sequence is entered, the store cycle commences and the chip is disabled. hsb is driven low. it is important to use read cycles and not write cycles in the sequence, although it is not necessary that oe be low for a valid sequence. after the tstore cycle time is ful lled, the sram is activated again for the read and write operation. software recall transfer the data from the nonvolatile memory to the sram with a software address sequence. a software recall cycle is initiated with a sequence of read operations in a manner similar to the software store initiation. to initiate the recall cycle, the following sequence of ce controlled read operations must be performed. 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x4c63 initiate recall cycle internally, recall is a two step procedure. first, the sram data is cleared; then, the nonvolatile information is transferred into the sram cells. after the trecall cycle time, the sram is again ready for read and write operations. the recall operation does not alter the data in the nonvolatile elements. mode selection notes 7. while there are 19 address lines on the as6nvlc512k8 (18 address lines on the as6nvlc256k16), only the 13 address lines (a 14 - a 2 ) are used to control software modes. rest of the address lines are don?t care. 8. the six consecutive address locations must be in the order listed. we must be high during all six cycles to enable a nonvola tile cycle. ce\ we\ oe\,  bhe\,  ble\  13 a15 r a0  7 mode i/o power hxxxnot  selected output  high  z standby lhlxread  sram output  data active l l x x write  sram input  data active lhl0x4e38read  sram output  data active  8 0xb1c7 read  sram output  data 0x83e0 read  sram output  data 0x7c1f read  sram output  data 0x703f read  sram output  data 0x8b45 autostore output  data disable
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 5 advance information mode selection (continued) ce\ we\ oe\,  bhe\,  ble\  13 a15 r a0  7 mode i/o power lhl0x4e38read  sram output  data active  8 0xb1c7 read  sram output  data 0x83e0 read  sram output  data 0x7c1f read  sram output  data 0x703f read  sram output  data 0x4b46 autostore  enable output  data lhl0x4e38read  sram output  data active  i cc2  8 0xb1c7 read  sram output  data 0x83e0 read  sram output  data 0x7c1f read  sram output  data 0x703f read  sram output  data 0x8fc0 nonvolatile  store output  high  z lhl0x4e38read  sram output  data active  8 0b1c7 rdsram ot tdt 0xb1c7 read  sram output  data 0x83e0 read  sram output  data 0x7c1f read  sram output  data 0x703f read  sram output  data 0x4c63 nonvolatile  output  high  z recall preventing autostore the autostore function is disabled by initiating an autostore disable sequence. a sequence of read operations is performed in a manner similar to the software store initiation. to initiate the autostore disable sequence, the following sequence of ce controlled read operations must be performed: 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x8b45 autostore disable the autostore is re-enabled by initiating an autostore enable sequence. a sequence of read operations is performed in a manner similar to the software recall initiation. to initiate the autostore enable sequence, the following sequence of ce controlled read operations must be performed: 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x4b46 autostore enable if the autostore function is disabled or re-enabled, a manual store operation (hardware or software) must be issued to save the autostore state through subsequent power down cycles. the part comes from the factory with autostore enabled. data protection the as6nvlc512k8 / as6nvlc256k16 protects data from corruption during low voltage conditions by inhibiting all externally initiatedstore and write operations. the low voltage condition is detected when vcc < vswitch. if the as6nvlc512k8 / as6nvlc256k16 is in a write mode (both ce and we are low) at power up, after a recall or store, the write is inhibited until the sram is enabled after tlzhsb (hsb to output active). this protects against inadvertent writes during power up or brown out conditions.
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 6 advance information best practices nvsram products have been used effectively for over 15 years. while ease-of-use is one of the product?s main system values, experience gained working with hundreds of applications has resulted in the following suggestions as best practices: the nonvolatile cells in this nvsram product are delivered from micross components with 0x00 written in all cells. incoming inspection routines at customer or contract manufacturer?s sites sometimes reprogram these values. final nv patterns are typically repeating patterns of aa, 55, 00, ff, a5, or 5a. end product?s rmware should not assume an nv array is in a set programmed state. routines that check memory content values to determine rst time system con guration, cold or warm boot status, and so on should always program a unique nv pattern (that is, complex 4-byte pattern of 46 e6 49 53 hex or more random bytes) as part of the nal system manufacturing test to ensure these system routines work consistently. power up boot rmware routines should rewrite the nvsram into the desired state (for example, autostore enabled). while the nvsram is shipped in a preset state, best practice is to again rewrite the nvsram into the desired state as a safeguard against events that might ip the bit inadvertently such as program bugs and incoming inspection routines. the v cap value speci ed in this data sheet includes a minimum and a maximum value size. best practice is to meet this requirement and not exceed the maximum v cap value because the nvsram internal algorithm calculates v cap charge and discharge time based on this max v cap value. customers that want to use a larger v cap value to make sure there is extra store charge and store time should discuss their v cap size selection with micross components to understand any impact on the v cap voltage level at the end of a t recall period.
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 7 advance information maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature .............................................?65c to +150c maximum accumulated storage time at 150c ambient temperature...............................1000h at 85c ambient temperature.............................20 years ambient temperature with power applied ......................................................?55c to +150c supply voltage on vcc relative to gnd................... ?0.5v to 4.1v voltage applied to outputs in high-z state ............................................... ?0.5v to vcc + 0.5v input voltage .................................................. ?0.5v to vcc + 0.5v transient voltage (<20 ns) on any pin to ground potential............................?2.0v to vcc + 2.0v package power dissipation capability (ta = 25c) ...........................................................1.0w surface mount pb soldering temperature (3 seconds)......................................................+260c dc output current (1 output at a time, 1s duration) ..............15 ma static discharge voltage .................................................... > 2001v (per mil-std-883, method 3015) latch up current............................................................. > 200 ma operating range range ambient  temperature vcc military r 55 o c  to  +125 o c 3.0v  to  3.6v industrial r 40 o c  to  +85 o c 3.0v  to  3.6v parameter description min max unit test  conditions military 80  80  65  ma  ma  ma commercial 70  70  ma  ma  trc  =  20  ns trc  =  25  ns trc  =  45  ns values  obtained  without  output  loads  (iout  =  0  ma) i cc1 average  v cc  current 52  ma i cc2 average  v cc  current  during  store 10 ma i cc3 9 average  v cc  current  at  t = 200 ns 3v 25 c 35 ma all  i/p  cycling  at  cmos  levels. all  inputs  don?t  care,  v cc  =  max average  current  for  duration  t store i cc3  t rc =  200  ns,  3v ,  25c typical 35 ma i cc4 average  v cap  current during  autostore  cycle 5ma values  obtained  without  output  loads  (i out =  0  ma). all  inputs  don?t  care,  v cc  =  max average  current  for  duration  t store ce  \ h ( v cc ?  0.2v ) .  all  others  v in g 0.2v  or h ( v cc ?  0.2v ) .  standb y i sb v cc  standby  current 5ma input  leakage  current (except  hsb\) 22 a input leakage current ce  \ h (v cc  0 . 2v) .  all  others  v in g 0 . 2v  or  h (v cc  0 . 2v) .  standby current  level  after  nonvolatile  cycle  is  complete. inputs  are  static.  f  =  0  mhz. i ix  10 v cc  =  max,  vss g vin g vcc ss cc input  leakage  current (for  hsb\) r 100 2 a i oz off r state  output leakage  current 22 a v i t high v lt 22 v cc +  v v cc  =  max,  v ss g v out g v cc ,  ce\  or  oe\ h v ih  or  bhe\/ble\ h v ih or  we\ g v il v cc  =  max,  vss g vin g vcc v ih input  high  vo l tage 2.2 cc 0.3 v v il input  low  voltage v ss +  0.3 0.8 v v oh output  high  voltage 2.4 v l i out  =  ?2  ma v ol output  low  voltage 0.4 v v cap  11 storage  capacitor 61 180 f i out  =  4  ma between  v cap  pin  and  v ss ,  6.3v  rated notes 9. typical conditions for the active current shown on the dc electrical characteristics are average values at 25c (room temper ature), and v cc = 3v. not 100% tested. 10. the hsb\ pin has i out = -2 ua for v oh of 2.4v when both active high and low drivers are disabled. when they are enabled standard v oh and v ol are valid. this parameter is characterized but not tested. 11. v cap (storage capacitor) nominal value is 68 uf. dc electrical characteristics over the operating range (v cc = 3.0v to 3.6v)
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 8 advance information data retention and endurance parameter description min unit data r data  retention 20 years nv c nonvolatile  store  operation 200 k capacitance in the following table, the capacitance parameters are listed. 12 thermal resistance in the following table, the thermal resistance parameters are listed. 12 ac test loads 3.0v output 5 pf r1 r2 789 : 3.0v output 30 pf r1 r2 789 : for tri-state specs 577 : 577 : ac test conditions input pulse levels ....................................................0v to 3v input rise and fall times (10% - 90%)........................ <3 ns input and output timing reference levels .................... 1.5v note 12. these parameters are guaranteed but not tested. parameter description test  conditions min unit c in input  capacitance 12 pf c out output  capacitance 12 pf c out(dq) i/o  capacitance 20 pf t a  =  25c,  f  =  1  mhz, v cc  =  0  to  3.0v parameter description test  conditions 44 r tsop  ii 44 r gullwing unit : ja thermal  resistance  (junction  to  ambient) tbd tbd o c/w : jc thermal  resistance  (junction  to  case) tbd tbd o c/w test  conditions  follow  standard  test  methods and  procedures  for  measuring  thermal impedance,  in  accordance  with  eia/jesd51.
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 9 advance information ac switching characteristics micross  parameters alt  parameters min max min max min max t ace t acs chip  enable  access  time 20 25 45 ns t rc  13 t rc read  cycle  time 20 25 45 ns t aa  14 t aa address  access  time 20 25 45 ns t doe t oe output  enable  to  data  valid 10 12 20 ns t oha  14 t oh output  hold  after  address  change333ns t lzce  12,  15 t lz chip  enable  to  output  active333ns t hzce  12,  15 t hz chip  disable  to  output  active 8 10 15 ns t lzoe  12,  15 t olz output  enable  to  output  active000ns t hzoe  12,  15 t ohz output  disable  to  output  inactive 8 10 15 ns t pu  12 t pa chip  enable  to  power  active000ns t pd  12 t ps chip  disable  to  power  standby 20 25 45 ns t dbe r byte  enable  to  data  valid 10 12 20 ns t lzbe  12 r byte  enable  to  output  active000ns t hzbe  12 r byte  disable  to  output  inactive 8 10 15 ns t wc t wc write  cycle  time 20 25 45 ns t pwe t wp write  pulse  width 152030ns t sce t cw chip  enable  to  end  of  write 15 20 30 ns t sd t dw data  setup  to  end  of  write 8 10 15 ns t hd t dh data  hold  after  end  of  write 0 0 0 ns t aw t aw address  setup  to  end  of  write 15 20 30 ns t sa t as address  setup  to  end  of  write 0 0 0 ns t ha t wr address  hold  after  end  of  write 0 0 0 ns t hzwe  12,  15,  16 t wz write  enable  to  output  disable 8 10 15 ns t lzwe  12,  15 t ow output  active  after  end  of  write 3 3 3 ns t bw r byte  enable  to  end  of  write152030ns sram  read  cycle sram  write  cycle parameters description 20  ns 25  ns 45  ns unit switching waveforms sram read cycle #1: address controlled 13, 14, 17 address data output address valid previous data valid output data valid t rc t aa t oha notes 13.we\ must be high during sram read cycles. 14. device is continuously selected with ce\, oe\ and bhe\ / ble\ low. 15.measured 200 mv from steady state output voltage. 16. if we\ is low when ce\ goes low, the outputs remain in the high impedance state. 17. hsb\ must remain high during read and write cycles.
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 10 advance information sram write cycle #1: we\ controlled 3, 16, 17,18 address valid address data output output data valid standby active high impedance ce oe bhe, ble i cc t hzce t rc t ace t aa t lzce t doe t lzoe t dbe t lzbe t pu t pd t hzbe t hzoe sra read cycle 2 ce and oe controlled 3, 3, data output data input input data valid high impedance address valid address previous data t wc t sce t ha t bw t aw t pwe t sa t sd t hd t hzwe t lzwe we bhe, ble ce note 18. ce\ or we\ must be >v ih during address transitions.
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 11 advance information sram write cycle #2: ce\ controlled 3, 16, 17, 18 data output data input input data valid high impedance address valid address t wc t sd t hd bhe, ble we ce t sa t sce t ha t bw t pwe sram write cycle #3: bhe\ and ble\ controlled 3, 16, 17, 18 data output data input input data valid high impedance address valid address t wc t sd t hd bhe, ble we ce t sce t sa t bw t ha t aw t pwe
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 12 advance information min max min max min max t hrecall  19 power  up  recall  duration 20 20 20 ms t store  20 store  cycle  duration 8 8 8 ms t delay  21 time  allowed  to  complete  sram  cycle 202525ns v switch low  voltage  trigger  level 2.65 2.65 2.65 v t vccrise vcc  rise  time 150 150 150 s v hdis  12 hsb\  output  driver  disable  voltage 1.9 1.9 1.9 v t lzhsb hsb\  to  output  active  time 555 s t hhhd hsb\  high  active  time 500 500 500 ns description 20  ns 25  ns 45  ns unit parameters autostore/power up recall switching waveforms autostore or power up recall 22 notes 19. t hrecall starts from the time v cc rises above v switch. 20. if an sram write has not taken place since the last nonvolatile cycle, no autostore or hardware store takes place. 21. on a hardware store, software store / recall, autostore enable / disable and autostore initiation, sram operation continues to be enabled for time t delay . 22. read and write cycles are ignored during store, recall, and while vcc is below v switch. 23. hsb\ pin is driven high to vcc only by internal 100 kohm resistor, hsb\ driver is disabled. v switch v hdis v vccrise t store t store t hhhd t hhhd t delay t delay t lzhsb t lzhsb t hrecall t hrecall hsb out autostore power- up recall read & write inhibited ( rwi ) power-up recall read & write brown out autostore power-up recall read & write power down autostore note 20 note 20 note 23
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 13 advance information software controlled store/recall cycle in the following table, the software controlled store and recall cycle parameters are listed. 24, 25 switching waveforms ce\ and oe \controlled software store/recall cycle 25 autostore enable/disable cycle notes 24. the software sequence is clocked with ce\ controlled or oe\ controlled reads. 25. the six consecutive addresses must be read in the order listed in the mode selection table. we\ must be high during all six consecutive cycles. min max min max min max t rc store/recall  initiation  cycle  time 20 25 45 ns t sa address  setup  time 000ns t cw clock  pulse  width 152530ns t ha address  hold  time 000ns t recall recall  duration 200 200 200 s parameters description 20  ns 25  ns 45  ns unit w 5& w 5& w 6$ w &: w &: w 6$ w +$ w /=&( w +=&( w +$ w +$ w +$ w '(/$< w 6725( w 5(&$// w +++' w /=+6% +ljk,pshgdqfh $gguhvv $gguhvv $gguhvv &( 2( +6% 6725(rqo\ '4 '$7$ 5:, gy w 5& w 5& w 6$ w &: w &: w 6$ w +$ w /=&( w +=&( w +$ w +$ w +$ w '(/$< $gguhvv $gguhvv $gguhvv &( 2( '4 '$7$ 5:, w 66
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 14 advance information truth table for sram operations hsb\ should remain high for sram operations. for  x8  configuration ce\ we\ oe\ inputs  /  outputs  2 mode power hxxhigh  z deselect  /  power  down standby l h l data  out  (dq0 r dq7) read active lhhhigh  z output  disabled active l l x data  in  (dq0 r dq7) write active for  x16  configuration ce\ we\ oe\ bhe\ 3 ble\ 3 inputs  /  outputs  2 mode power hxxxxhigh  z deselect/power  down standby lxxhhhigh  z output  disabled active lhllldata  out  (dq0 r dq15) read active lhlhl data  out  (dq0 r dq7);  dq8 r dq15  in  high  z read active lhl lh data  out  (dq8 r dq15);  dq0 r dq7  in  high  z read active lhhl lhigh  z output  disabled active lhhh lhigh  z output  disabled active lhhlhhigh  z output  disabled active l l x l l data  in  (dq0 r dq15) write active llxhl data  in  (dq0 r dq7);  dq8 r dq15  in  high  z write active llxlh data  in  (dq8 r dq15);  dq0 r dq7  in  high  z write active
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 15 advance information ceramic 44 gullwing (tsopii footprint compatible) note 1: optional x7r 10v 22uf capacitors note 2: dimensions in mm [inch]
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 16 advance information 44-pin tsop ii max min. dimension in mm (inch) 11.938 (0.470) plane seating pin 1 i.d. 44 1 18.517 (0.729) 0.800 bsc 0-5 0.400(0.016) 0.300 (0.012) ejector pin r g o k e a x s 11.735 (0.462) 10.058 (0.396) 10.262 (0.404) 1.194 (0.047) 0.991 (0.039) 0.150 (0.0059) 0.050 (0.0020) (0.0315) 18.313 (0.721) 10.058 (0.396) 10.262 (0.404) 0.597 (0.0235) 0.406 (0.0160) 0.210 (0.0083) 0.120 (0.0047) base plane 0.10 (.004) 22 23 top view bottom view 51-85087-*a
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 17 advance information *available processes temperature it = industrial temperature range -40 o c to +85 o c xt = military temperature range -55 o c to +125 o c ordering information micross  part  number configuration package  type speed operating  range as6nvlc512k8dcg r 20xt 512k  x  844  gullwing 20 xt as6nvlc512k8dcg r 25xt 512k  x  844  gullwing 25 xt as6nvlc512k8dcg r 45xt 512k  x  844  gullwing 45 xt as6nvlc512k8dcg r 20it 512k  x  844  gullwing 20 it as6nvlc512k8dcg r 25it 512k  x  844  gullwing 25 it as6nvlc512k8dcg r 45it 512k  x  844  gullwing 45 it as6nvlc256k16dcg r 20xt 256k  x  16 44  gullwing 20 xt as6nvlc256k16dcg r 25xt 256k  x  16 44  gullwing 25 xt as6nvlc256k16dcg r 45xt 256k  x  16 44  gullwing 45 xt as6nvlc256k16dcg r 20it 256k  x  16 44  gullwing 20 it as6nvlc256k16dcg r 25it 256k  x  16 44  gullwing 25 it as6nvlc256k16dcg r 45it 256k  x  16 44  gullwing 45 it as6nvlc512k8dg r 20xt 512k  x  844  tsop 20 xt as6nvlc512k8dg r 25xt 512k  x  844  tsop 25 xt as6nvlc512k8dg r 45xt 512k  x  844  tsop 45 xt as6nvlc512k8dg r 20it 512k  x  844  tsop 20 it as6nvlc512k8dg r 25it 512k  x  844  tsop 25 it as6nvlc512k8dg r 45it 512k  x  844  tsop 45 it as6nvlc256k16dg r 20xt 256k  x  16 44  tsop 20 xt as6nvlc256k16dg r 25xt 256k  x  16 44  tsop 25 xt as6nvlc256k16dg r 45xt 256k  x  16 44  tsop 45 xt as6nvlc256k16dg r 20it 256k  x  16 44  tsop 20 it as6nvlc256k16dg r 25it 256k  x  16 44  tsop 25 it as6nvlc256k16dg r 45it 256k  x  16 44  tsop 45 it
nvsram as6nvlc512k8 as6nvlc256k16 as6nvlc512k8 as6nvlc256k16 rev. 0.2 06/10 micross components reserves the right to change products or speci cations without notice. 18 advance information document title 512k x 8 / 256k x 16 nvsram 3.3v high speed sram with non-volatile storage revision history rev # history release date status 0.0 document creation june 2009 advance 0.1 updated part number june 2009 advance 0.2 updated micross information june 2010 advance


▲Up To Search▲   

 
Price & Availability of AS6NVLC512K8DG-20XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X