Part Number Hot Search : 
BB731 CHN217 RFV5BM6S IDTQS UT3413 NCS6433 JAN7912K M22101F1
Product Description
Full Text Search
 

To Download APM2301AAC-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
 
 ? power management in notebook computer , portable equipment and battery powered systems.       

 
 apm2301a handling code temp. range package code package code a : sot-23 operating junction temp. range c : -55 to 150c handling code tu : tube tr : tape & reel lead free code l : lead free device blank : original device apm2301a a : a01x xxxxx - date code lead free code top view of sot-23 p-channel mosfet ? -20v/-3a , r ds(on) =72m ? (typ.) @ v gs =-4.5v r ds(on) =98m ? (typ.) @ v gs =-2.5v ? super high dense cell design ? ? ? ? ? reliable and rugged ? ? ? ? ? lead free available (rohs compliant) d g s g s d note: ty lead-free products contain molding compounds/die attach materials and 100% matte in plate termina- tion finish; which are fully compliant with rohs and compatible with both snpb and lead-free soldiering operations. ty lead-free products meet or exceed the lead-free requirements of ipc/jedec j std-020c for msl classifica- tion at lead-free peak reflow temperature. product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
 
 
 (t a = 25 c unless otherwise noted) !  
"#

   (t a = 25 c unless otherwise noted) symbol parameter rating unit v dss drain-source voltage -20 v gss gate-source voltage 12 v i d * continuous drain current -3 i dm * 300 s pulsed drain current v gs =-4.5v -10 a i s * diode continuous forward current -1 a t j maximum junction temperature 150 t stg storage temperature range -55 to 150 c t a =25 c 0.83 p d * maximum power dissipation t a =100 c 0.3 w r ja * thermal resistance-junction to ambient 150 c/w note: *surface mounted on 1in 2 pad area, t 10sec.  apm2301aa symbol parameter test condition min. typ. max. unit static characteristics bv dss drain-source breakdown voltage v gs =0v, i ds =-250 a -20 v v ds =-16v, v gs =0v -1 i dss zero gate voltage drain current t j =85 c -30 a v gs(th) gate threshold voltage v ds =v gs , i ds =-250 a -0.5 -0.6 -1 v i gss gate leakage current v gs =12v, v ds =0v 100 na v gs =-4.5v, i ds =-3a 72 90 r ds(on) a drain-source on-state resistance v gs =-2.5v, i ds =-2a 98 115 m ? v sd a diode forward voltage i sd =-1.25a, v gs =0v -0.7 -1.3 v gate charge characteristics b q g total gate charge 9 12 q gs gate-source charge 3 q gd gate-drain charge v ds =-10v, v gs =-4.5v, i ds =-3a 1.2 nc   product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
!  
"#

  $" %& (t a = 25 c unless otherwise noted) apm2301aa symbol parameter test condition min. typ. max. unit dynamic characteristics b r g gate resistance v gs =0v,v ds =0v,f=1mhz 11 ? c iss input capacitance 550 c oss output capacitance 120 c rss reverse transfer capacitance v gs =0v, v ds =-15v, frequency=1.0mhz 80 pf t d(on) turn-on delay time 13 24 t r turn-on rise time 36 66 t d(off) turn-off delay time 45 82 t f turn-off fall time v dd =-10v, r l =10 ? , i ds =-1a, v gen =-4.5v, r g =6 ? 37 68 ns notes: a : pulse test ; pulse width 300 s, duty cycle 2%. b : guaranteed by design, not subject to production testing.  product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of APM2301AAC-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X