Part Number Hot Search : 
5N200 GA101 HT46R47E 39V040 MC1489 TC1219 MC34151 NNS5015
Product Description
Full Text Search
 

To Download ADXL210-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a low cost 6 2 g/ 6 10 g dual axis i mem s ? accelerometers with digital output adxl202/adxl210 features 2-axis acceleration sensor on a single ic chip measures static acceleration as well as dynamic acceleration duty cycle output with user adjustable period low power <0.6 ma faster response than electrolytic, mercury or thermal tilt sensors bandwidth adjust ment with a single cap acitor per axis 5 m g resolution at 60 hz bandwidth +3 v to +5.25 v single supply operation 1000 g shock survival applications 2-axis tilt sensing computer peripherals inertial navigation seismic monitoring vehicle security systems battery powered motion sensing a in 2 = one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 world wide web site: http://www.analog.com fax: 781/326-8703 ? analog devices, inc., 1999 functional block diagram demod r filt 32kv r filt 32kv oscillator x sensor y sensor adxl202/ adxl210 x out y out self test x filt v dd v dd c x +3.0v to +5.25v c dc com y filt t2 c y r set c o u n t e r mp t2 t1 a( g ) = (t1/t2 C 0.5)/12.5% 0 g = 50% duty cycle t2 = r set /125mv demod duty cycle modulator (dcm) general description the adxl202/adxl210 are low cost, low power, complete 2-axis accelerometers with a measurement range of either 2 g/ 10 g . the adxl202/adxl210 can measure both dy- namic acceleration (e.g., vibration) and static acceleration (e.g., gravity). the outputs are digital signals whose duty cycles (ratio of pulse- width to period) are proportional to the acceleration in each of the 2 sensitive axes. these outputs may be measured directly with a microprocessor counter, requiring no a/d converter or glue logic. the output period is adjustable from 0.5 ms to 10 ms via a single resistor (r set ). if a voltage output is desired, a voltage output proportional to acceleration is available from the x filt and y filt pins, or may be reconstructed by filtering the duty cycle outputs. the bandwidth of the adxl202/adxl210 may be set from 0.01 hz to 5 khz via capacitors c x and c y . the typical noise floor is 500 m g / ? hz allowing signals below 5 m g to be resolved for bandwidths below 60 hz. the adxl202/adxl210 is available in a hermetic 14-lead surface mount cerpak, specified over the 0 c to +70 c commercial or C40 c to +85 c industrial temperature range. i mem s is a registered trademark of analog devices, inc. obsolete
adxl202/adxl210Cspecifications adxl202/jqc/aqc adxl210/jqc/aqc parameter conditions min typ max min typ max units sensor input each axis measurement range 1 1.5 2 8 10 g nonlinearity best fit straight line 0.2 0.2 % of fs alignment error 2 1 1 degrees alignment error x sensor to y sensor 0.01 0.01 degrees transverse sensitivity 3 2 2% sensitivity each axis duty cycle per g t1/t2 @ +25 c 10 12.5 15 3.2 4.0 4.8 %/ g sensitivity, analog output at pins x filt , y filt 312 100 mv/ g temperature drift 4 d from +25 c 0.5 0.5 % rdg zero g bias level each axis 0 g duty cycle t1/t2 25 50 75 42 50 58 % initial offset 2 2 g 0 g duty cycle vs. supply 1.0 4.0 1.0 4.0 %/v 0 g offset vs. temperature 4 d from +25 c 2.0 2.0 m g / c noise performance noise density 5 @ +25 c 500 1000 500 1000 m g / ? hz frequency response 3 db bandwidth duty cycle output 500 500 hz 3 db bandwidth at pins x filt , y filt 55k h z sensor resonant frequency 10 14 khz filter r filt tolerance 32 k w nominal 15 15 % minimum capacitance at x filt , y filt 1000 1000 pf self test duty cycle change self-test 0 to 1 10 10 % duty cycle output stage f set 125 m w /r set 125 m w /r set f set tolerance r set = 125 k w 0.7 1.3 0.7 1.3 khz output high voltage i = 25 m av s C 200 mv v s C 200 mv mv output low voltage i = 25 m a 200 200 mv t2 drift vs. temperature 35 35 ppm/ c rise/fall time 200 200 ns power supply operating voltage range 3.0 5.25 2.7 5.25 v specified performance 4.75 5.25 4.75 5.25 v quiescent supply current 0.6 1.0 0.6 1.0 ma turn-on time 6 to 99% 160 c filt + 0.3 160 c filt + 0.3 ms temperature range operating range jqc 0 +70 0 +70 c specified performance aqc C40 +85 C40 +85 c notes 1 for all combinations of offset and sensitivity variation. 2 alignment error is specified as the angle between the true and indicated axis of sensitivity. 3 transverse sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors. 4 specification refers to the maximum change in parameter from its initial at +25 c to its worst case value at t min to t max . 5 noise density ( m g / ? hz ) is the average noise at any frequency in the bandwidth of the part. 6 c filt in m f. addition of filter capacitor will increase turn on time. please see the application section on power cycling. all min and max specifications are guaranteed. typical specifications are not tested or guaranteed. specifications subject to change without notice. (t a = t min to t max , t a = +25 8 c for j grade only, v dd = +5 v, r set = 125 k v , acceleration = 0 g , unless otherwise noted) rev. b C2C obsolete
adxl202/adxl210 C3C rev. b pin function descriptions pin name description 1 nc no connect 2v tp test point, do not connect 3 st self test 4 com common 5 t2 connect r set to set t2 period 6 nc no connect 7 com common 8 nc no connect 9y out y axis duty cycle output 10 x out x axis duty cycle output 11 y filt connect capacitor for y filter 12 x filt connect capacitor for x filter 13 v dd +3 v to +5.25 v, connect to 14 14 v dd +3 v to +5.25 v, connect to 13 package characteristics package u ja u jc device weight 14-lead cerpak 110 c/w 30 c/w 5 grams absolute maximum ratings* acceleration (any axis, unpowered for 0.5 ms) . . . . . . 1000 g acceleration (any axis, powered for 0.5 ms) . . . . . . . . . 500 g +v s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C0.3 v to +7.0 v output short circuit duration (any pin to common) . . . . . . . . . . . . . . . . . . . . . . indefinite operating temperature . . . . . . . . . . . . . . . . . C55 c to +125 c storage temperature . . . . . . . . . . . . . . . . . . . C65 c to +150 c * stresses above those listed under absolute maximum ratings may cause perma- nent damage to the device. this is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the adxl202/adxl210 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. drops onto hard surfaces can cause shocks of greater than 1000 g and exceed the absolute maximum rating of the device. care should be exercised in handling to avoid damage. pin configuration 14 13 12 11 10 9 8 1 2 3 4 7 6 5 top view (not to scale) a y a x nc = no connect nc y filt x filt v dd v dd v tp st com nc y out x out t2 nc com adxl202/ adxl210 figure 1 shows the response of the adxl202 to the earths gravitational field. the output values shown are nominal. they are presented to show the user what type of response to expect from each of the output pins due to changes in orientation with respect to the earth. the adxl210 reacts similarly with out- put changes appropriate to its scale. typical output at pin: 9 = 50% duty cycle 10 = 62.5% duty cycle 11 = 2.5v 12 = 2.188v typical output at pin: 9 = 62.5% duty cycle 10 = 50% duty cycle 11 = 2.188v 12 = 2.5v typical output at pin: 9 = 37.5% duty cycle 10 = 50% duty cycle 11 = 2.812v 12 = 2.5v typical output at pin: 9 = 50% duty cycle 10 = 37.5% duty cycle 11 = 2.5v 12 = 2.812v earth's surface 1 g figure 1. adxl202/adxl210 nominal response due to gravity warning! esd sensitive device ordering guide g temperature package package model range range description option adxl202jqc 20 c to +70 c 14-lead cerpak qc-14 adxl202aqc 2 C40 c to +85 c 14-lead cerpak qc-14 adxl210jqc 10 0 c to +70 c 14-lead cerpak qc-14 adxl210aqc 10 C40 c to +85 c 14-lead cerpak qc-14 obsolete
adxl202/adxl210 rev. b C4C temperature C 8c 1.06 0.94 C45 90 C30 period normalized to 1 at 25 8c C150 1530456075 1.04 1.02 1.00 0.98 0.96 figure 2. normalized dcm period (t2) vs. temperature temperature C 8c 0.8 C0.2 C0.8 C40 90 C30 zero g offset shift in g C20C100 1020304050 607080 0.6 0 C0.4 C0.6 0.4 0.2 figure 3. typical zero g offset vs. temperature temperature C 8c 0.7 0 C40 100 C20 supply current C ma 0 2040 6080 0.6 0.4 0.3 0.2 0.1 0.5 v s = 5 vdc v s = 3.5 vdc figure 4. typical supply current vs. temperature (@ +25 8 c r set = 125 k v , v dd = +5 v, unless otherwise noted) typical characteristics temperature C 8c 4% 3% C4% C40 85 25 0% C1% C2% C3% 2% 1% change in sensitivity figure 5. typical x axis sensitivity drift due to temperature 0 0.4 0.8 1.2 1.4 frequency C ms 3 2 1 0 volts c filt = 0.01 mf figure 6. typical turn-on time g /duty cycle output 20 6 0 C0.87g percentage of samples C0.64g C0.41g C0.17g 0.06g 0.29g 0.52g 0.75g 18 8 4 2 14 10 16 12 figure 7. typical zero g distribution at +25 c obsolete
adxl202/adxl210 C5C rev. b duty cycle output C % per g 11.3 11.5 11.7 11.9 12.2 12.4 12.6 12.8 13.1 13.3 13.5 13.7 9 8 0 percentage of samples 4 3 2 1 6 5 7 figure 8. typical sensitivity per g at +25 c c x , c y bandwidth 14 12 0 0.01mf 500hz 0.47mf 10hz 0.047mf 100hz total rms noise C m g 0.1mf 50hz 8 6 4 2 10 figure 9. typical noise at x filt output number of average samples 14 12 0 164 4 total rms noise C m g 16 8 6 4 2 10 c filt = 0.047mf bw = 100hz c filt = 0.1mf bw = 50hz c filt = 0.47mf bw = 10hz c filt = 0.01mf bw = 500hz t2 = 1ms figure 10. typical noise at digital outputs degrees of misalignment 20 6 0 C1.375 0.375 % of parts C1.125 C0.875 C0.625 C0.375 C0.0125 18 8 4 2 16 12 14 10 0.625 0.875 1.125 1.375 0.0125 figure 11. rotational die alignment obsolete
adxl202/adxl210 rev. b C6C definitions t1 length of the on portion of the cycle. t2 length of the total cycle. duty cycle ratio of the on time (t1) of the cycle to the total cycle (t 2). defined as t1/t2 for the adxl202/ adxl210. pulsewidth time period of the on pulse. defined as t1 for the adxl202/adxl210. theory of operation the adxl202/adxl210 are complete dual axis acceleration measurement systems on a single monolithic ic. they contain a polysilicon surface-micromachined sensor and signal condition- ing circuitry to implement an open loop acceleration measure- ment architecture. for each axis, an output circuit converts the analog signal to a duty cycle modulated (dcm) digital signal that can be decoded with a counter/timer port on a micropro- cessor. the adxl202/adxl210 are capable of measuring both positive and negative accelerations to a maximum level of 2 g or 10 g . the accelerometer measures static accele ration forces such as gravity, allowing it to be used as a tilt sensor. the sensor is a surface micromachined polysilicon structure built on top of the silicon wafer. polysilicon springs suspend the structure over the surface of the wafer and provide a resistance against acceleration forces. deflection of the structure is mea- sured using a differential capacitor that consists of independent fixed plates and central plates attached to the moving mass. the fixed plates are driven by 180 out of phase square waves. an acceleration will deflect the beam and unbalance the differential capacitor, resulting in an output square wave whose amplitude is proportional to acceleration. phase sensitive demodulation techniques are then used to rectify the signal and determine the direction of the acceleration. the output of the demodulator drives a duty cycle modulator (dcm) stage through a 32 k w resistor. at this point a pin is available on each channel to allow the user to set the signal bandwidth of the device by adding a capacitor. this filtering improves measurement resolution and helps prevent aliasing. after being low-pass filtered, the analog signal is converted to a duty cycle modulated signal by the dcm stage. a single resistor sets the period for a complete cycle (t2), which can be set be- tween 0.5 ms and 10 ms (see figure 12). a 0 g acceleration produces a no minally 50% duty cycle. the acceleration signal can be determined by measuring the length of the t1 and t2 pulses with a counter/timer or with a polling loop using a low cost microcontroller. an analog output voltage can be obtained either by buffering the signal from the x filt and y filt pin, or by passing the duty cycle signal through an rc filter to reconstruct the dc value. the adxl202/adxl210 will operate with supply voltages as low as 3.0 v or as high as 5.25 v. a( g ) = (t1/t2 C 0.5)/12.5% 0 g = 50% duty cycle t2(s) = r set (v)/125mv t2 t1 figure 12. typical output duty cycle applications power supply decoupling for most applications a single 0.1 m f capacitor, c dc , will ad- equately decouple the accelerometer from signal and noise on the power supply. how ever, in some cases, especially where digital devices such as microcontrollers share the same power supply, digi- tal noise on the supply may cause interference on the adxl202/ adxl210 output. this is often observed as a slowly undulating fluctuation of voltage at x filt and y filt . if additional decou- pling is needed, a 100 w (or smaller) resistor or ferrite beads, may be inserted in the adxl202/adxl210s supply line. design procedure for the adxl202/adxl210 the design procedure for using the adxl202/adxl210 with a duty cycle output involves selecting a duty cycle period and a filter capacitor. a proper design will take into account the appli- cation requirements for bandwidth, signal resolution and acqui- sition time, as discussed in the following sections. v dd the adxl202/adxl210 have two power supply (v dd ) pins: 13 and 14. these two pins should be co nnected dire ctly together. com the adxl202/adxl210 have two commons, pins 4 and 7. these two pins should be connected directly together and pin 7 grounded. v tp this pin is to be left open; make no connections of any kind to this pin. decoupling capacitor c dc a 0.1 m f capacitor is recommended from v dd to com for power supply decoupling. st the st pin controls the self-test feature. when this pin is set to v dd , an electrostatic force is exerted on the beam of the acceler- ometer. the resulting movement of the beam allows the user to test if the accelerometer is functional. the typical change in output will be 10% at the duty cycle outputs (corresponding to 800 m g ). this pin may be left open circuit or connected to common in normal use. duty cycle decoding the adxl202/adxl210s digital output is a duty cycle modu- lator. acceleration is proportional to the ratio t1/t2. the nominal out put of the adxl202 is: 0 g = 50% duty cycle scale factor is 12.5% duty cycle change per g the nominal out put of the adxl210 is: 0 g = 50% duty cycle scale factor is 4% duty cycle change per g these nominal values are affected by the initial tolerance of the device including zero g offset error and sensitivity error. t2 does not have to be measured for every measurement cycle. it need only be updated to account for changes due to tempera- ture, (a relatively slow process). since the t2 time period is shared by both x and y channels, it is necessary only to mea- sure it on one channel of the adxl202/adxl210. decoding algorithms for various microcontrollers have been developed. consult the appropriate application note. obsolete
adxl202/adxl210 C7C rev. b setting the bandwidth using c x and c y the adxl202/adxl210 have provisions for bandlimiting the x filt and y filt pins. capacitors must be added at these pins to implement low-pass filtering for antialiasing and noise reduc- tion. the equation for the 3 db bandwidth is: f 3 db = 1 2 p (32 k w ) c ( x , y ) () or, more simply, f 3 db = 5 m f c ( x , y ) the tolerance of the internal resistor (r filt ), can vary as much as 25% of its nominal value of 32 k w ; so the bandwidth will vary accordingly. a minimum capacitance of 1000 pf for c (x, y) is required in all cases. table i. filter capacitor selection, c x and c y capacitor bandwidth value 10 hz 0.47 m f 50 hz 0.10 m f 100 hz 0.05 m f 200 hz 0.027 m f 500 hz 0.01 m f 5 khz 0.001 m f setting the dcm period with r set the period of the dcm output is set for both channels by a single resistor from r set to ground. the equation for the period is: t 2 = r set ( w ) 125 m w a 125 k w resistor will set the duty cycle repetition rate to ap- proximately 1 khz, or 1 ms. the device is designed to operate at duty cycle periods between 0.5 ms and 10 ms. table ii. resistor values to set t2 t2 r set 1 ms 125 k w 2 ms 250 k w 5 ms 625 k w 10 ms 1.25 m w note that the r set should always be included, even if only an analog output is desired. use an r set value between 500 k w and 2 m w when taking the output from x filt or y filt . the r set resistor should be place close to the t2 pin to minimize parasitic capacitance at this node. selecting the right accelerometer for most tilt sensing applications the adxl202 is the most appropriate accelerometer. its higher sensitivity (12.5%/ g allows the user to use a lower speed counter for pwm decoding while maintaining high resolution. the adxl210 should be used in applications where accelerations of greater than 2 g are expected. microcomputer interfaces the adxl202/adxl210 were specifically designed to work with low cost microcontrollers. specific code sets, reference designs, and application notes are available from the factory. this section will outline a general design procedure and discuss the various trade-offs that need to be considered. the designer should have some idea of the required perfor- mance of the system in terms of: resolution: the smallest signal change that needs to be detected. bandwidth: the highest frequency that needs to be detected. acquisition time : the time that will be available to acquire the signal on each axis. these requirements will help to determine the accelerometer bandwidth, the speed of the microcontroller clock and the length of the t2 period. when selecting a microcontroller it is helpful to have a counter timer port available. the microcontroller should have provisions for software calibration. while the adxl202/adxl210 are highly accurate accelerometers, they have a wide tolerance for demod r filt 32kv r filt 32kv oscillator x sensor y sensor x out y out self test x filt v dd v dd c x +3.0v to +5.25v c dc com y filt t2 c y r set c o u n t e r mp t2 a( g ) = (t1/t2 C 0.5)/12.5% 0 g = 50% duty cycle t2 = r set /125mv t1 demod duty cycle modulator (dcm) adxl202/ adxl210 figure 13. block diagram obsolete
adxl202/adxl210 rev. b C8C table iv gives typical noise output of the adxl202/adxl210 for various c x and c y values. table iv. filter capacitor selection, c x and c y peak-to-peak noise estimate 95% bandwidth c x , c y rms noise probability (rms 3 4) 10 hz 0.47 m f 1.9 m g 7.6 m g 50 hz 0.10 m f 4.3 m g 17.2 m g 100 hz 0.05 m f 6.1 m g 24.4 m g 200 hz 0.027 m f 8.7 m g 35.8 m g 500 hz 0.01 m f 13.7 m g 54.8 m g choosing t2 and counter frequency: design trade-offs the noise level is one determinant of accelerometer resolution. the second relates to the measurement resolution of the counter when decoding the duty cycle output. the adxl202/adxl210s duty cycle converter has a resolu- tion of approximately 14 bits; better resolution than the acceler- ometer itself. the actual resolution of the acceleration signal is, however, limited by the time resolution of the counting devices used to decode the duty cycle. the faster the counter clock, the higher the resolution of the duty cycle and the shorter the t2 period can be for a given resolution. the following table shows some of the trade-offs. it is important to note that this is the resolution due to the microprocessorss counter. it is probable that the accelerometers noise floor may set the lower limit on the resolution, as discussed in the previous section. table v. trade-offs between microcontroller counter rate, t2 period and resolution of duty cycle modulator adxl202/ counter- adxl210 clock counts r set sample rate per t2 counts resolution t2 (ms) (k v ) rate (mhz) cycle per g (m g ) 1.0 124 1000 2.0 2000 250 4.0 1.0 124 1000 1.0 1000 125 8.0 1.0 124 1000 0.5 500 62.5 16.0 5.0 625 200 2.0 10000 1250 0.8 5.0 625 200 1.0 5000 625 1.6 5.0 625 200 0.5 2500 312.5 3.2 10.0 1250 100 2.0 20000 2500 0.4 10.0 1250 100 1.0 10000 1250 0.8 10.0 1250 100 0.5 5000 625 1.6 initial offset. the easiest way to null this offset is with a calibra- tion factor saved on the microcontroller or by a user calibration for zero g . in the case where the offset is calibrated during manu- facture, there are several options, including external eeprom and microcontrollers with one-time programmable features. design trade-offs for selecting filter characteristics: the noise/bw trade-off the accelerometer bandwidth selected will determine the mea- surement resolution (smallest detectable acceleration). filtering can be used to lower the noise floor and improve the resolution of the accelerometer. resolution is dependent on both the ana- log filter bandwidth at x filt and y filt and on the speed of the microcontroller counter. the analog output of the adxl202/adxl210 has a typical bandwidth of 5 khz, much higher than the duty cycle stage is capable of converting. the user must filter the signal at this point to limit aliasing errors. to minimize dcm errors the analog bandwidth should be less than 1/10 the dcm frequency. analog bandwidth may be increased to up to 1/2 the dcm frequency in many applications. this will result in greater dy- namic error generated at the dcm. the analog bandwidth may be further decreased to reduce noise and improve resolution. the adxl202/adxl210 noise has the characteristics of white gaussian noise that contributes equally at all frequencies and is described in terms of m g per root hz; i.e., the noise is proportional to the square root of the band- width of the accelerometer. it is recommended that the user limit bandw idth to the lowest frequency needed by the application, to maximize the resolution and dynamic range of the accelerometer. with the single pole roll-off characteristic, the typical noise of the adxl202/adxl210 is determined by the following equation: noise rms () = 500 m g / hz ? ? ? bw 1. 5 ? ? ? at 100 hz the noise will be: noise rms () = 500 m g / hz ? ? ? 100 (1. 5 ) ? ? ? = 6.12 m g often the peak value of the noise is desired. peak-to-peak noise can only be estimated by statistical methods. table iii is useful for estimating the probabilities of exceeding various peak values, given the rms value. table iii. estimation of peak-to-peak noise % of time that noise nominal peak-to-peak will exceed nominal value peak-to-peak value 2.0 rms 32% 4.0 rms 4.6% 6.0 rms 0.27% 8.0 rms 0.006% the peak-to-peak noise value will give the best estimate of the uncertainty in a single measurement. obsolete
adxl202/adxl210 C9C rev. b a dual axis tilt sensor: converting acceleration to tilt when the accelerometer is oriented so both its x and y axes are parallel to the earths surface it can be used as a two axis tilt sensor with a roll and a pitch axis. once the output signal from the accelerometer has been converted to an acceleration that varies between C1 g and +1 g, the output tilt in degrees is calcu- lated as follows: pitch = asin ( ax /1 g ) roll = asin ( ay /1 g ) be sure to account for overranges. it is possible for the acceler- ometers to output a signal greater than 1 g due to vibration, shock or other accelerations. measuring 360 8 of tilt it is possible to measure a full 360 of orientation through grav- ity by using two accelerometers oriented perpendicular to one another (see figure 15). when one sensor is reading a maxi- mum change in output per degree, the other is at its minimum. y x 360 8 of tilt 1 g figure 15. using a two-axis accelerometer to measure 360 of tilt strategies for using the duty cycle output with microcontrollers application notes outlining various strategies for using the duty cycle output with low cost microcontrollers are available from the factory. using the adxl202/adxl210 as a dual axis tilt sensor one of the most popular applications of the adxl202/adxl210 is tilt measurement. an accelerometer uses the force of gravity as an input vector to determine orientation of an object in space. an accelerometer is most sensitive to tilt when its sensitive axis is perpendicular to the force of gravity, i.e., parallel to the earths surface. at this orientation its sensitivity to changes in tilt is highest. when the accelerometer is oriented on axis to gravity, i.e., near its +1 g or C1 g reading, the change in output acceleration per degree of tilt is negligible. when the accelerom- eter is perpendicular to gravity, its output will change nearly 17.5 m g per degree of tilt, but at 45 degrees it is changing only at 12.2 m g per degree and resolution declines. the following table illustrates the changes in the x and y axes as the device is tilted 90 through gravity. y x +90 8 0 8 C90 8 1 g x output y output ( g ) x axis d per d per orientation degree of degree of to horizon ( 8 ) x output ( g ) tilt (m g ) y output ( g ) tilt (m g ) C90 C1.000 C0.2 0.000 17.5 C75 C0.966 4.4 0.259 16.9 C60 C0.866 8.6 0.500 15.2 C45 C0.707 12.2 0.707 12.4 C30 C0.500 15.0 0.866 8.9 C15 C0.259 16.8 0.966 4.7 C 0 0.000 17.5 1.000 0.2 C 15 0.259 16.9 0.966 C4.4 C 30 0.500 15.2 0.866 C8.6 C 45 0.707 12.4 0.707 C12.2 C 60 0.866 8.9 0.500 C15.0 C 75 0.966 4.7 0.259 C16.8 C 90 1.000 0.2 0.000 C17.5 figure 14. how the x and y axes respond to changes in tilt obsolete
adxl202/adxl210 rev. b C10C using the analog output the adxl202/adxl210 was specifically designed for use with its digital outputs, but has provisions to provide analog outputs as well. duty cycle filtering an analog output can be reconstructed by filtering the duty cycle output. this technique requires only passive components. the duty cycle period (t2) should be set to 1 ms. an rc filter with a 3 db point at least a factor of 10 less than the duty cycle frequency is connected to the duty cycle output. the filter resis- tor should be no less than 100 k w to prevent loading of the output stage. the analog output signal will be ratiometric to the supply voltage. the advantage of this method is an output scale factor of approximately double the analog output. its disadvan- tage is that the frequency response will be lower than when using the x filt , y filt output. x filt , y filt output the second method is to use the analog output present at the x filt and y filt pin. unfortunately, these pins have a 32 k w output impedance and are not designed to drive a load directly. an op amp follower may be required to buffer this pin. the advantage of this method is that the full 5 khz bandwidth of the accelerometer is available to the user. a capacitor still must be added at this point for filtering. the duty cycle converter should be kept running by using r set <10 m w . note that the acceler- ometer offset and sensitivity are ratiometric to the supply volt- age. the offset and sensitivity are nominally: 0 g offset = v dd /2 2.5 v at +5 v adxl202 sensitivity = (60 mv v s )/ g 300 mv/ g at +5 v, v dd adxl210 sensitivity = (20 mv v s )/ g 100 mv/ g at +5 v, v dd using the adxl202/adxl210 in very low power applications an application note outlining low power strategies for the adxl202/adxl210 is available. some key points are pre- sented here. it is possible to reduce the adxl202/adxl210s average current from 0.6 ma to less than 20 m a by using the following techniques: 1. power cycle the accelerometer. 2. run the accelerometer at a lower voltage, (down to 3 v). power cycling with an external a/d depending on the value of the x filt capacitor, the adxl202/ adxl210 is capable of turning on and giving a good reading in 1.6 ms. most microcontroller based a/ds can acquire a reading in another 25 m s. thus it is possible to turn on the adxl202/ adxl210 and take a reading in <2 ms. if we assume that a 20 hz sample rate is sufficient, the total current required to take 20 samples is 2 ms 20 samples/s 0.6 ma = 24 m a aver- age current. running the part at 3 v will reduce the supply current from 0.6 ma to 0.4 ma, bringing the average current down to 16 m a. the a/d should read the analog output of the adxl202/ adxl210 at the x filt and y filt pins. a buffer amplifier is recommended, and may be required in any case to amplify the analog output to give enough resolution with an 8-bit to 10-bit converter. power cycling when using the digital output an alternative is to run the microcontroller at a higher clock rate and put it into shutdown between readings, allowing the use of the digital output. in this approach the adxl202/ adxl210 should be set at its fastest sample rate (t2 = 0.5 ms), with a 500 hz filter at x filt and y filt . the concept is to ac- quire a reading as quickly as possible and then shut down the adxl202/adxl210 and the microcontroller until the next sample is needed. in either of the above approaches, the adxl202/adxl210 can be turned on and off directly using a digital port pin on the microcontroller to power the accelerometer without additional components. the port should be used to switch the common pin of the accelerometer so the port pin is pulling down. calibrating the adxl202/adxl210 the initial value of the offset and scale factor for the adxl202/ adxl210 will require calibration for applications such as tilt measurement. the adxl202/adxl210 architecture has been designed so that these calibrations take place in the software of the microcontroller used to decode the duty cycle signal. cali- bration factors can be stored in eeprom or determined at turn-on and saved in dynamic memory. for low g applications, the force of gravity is the most stable, accurate and convenient acceleration reference available. a reading of the 0 g point can be determined by orientating the device parallel to the earths surface and then reading the output. a more accurate calibration method is to make a measurements at +1 g and C1 g . the sensitivity can be determined by the two measurements. to calibrate, the accelerometers measurement axis is pointed directly at the earth. the 1 g reading is saved and the sensor is turned 180 to measure C1 g . using the two readings, the sensi- tivity is: let a = accelerometer output with axis oriented to +1 g let b = accelerometer output with axis oriented to C1 g then : sensitivity = [a C b ]/2 g for example, if the +1 g reading (a) is 55% duty cycle and the C1 g reading (b) is 32% duty cycle, then: sensitivity = [55% C 32%]/2 g = 11.5%/ g these equations apply whether the output is analog, or duty cycle. application notes outlining algorithms for calculating accelera- tion from duty cycle and automated calibration routines are available from the factory. obsolete
adxl202/adxl210 C11C rev. b outline dimensions dimensions shown in inches and (mm). 14-lead cerpak (qc-14) 0.291 (7.391) 0.285 (7.239) 0.390 (9.906) max pin 1 0.419 (10.643) 0.394 (10.008) 7 14 8 1 0.300 (7.62) 0.345 (8.763) 0.290 (7.366) 0.0125 (0.318) 0.009 (0.229) 0.050 (1.270) 0.016 (0.406) 8 0 seating plane 0.020 (0.508) 0.004 (0.102) 0.020 (0.508) 0.013 (0.330) 0.050 (1.27) bsc 0.195 (4.953) 0.115 (2.921) 0.215 (5.461) 0.119 (3.023) c3037bC2C4/99 printed in u.s.a. obsolete


▲Up To Search▲   

 
Price & Availability of ADXL210-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X