Part Number Hot Search : 
66BGC 74435 T681707 HEM406 LM339P NP2502R L7905 74HCT564
Product Description
Full Text Search
 

To Download 85HFR10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do-5 features ? diffused series ? available in normal & reverse polarity ? industrial grade ? available in avalanche characteristic * available in metric and unf thread electrical specifications i f maximum average forward 85a current t=125 0 c v fm maximum peak forward 1.4v voltage drop @ rated if(av) i fsm maximum peak one cycle 1270 a (non-rep) surge current 10 m sec i frm maximum peak repetitive surge current 405 a i 2 t maximum i 2 t rating (non-rep.) for 5 to 10 8064 msec. a 2 sec 85hf / 85hfr silicon power diode thermal mechanical specifications jc maximum thermal resistance junction to case 0.50 0 c/w tj operating junction temp. -65 0 c to 150 0 c tstg storage temperature -65 0 c to 200 0 c mounting torque 0.4 m-kg min, (non-lubricated threads) 0.6 m-kg max w approx, weight 13.5 & 30 gms. electrical ratings type 85hf/hfr 1 0 2 0 4 0 6 0 8 0 100 120 140 160 v rrm max. repetitive peak reverse 100 200 400 600 800 1000 1200 1400 1600 voltage (v) v r (rms) max. r.m.s. reverse voltage(v) 70 140 280 420 560 700 840 980 1120 v r max. d.c. blocking voltage (v) 100 200 400 600 800 1000 1200 1400 1600 recommended r.m.s. working 40 80 160 240 320 400 480 560 640 voltage(v) i r (av) max. average reverse leakage 200 200 200 200 200 200 200 200 200 current @ vrrm tc 25 0 c ua naina semiconductor ltd., d-95,sector 63 noida(india) e-mail: sales@nainasemi.com , web site: www.nainasemi.com naina a a polarity polarity normal normal reverse reverse ? 4.0 7 27 12 m8 x 1.25 16 ? 8.0 32 12 11.5 m 8 x 1.25 17 a/f 17 a/f 11.5 c c c c a a


▲Up To Search▲   

 
Price & Availability of 85HFR10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X