Part Number Hot Search : 
10MHZ PC554C 2SK23 PTB20219 44000 N3LLH INTERSIL 201121B
Product Description
Full Text Search
 

To Download 476TTA063M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com tta +85c general purpose axial lead aluminum electrolytic capacitors features ? standard case sizes ? multiple case sizes ? lead free leads applications ? bypass ? filtering ? coupling ? de-coupling specifications operating temperature range -40c to +85c (10 to 350 wvdc) -25c to +85c (450 wvdc) capacitance tolerance + 20% at 120 hz, 20c wvdc 10 16 25 35 50 63 100 160 200 250 350 450 surge voltage svdc 13 20 32 44 63 79 125 200 250 300 400 500 wvdc 10 16 25 35 50 63 100 160 200 250 350 450 tan .2 .16 .14 .12 .1 .09 .08 .2 .2 .2 .2 .24 dissipation factor add .02 for every 1000uf above 1000uf 10 to 100 wvdc 160 to 450 wvdc 1 minutes 2 minutes 1 minute 1 minute leakage current .03cv or 4ua, whichever is greater .01cv or 3ua, whichever is greater cv< 1000 .04cv+100ua cv>1000 .1cv+40ua wvdc 10 16 25 35 50 63 100 160 200 250 350 450 -25c to +20c 3 2 2 2 2 2 2 3 3 3 6 5 low temperature stability impedance ratio (120 hz) -40c to +20c 8 6 4 3 3 3 3 6 6 6 6 - 2000 hours at 85c with rated wvdc and ripple current applied capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value load life leakage current > 100% of maximum specified value 1000 hours at 85c with no voltage applied capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value shelf life leakage current > 100% of maximum specified value capacitance frequency (hz) temperature (c) uf 50 120 400 1k 10k 50k +85 +70 +60 +30 c< 10 .8 1.0 1.3 1.45 1.65 1.7 1.0 1.3 1.5 1.8 101000 .8 1.0 1.11 1.17 1.25 1.28 1.0 1.3 1.5 1.8 d 5 6.3 8 10 12.5 16 18 22 25 d 0.5 0.5 0.6 0.6 0. 6 0.8 0.8 0.8 0.8 b 0.5 0.5 0.5 0.5 0. 8 0.5 0.5 1.0 1.0 d< 10mm, l 1 =l+1.5mm max. mm d> 10mm, l 1 =l+2mm max. d 1 =d+b max.
tta +85c, standard, general purpose 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (ma) 120 hz, +105c dims dxl (mm) 0.47 100 474tta100m 705.474 10 5x13 1 50 105tta050m 165.786 10 5x13 1 100 105tta100m 331.573 18 5x13 1 160 105tta160m 331.573 14 6.3x13 1 350 105tta350m 331.573 20 6.3x16 1 450 105tta450m 414.466 19 8x16 2.2 50 225tta050m 75.358 23 5x13 2.2 100 225tta100m 100.477 27 5x13 2.2 160 225tta160m 100.477 23 6.3x16 2.2 250 225tta250m 100.477 30 8x16 2.2 350 225tta350m 100.477 33 8x16 2.2 450 225tta450m 188.394 31 10x21 3.3 100 335tta100m 100.477 34 5x13 3.3 160 335tta160m 100.477 33 8x16 3.3 250 335tta250m 100.477 40 8x16 3.3 450 335tta450m 125.596 38 8x20 4.7 50 475tta050m 35.274 36 5x13 4.7 100 475tta100m 70.547 40 5x13 4.7 160 475tta160m 70.547 50 8x16 4.7 350 475tta350m 70.547 55 8x20 4.7 450 475tta450m 88.184 50 10x26 10 35 106tta035m 19.894 41 5x13 10 50 106tta050m 16.579 50 5x13 10 63 106tta063m 16.579 55 5x13 10 100 106tta100m 33.157 65 6.3x13 10 160 106tta160m 33.157 80 8x20 10 250 106tta250m 33.157 90 10x21 10 350 106tta350m 33.157 100 13x26 10 450 106tta450m 41.447 90 13x26 15 50 156tta050m 11.0524 70 5x13 22 35 226tta035m 9.043 70 5x13 22 50 226tta050m 7.536 85 6.3x13 22 100 226tta100m 15.072 120 8x16 22 160 226tta160m 15.072 130 10x26 22 250 226tta250m 15.072 160 13x26 22 350 226tta350m 15.072 150 13x31 22 450 226tta450m 18.839 160 16x31 22 500 226tta500aqw 16.75 115 16x32 33 25 336tta025m 7.536 80 5x13 33 50 336tta050m 5.024 115 6.3x16 33 100 336tta100m 10.048 145 8x16 33 160 336tta160m 10.048 170 13x26 33 250 336tta250m 10.048 190 13x31 33 350 336tta350m 10.048 210 16x31.5 33 450 336tta450m 12.56 230 16x41 47 16 476tta016m 5.997 90 5x13 47 25 476tta025m 5.291 105 6.3x13 47 50 476tta050m 3.527 140 6.3x16 47 63 476TTA063M 3.527 165 8x16 47 100 476tta100m 7.055 190 8x20 47 160 476tta160m 7.055 225 13x31 47 250 476tta250m 7.055 255 16x31 47 350 476tta350m 7.055 290 16x41 47 450 476tta450mrz 7.055 300 18x41 47 500 476tta500arz 7.839 290 18x40 68 16 686tta016m 4.145 150 6.3x16 68 35 686tta035m 2.926 200 8x16 68 63 686tta063m 2.438 250 8x20 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (ma) 120 hz, +105c dims dxl (mm) 100 10 107tta010m 3.316 130 6.3x13 100 25 107tta025m 2.487 170 6.3x13 100 35 107tta035m 1.989 200 8x16 100 50 107tta050m 1.658 220 8x16 100 63 107tta063m 1.658 260 8x20 100 100 107tta100m 3.316 310 10x26 100 160 107tta160m 3.316 400 16x31 100 250 107tta250m 3.316 450 16x41 100 350 107tta350m 3.316 460 18x41 100 450 107tta450m 4.145 370 22x51 150 25 157tta025m 1.658 260 8x16 150 35 157tta035m 1.326 270 8x20 150 50 157tta050m 1.105 285 10x16 150 63 157tta063m 1.105 310 10x21 150 100 157tta100m 2.211 515 13x26 220 16 227tta016m 1.281 260 8x16 220 25 227tta025m 1.13 280 8x16 220 35 227tta035m 0.904 340 8x20 220 50 227tta050m 0.754 440 10x21 220 63 227tta063m 0.754 490 10x25 220 100 227tta100m 1.507 560 13x26 220 160 227tta160m 1.507 660 22x41 220 250 227tta250m 1.507 764 22x41 330 16 337tta016m 0.854 320 8x16 330 25 337tta025m 0.754 385 8x20 330 50 337tta050m 0.502 565 10x26 330 63 337tta063m 0.502 650 13x26 330 100 337tta100m 1.005 730 13x31 470 10 477tta010m 0.7055 350 8x16 470 16 477tta016m 0.5997 450 8x20 470 25 477tta025m 0.529 560 10x21 470 35 477tta035m 0.423 640 10x26 470 50 477tta050m 0.353 740 13x26 470 63 477tta063m 0.353 845 13x31 470 100 477tta100m 0.706 960 16x31 1000 10 108tta010m 0.332 570 10x21 1000 16 108tta016m 0.282 700 10x26 1000 25 108tta025m 0.249 830 13x26 1000 35 108tta035m 0.199 980 13x26 1000 50 108tta050m 0.166 1130 16x30 1000 63 108tta063m 0.166 1330 16x31 1000 80 108tta080m 0.149 1500 16x41 1000 100 108tta100m 0.332 1640 18x41 1500 25 158tta025m 0.188 1150 13x26 1500 35 158tta035m 0.155 1280 16x31 1500 50 158tta050m 0.133 1480 16x41 2200 10 228tta010m 0.181 1100 13x26 2200 16 228tta016m 0.158 1190 13x31 2200 25 228tta025m 0.143 1480 16x31 2200 35 228tta035m 0.121 1580 16x31 2200 50 228tta050m 0.106 1930 16x41 2200 63 228tta063m 0.098 2158 18x40 2200 80 228tta080m 0.106 2260 22x51 2200 100 228tta100m 0.181 2560 25x51 3300 10 338tta010m 0.131 1435 13x31 3300 16 338tta016m 0.116 1610 16x31 3300 25 338tta025m 0.106 1700 16x31 3300 35 338tta035m 0.0904 1810 16x41
tta +85c, standard, general purpose 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (ma) 120 hz, +105c dims dxl (mm) 3300 50 338tta050m 0.0804 2350 22x41 3300 63 338tta063m 0.0804 2370 22x51 4700 10 478tta010m 0.099 1730 16x31 4700 16 478tta016m 0.088 1840 16x31.5 4700 25 478tta025m 0.081 2190 16x41 4700 35 478tta035m 0.0635 2470 22x41 4700 50 478tta050m 0.0635 2510 22x51 4700 63 478tta063m 0.0635 3080 25x60 6800 16 688tta016m 0.071 2310 16x41 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (ma) 120 hz, +105c dims dxl (mm) 6800 25 688tta025m 0.066 2480 18x41 6800 35 688tta035m 0.059 2760 22x51 10000 10 109tta010m 0.0332 2350 18x41 10000 16 109tta016m 0.058 2520 18x41 10000 25 109tta025m 0.063 3240 22x51 10000 35 109tta035m 0.0497 3500 25x51 15000 16 159tta016m 0.0497 3310 22x51 15000 25 159tta025m 0.0475 3700 25x51 22000 16 229tta016m 0.045 3600 22x51


▲Up To Search▲   

 
Price & Availability of 476TTA063M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X