Part Number Hot Search : 
1568PST ANTXV2 BAT40 GL819 PA0430L GXOL72 VSC73 NTE56016
Product Description
Full Text Search
 

To Download 30N1600S14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general data nominal sensing distance sn 15 mm nominal sensing distance sn adjustable 4 ... 15 mm mounting type fush gnd electrode yes temperature drift 15 % (+10 ... +70 c) sensitivity adjustment potentiometer, 18 turn output indicator led yellow electrical data voltage supply range +vs 10 ... 30 vdc current consumption max. (no load) 20 ma output circuit npn make function (no) output current < 200 ma voltage drop vd < 1,5 vdc switching frequency < 50 hz short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded housing material brass nickel plated dimension 30 mm housing length 82 mm connection types connector m12 ambient conditions operating temperature -25 ... +75 c protection class ip 65 photo connection diagram output +v s bu (3) 0 v bn (1) npn bk (4) z dimension drawing 58 82 m30 x 1, 5 m12 x 1 sw 36 le d po t 11 feld of application detection of non-conductive media yes fll level detection through container yes liquids in direct contact no object detection / bulk goods yes 7/1/2014 cfam 30n1600/s14 cfam 30n1600/s14 capacitive proximity sensors capacitive proximity sensors www.baumer.com


▲Up To Search▲   

 
Price & Availability of 30N1600S14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X