Part Number Hot Search : 
OMA541SK 6KE120AP TM100 RE5RL38A AN77L05 AN4210 HC406 D9244
Product Description
Full Text Search
 

To Download 20N1600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general data nominal sensing distance sn 10 mm nominal sensing distance sn adjustable 2 ... 10 mm mounting type fush gnd electrode yes temperature drift 15 % (+10 ... +70 c) sensitivity adjustment potentiometer, 18 turn output indicator led yellow electrical data voltage supply range +vs 10 ... 30 vdc current consumption max. (no load) 20 ma output circuit npn make function (no) output current < 200 ma voltage drop vd < 2,5 vdc switching frequency < 50 hz short circuit protection yes reverse polarity protection yes mechanical data type cylindrical smooth housing material brass nickel plated dimension 20 mm housing length 79,5 mm connection types cable, 2 m ambient conditions operating temperature -25 ... +75 c protection class ip 65 photo connection diagram output +v s bu (3) 0 v bn (1) npn bk (4) z dimension drawing ?0 2 po t le d 79, 5 feld of application detection of non-conductive media yes fll level detection through container yes liquids in direct contact no object detection / bulk goods yes 8/1/2014 cfbm 20N1600 cfbm 20N1600 capacitive proximity sensors capacitive proximity sensors www.baumer.com


▲Up To Search▲   

 
Price & Availability of 20N1600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X