Part Number Hot Search : 
MAU215 CMHZ4104 SI7348DP AA1101F 370910 SRL5017R TDA9105 TC920
Product Description
Full Text Search
 

To Download WPM2031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  WPM2031 single p-channel, -20v, -0.65a, power mosfet descriptions the WPM2031 is p-channel enhancement mos field effect transistor. uses advanced trench technology and design to provide excellent r ds (on) with low gate charge. this device is suitable for use in dc-dc conversion, power switch and charging circuit. standard product WPM2031 is pb-free and halogen-free. features z trench technology z supper high density cell design z excellent on resistance for higher dc current z extremely low threshold voltage z small package sot-723 applications z driver for relay, solenoid, motor, led etc. z dc-dc converter circuit z power switch z load switch z charging sot-723 pin configuration (top view) 1* 1 =device code * = month(a~z) marking order information device package shipping WPM2031-3/tr sot-723 8000/reel&tape v ds (v) rds(on) ( ? ) 0.495@ v gs = C 4.5v 0.665@ v gs = C 2.5v -20 0.882@ v gs = C 1.8v esd protected d 3 1 2 g s 3 2 1 1 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute maximum ratings parameter symbol 10 s steady state unit drain-source voltage v ds -20 gate-source voltage v gs 5 v t a =25c -0.65 -0.60 continuous drain current a t a =70c i d -0.52 -0.48 a t a =25c 0.42 0.36 maximum power dissipation a t a =70c p d 0.27 0.23 w t a =25c -0.55 -0.51 continuous drain current b t a =70c i d -0.44 -0.41 a t a =25c 0.30 0.26 maximum power dissipation b t a =70c p d 0.19 0.17 w pulsed drain current c i dm -1.0 a operating junction temperature t j 150 c lead temperature t l 260 c storage temperature range t stg -55 to 150 c thermal resistance ratings parameter symbol typical maximum unit t 10 s 280 340 junction-to-ambient thermal resistance a steady state r ja 345 410 t 10 s 400 470 junction-to-ambient thermal resistance b steady state r ja 245 280 junction-to-case thermal resistance steady state r jc 280 340 c/w a surface mounted on fr-4 board using 1 square inch pad size, 1oz copper b surface mounted on fr-4 board using minimum pad size, 1oz copper c pulse width<380s, duty cycle<2% d maximum junction temperature t j =150c. WPM2031 2 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electronics characteristics (ta=25 o c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain-to-source breakdown voltage bv dss v gs = 0 v, i d = -250ua -20 v zero gate voltage drain current i dss v ds =-16v, v gs = 0v -1 ua gate-to-source leakage current i gss v ds = 0 v, v gs = 5v 5 ua on characteristics gate threshold voltage v gs(th) v gs = v ds , i d = -250ua -0.44 -0.65 -0.81 v v gs = -4.5v, i d = -0.45a 495 853 v gs = -2.5v, i d = -0.35a 665 1053 drain-to-source on-resistance b, c r ds(on) v gs = -1.8v, i d = -0.25a 882 1303 m ? forward transconductance g fs v ds = -5 v, i d =-0.45a 1.25 s capacitances, charges input capacitance c iss 74.5 output capacitance c oss 10.8 reverse transfer capacitance c rss v gs = 0 v, f = 100 khz, v ds = -10 v 10.2 pf total gate charge q g(tot) 1.67 threshold gate charge q g(th) 0.17 gate-to-source charge q gs 0.30 gate-to-drain charge q gd v gs = -4.5 v, v ds = -10 v, i d = -0.45a 0.59 nc switching characteristics turn-on delay time td(on) 0.50 rise time tr 1.76 turn-off delay time td(off) 7.0 fall time tf v gs = -4.5 v, v ds = -10 v, i d =-0.45a r g =6 ? 8.5 us body diode characteristics forward voltage v sd v gs = 0 v, i s = -0.15a -0.75 -1.5 v WPM2031 3 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical characteristics (ta=25 o c, unless otherwise noted) 012345 0.0 0.5 1.0 1.5 2.0 v gs = -2.5 ~ -5v output characteristics on-resistance vs. drain current on-resistance vs. drain current on-resistance vs. junction temperature on-resistance vs. junction temperature transfer characteristics transfer characteristics on-resistance vs. gate-to-source voltage on-resistance vs. gate-to-source voltage threshold voltage vs. temperature threshold voltage vs. temperature v gs = -2.0v v gs = -1.5v -i ds _drain to source current (a) -v ds _drain to source voltage (v) 0.0 0.3 0.6 .9 1.2 1.5 1.8 0 300 600 900 1200 1500 0 t=-50 0 c t=125 0 c v ds = -5v -i ds - drain current (a) -v gs - gate to drain voltage (v) t=25 0 c 0.2 0.4 0.6 0.8 1.0 200 400 600 800 1000 v gs =-2.5v v gs =-4.5v r ds(on) - on-resistance(m ) - i ds -drain-to-source current ( a ) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 300 600 900 1200 1500 i d =-0.45a r ds(on) - on-resistance (m ) - v gs -gate-to-source voltage(v) -50 0 100 150 300 400 500 600 700 50 v gs =-4.5v i ds =-0.45a r ds(on) - on-resistance (m ) temperature ( 0 c) -25 0 25 50 75 100 125 150 0.2 0.3 0.4 0.5 0.6 0.7 0.8 i ds = -250ua -v gs(th) - threshold voltage (v) temperature ( 0 c) WPM2031 4 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
capacitance gate charge characteristics 0.4 0.5 0.6 0.7 0.8 0.9 50 100 150 200 250 t=25 0 c body diode forward voltage safe operating power transient thermal response (junction-to-ambient) 0.0 0.2 0.4 0.6 0.8 1 .0 1.2 1.4 1.6 1.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v =-10v,i =-0.45a ds d -v gs gate to source voltage(v) - qg (nc) t=125 0 c -i sd - source to drain current (a) -v sd - source to drain voltage(v) 0246810 0 30 60 90 120 v gs =0v f=100khz c-capacitance (pf) -v ds - drain to source voltage (v) cin cout crss -v ds - drain-to-source voltage (v) 10 0.1 0.1 1 10 100 0.001 1 - drain current (a) -i d 0.01 t a = 25 c single pulse 10 ms 100 ms dc 1 s 10 s limited by r ds(on) 10 -3 10 -2 0 0 6 0 1 1 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wave pulse duration (s) normalized effective transient thermal impedance 1. duty cycle, d = 2. per unit base = r thja = c/w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm 345 WPM2031 5 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
package outline dimensions sot-723 dimensions in millimeter symbol min. max. a 0.500 a1 0.000 0.050 b 0.170 0.270 b1 0.270 0.370 c 0.150 d 1.150 1.250 e 1.150 1.250 e1 0.750 0.850 e 0.800typ 7 ref WPM2031 6 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of WPM2031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X