Part Number Hot Search : 
100AK RURP1560 UN222 MBR380 C16LF 274J100 80020 TD100
Product Description
Full Text Search
 

To Download VNB10N07-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vnb10n07/k10n07fm vnp10n07fi/vnv10n07 "omnifet": fully autoprotected power mosfet ? june 1998 block diagram ( * ) type v clamp r ds(on) i lim vnb10n07 vnk10n07fm vnp10n07fi vnv10n07 70 v 70 v 70 v 70 v 0.1 w 0.1 w 0.1 w 0.1 w 10 a 10 a 10 a 10 a n linear current limitation n thermal shut down n short circuit protection n integrated clamp n low current drawn from input pin n diagnostic feedback through input pin n esd protection n direct access to the gate of the power mosfet (analog driving) n compatible with standard power mosfet description the vnb10n07, vnk10n07fm, vnp10n07fi and vnv10n07 are monolithic devices made using stmicroelectronics vipower m0 technology, intended for replacement of standard power mosfets in dc to 50 khz applications. built-in thermal shut-down, linear current limitation and overvoltage clamp protect the chip in harsh enviroments. fault feedback can be detected by monitoring the voltage at the input pin. 1 10 powerso-10 1 3 1 2 3 isowatt220 d2pak to-263 sot82-fm ( * ) powerso-10 pin configuration : input = 6,7,8,9,10; source = 1,2,4,5; drain = tab 1/14
absolute maximum rating symbol parameter value unit powerso-10 d2pak sot-82fm isowatt220 v ds drain-source voltage (v in = 0) internally clamped v v in input voltage 18 v i d drain current internally limited a i r reverse dc output current -14 a v esd electrostatic discharge (c= 100 pf, r=1.5 k w ) 2000 v p tot total dissipation at t c = 25 o c 50 9.5 31 w t j operating junction temperature internally limited o c t c case operating temperature internally limited o c t stg storage temperature -55 to 150 o c thermal data isowatt220 powerso-10 sot82-fm d2pak r thj-case thermal resistance junction-case max 4 2.5 13 2.5 o c/w r thj-amb thermal resistance junction-ambient max 62.5 50 100 62.5 o c/w electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v clamp drain-source clamp voltage i d = 200 ma v in = 0 607080 v v clth drain-source clamp threshold voltage i d = 2 ma v in = 0 55 v v incl input-source reverse clamp voltage i in = -1 ma -1 -0.3 v i dss zero input voltage drain current (v in = 0) v ds = 13 v v in = 0 v ds = 25 v v in = 0 50 200 m a m a i iss supply current from input pin v ds = 0 v v in = 10 v 250 500 m a on ( * ) symbol parameter test conditions min. typ. max. unit v in(th) input threshold voltage v ds = v in i d + ii n = 1 ma 0.8 3 v r ds(on) static drain-source on resistance v in = 10 v i d = 5 a v in = 5 v i d = 5 a 0.1 0.14 w w vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 2/14
electrical characteristics (continued) dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds = 13 v i d = 5 a 6 8 s c oss output capacitance vds = 13 v f = 1 mhz v in = 0 350 500 pf switching (**) symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 15 v i d = 5 a v gen = 10 v r gen = 10 w (see figure 3) 50 80 230 100 100 160 400 180 ns ns ns ns t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 15 v i d = 5 a v gen = 10 v r gen = 1000 w (see figure 3) 600 0.9 3.8 1.7 900 2 6 2.5 ns m s m s m s (di/dt) on turn-on current slope v dd = 15 v i d = 5 a v in = 10 v r gen = 10 w 60 a/ m s q i total input charge v dd = 12 v i d = 5 a v in = 10 v 30 nc source drain diode symbol parameter test conditions min. typ. max. unit v sd ( * ) forward on voltage i sd = 5 a v in = 0 1.6 v t rr ( ** ) q rr ( ** ) i rrm ( ** ) reverse recovery time reverse recovery charge reverse recovery current i sd = 5 a di/dt = 100 a/ m s v dd = 30 v t j = 25 o c (see test circuit, figure 5) 125 0.3 4.8 ns m c a protection symbol parameter test conditions min. typ. max. unit i lim drain current limit v in = 10 v v ds = 13 v v in = 5 v v ds = 13 v 7 7 10 10 14 14 a a t dlim ( ** ) step response current limit v in = 10 v v in = 5 v 20 50 30 80 m s m s t jsh ( ** ) overtemperature shutdown 150 o c t jrs ( ** ) overtemperature reset 135 o c i gf ( ** ) fault sink current v in = 10 v v ds = 13 v v in = 5 v v ds = 13 v 50 20 ma ma e as ( ** ) single pulse avalanche energy starting t j = 25 o c v dd = 20 v v in = 10 v r gen = 1 k w l = 10 mh 0.4 j ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ** ) parameters guaranteed by design/characterization vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 3/14
during normal operation, the input pin is electrically connected to the gate of the internal power mosfet. the device then behaves like a standard power mosfet and can be used as a switch from dc to 50 khz. the only difference from the user?s standpoint is that a small dc current (i iss ) flows into the input pin in order to supply the internal circuitry. the device integrates: - overvoltage clamp protection: internally set at 70v, along with the rugged avalanche characteristics of the power mosfet stage give this device unrivalled ruggedness and energy handling capability. this feature is mainly important when driving inductive loads. - linear current limiter circuit: limits the drain current id to ilim whatever the input pin voltage. when the current limiter is active, the device operates in the linear region, so power dissipation may exceed the capability of the heatsink. both case and junction temperatures increase, and if this phase lasts long enough, junction temperature may reach the overtemperature threshold t jsh . - overtemperature and short circuit protection: these are based on sensing the chip temperature and are not dependent on the input voltage. the location of the sensing element on the chip in the power stage area ensures fast, accurate detection of the junction temperature. overtemperature cutout occurs at minimum 150 o c. the device is automatically restarted when the chip temperature falls below 135 o c. - status feedback: in the case of an overtemperature fault condition, a status feedback is provided through the input pin. the internal protection circuit disconnects the input f rom the gate and connects it instead to ground via an equivalent resistance of 100 w . the failure can be detected by monitoring the voltage at the input pin, which will be close to ground potential. additional features of this device are esd protection according to the human body model and the ability to be driven from a ttl logic circuit (with a small increase in r ds(on) ). protection features vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 4/14
thermal impedance for isowatt220 derating curve transconductance thermal impedance for d2pak / powerso-10 output characteristics static drain-source on resistance vs input voltage vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 5/14
static drain-source on resistance input charge vs input voltage normalized input threshold voltage vs temperature static drain-source on resistance capacitance variations normalized on resistance vs temperature vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 6/14
normalized on resistance vs temperature turn-on current slope turn-off drain-source voltage slope turn-on current s lope turn-off drain-source voltage slope switching time resistive load vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 7/14
switching time resistive load current limit vs junction temperature source drain diode forward characteristics switching time resistive load step response current limit vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 8/14
fig. 2: unclamped inductive waveforms fig. 3: switching times test circuits for resistive load fig. 4: input charge test circuit fig. 1: unclamped inductive load test circuits fig. 5: test circuit for inductive load switching and diode recovery times fig. 6: waveforms vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 9/14
dim. mm inch min. typ. max. min. typ. max. a 4.3 4.6 0.169 0.181 a1 2.49 2.69 0.098 0.106 b 0.7 0.93 0.027 0.036 b2 1.25 1.4 0.049 0.055 c 0.45 0.6 0.017 0.023 c2 1.21 1.36 0.047 0.053 d 8.95 9.35 0.352 0.368 e 10 10.28 0.393 0.404 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.624 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 l2 l3 l b2 b g e a c2 d c a1 p011p6/c to-263 (d2pak) mechanical data vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 10/14
dim. mm inch min. typ. max. min. typ. max. a 2.85 3.05 1.122 1.200 a1 1.47 1.67 0.578 0.657 b 0.40 0.60 0.157 0.236 b1 1.4 1.6 0.551 0.630 b2 1.3 1.5 0.511 0.590 c 0.45 0.6 0.177 0.236 d 10.5 10.9 4.133 4.291 e 2.2 2.8 0.866 1.102 e 7.45 7.75 2.933 3.051 l 15.5 15.9 6.102 6.260 l1 1.95 2.35 0.767 0.925 p032r sot82-fm mechanical data vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 11/14
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.4 0.7 0.015 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 isowatt220 mechanical data p011g vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 12/14
dim. mm inch min. typ. max. min. typ. max. a 3.35 3.65 0.132 0.144 a1 0.00 0.10 0.000 0.004 b 0.40 0.60 0.016 0.024 c 0.35 0.55 0.013 0.022 d 9.40 9.60 0.370 0.378 d1 7.40 7.60 0.291 0.300 e 9.30 9.50 0.366 0.374 e1 7.20 7.40 0.283 0.291 e2 7.20 7.60 0.283 0.300 e3 6.10 6.35 0.240 0.250 e4 5.90 6.10 0.232 0.240 e1.27 0.050 f 1.25 1.35 0.049 0.053 h 13.80 14.40 0.543 0.567 h0.50 0.002 l 1.20 1.80 0.047 0.071 q1.70 0.067 a 0 o 8 o detail "a" plane seating a l a1 f a1 h a d d1 = = = = = = e4 0.10 a e1 e3 c q a = = b b detail "a" seating plane = = = = e2 6 10 5 1 e b he m 0.25 = = = = 0068039-c powerso-10 mechanical data vnb10n07-vnk10n07fm-vnp10n07fi-vnv10n07 13/14
docid1642 rev 6 14/14 vnb10n07/k10n07fm/vnp10n07fi/vnv10n07 14 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. a ll st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industr y domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of VNB10N07-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X