Part Number Hot Search : 
MM1224 EDZ13B 2SA2030 LC75345 FSF0610 BD235NPN MF100 AL8807A
Product Description
Full Text Search
 

To Download UTP6X2025RDY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.panduit.com key features and benefits 100% performance tested confidence that each patch cord delivers specified performance centered de-embedded plug performs in center of tia/eia-568-b.2-1 component range ensuring interoperability and excellent performance integral pair manager optimizes performance, consistency, and reliability by reducing untwist at plug patented tangle-free latch prevents snags and provides easy release, saving time and providing reliability on frequent moves, adds and changes slender strain relief boot provides easy access in high-density applications robust construction plug contacts plated with 50 microinches of gold and rated to 2500 mating cycles identification provides identification of performance level, length, and quality control number for future traceability variety of cable colors meets individual length and color coding and lengths requirements for greater system flexibility color bands (optional) snap onto cable, allowing additional color coding options category 6a/ certified channel performance in a 4-connector iso 11801 class e a channel configuration up to 100 meters and exceeds the draft performance tested requirements of iso 11801 class e a edition 2.1, to 650 mhz: and ieee 802.3an-2006, tia/eia568-b.2-10 ratified standards for supporting 10gbase-t transmission over twisted-pair cabling systems as part of the panduit ? tx6 ? 10g ig ? utp copper cabling system fcc compliance: meets fcc part 68 subpart f; contacts plates with 50 microinches of gold for superior performance iec compliance: meets iec 60603-7 ul rated: no. 1863 technical information specifications category 6a utp patch cords shall be constructed of 24 awg solid copper cable with an enhanced performance modular plug at each end. patch cords shall be used in all work area outlets and patch panels. patch cords shall be wired to be compatible with both t568a and t568b wiring schemes. the tx6 ? 10g ig ? patch cords must be installed as part of a complete panduit tx6 ? 10g ig ? utp copper cabling system in order to achieve 10gbase-t certified performance. tx6 ? 10g ig ? utp patch cords 3 feet: utp6x3*y 5 feet: utp6x5*y 7 feet: utp6x7*y 10 feet: utp6x10*y 14 feet: utp6x14*y 20 feet: utp6x20*y m ini -c om ? tx6 ? 10g ig ? utp jack module jack module: cj6x88tg** tx6 ? 10g ig ? utp copper cable plenum: pup6x04***-u riser: pur6x04***-uy dp6 ? 10g ig ? angled punchdown patch panels 24 port, 1 ru: dpa246x88tgy 48 port, 2 ru: dpa486x88tgy dp6 ? 10g ig ? flat punchdown patch panels 24 port, 1 ru: dp246x88tgy 48 port, 2 ru: dp486x88tgy tools and accessories patch cord removal tool: pcrt1 flashlight kit: kpcrt-fl patch cord band: pcband ^ -q *for lengths 3 to 20 feet (increments of 1 foot) 25, 30, 35 and 40 feet change the length designation in part number to the desired length. for standard cable colors other than ig (international gray) add suffix bl (black), bu (blue), gr (green), rd (red), yl (yellow), or (orange) or vl (violet) before the y at the end of the part number. for example, the part number for a blue 15-foot patch cord is utp6x15buy. **to designate color, add suffix iw (int?l white), ei (electric ivory), wh (white), ig (int'l gray), or (orange), rd (red), bu (blue), gr (green), yl (yellow), or vl (violet), to end of part number. ***to designate color, add suffix bu (blue), wh (white), ig (international gray), or yl (yellow). ^to designate color, add suffix wh (white), ei (electric ivory), ig (int'l gray), bl(black), or (orange), rd (red), bu (blue), gr (green), yl (yellow), or vl (violet) before -q in part number. tx6 ? 10g ig ? utp copper cabling system tx6 ? 10g ig ? utp patch cords applications tx6 ? 10g ig ? utp p atch cords are a component of the panduit tx6 ? 10g ig ? utp copper cabling system. this end-to-end system provides a cost effective media for ensuring that the m ost challenging network bandwidth needs are easily met today and tomorrow. businesses are placing increased reliance on their networks to efficiently pass vital and time sensitive information throughout their enterprise. the tx6 ? 10g ig ? utp copper cabling system will support the following applications: ? data center high bandwidth applications for switch-to-switch links, storage area networks, and aggregation of data ? 3-d modeling and work group file transfer ? web-enabling applications such as voice over internet protocol (voip) specification sheet
worldwide subsidiaries and sales offices for a copy of panduit product warranties, log on to www.panduit.com/warranty panduit canada markham, ontario cs-cdn@panduit.com phone: 800.777.3300 panduit europe ltd. london, uk cs-emea@panduit.com phone: 44.20.8601.7200 panduit japan tokyo, japan cs-japan@panduit.com phone: 81.3.3767.7011 panduit singapore pte. ltd. republic of singapore cs-ap@panduit.com phone: 65.6305.7575 panduit australia pty. ltd. victoria, australia cs-aus@panduit.com phone: 61.3.9794.9020 panduit latin america jalisco, mexico cs-la@panduit.com phone: 52.333.777.6000 contact customer service by email: cs@panduit.com or by phone: 800-777-3300 and reference cosp41 visit us at www.panduit.com for more information tx6 ? 10g ig ? utp patch cords t568b wiring scheme plug position cable wire 1 white/orange 2 orange 3 white/green 4 blue 5 white/blue 6 green 7 white/brown 8 brown ?2008 panduit corp. all rights reserved. ww-cosp41 7/2008 tangle free latch strain relief boot


▲Up To Search▲   

 
Price & Availability of UTP6X2025RDY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X