Part Number Hot Search : 
C152H STA335A BDT61A ATTINY85 C1648X NCP1205P UC3843 IN4731
Product Description
Full Text Search
 

To Download URB1D15YMD-6W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun urb1d_ymd-6w 2013.11.07-a/1 page1of4 features efficiencyupto85% 4:1wideinputvoltagerange 1.5kvdcisolation operatingtemperaturerange: -40 c~+85 c outputovervoltageprotection,shortcircuit protection industrystandardpinout lowripple&noise meeten60950 application theurb1d_ymd-6wseriesoffer6wofoutput,with 4:1wideinputvoltageof40-160vdc.itissuitablefor72v, 96v,110vstandardinputofthebusvoltage,singleoutput and1500vdcisolation,overvoltageandshort-circuit protection.itoffersgoodemcperformance,meeten60950 standards.allmodelsareparticularlysuitedtorailwayetc.c urb1d_ymd-6w series 6w ultrawideinput,isolated®ulated singleoutputdippackagingdc-dcconverter patentprotection rohs partnumbersystem URB1D15YMD-6W rated power package style output voltage input voltage product series selection guide approval model input voltage(vdc) output voltage (vdc) outputcurrent(ma) inputcurrent(ma)(typ.) reflected ripple current (ma,typ.) max. capacitive load( f) efficiency (%,typ.) @max.load nominal (range) max.* max. min. @max. load @no load ce urb1d05ymd-6w 110 (40-160) 170 5 1200 60 67 2 20 1000 81 urb1d12ymd-6w 12 500 25 65 100 83 URB1D15YMD-6W 15 400 20 64 100 85 urb1d24ymd-6w 24 250 13 64 47 85 note:*inputvoltagecan texceedthisvalue,orwillcausethepermanentdamage. input specifications item testconditions min. typ. max. unit inputsurgevoltage(1sec.max.) -0.7 -- 180 vdc start-upvoltage -- -- 40 inputfilter pifilter output specifications item testconditions min. typ. max. unit outputvoltageaccuracy -- 1 2 % lineregulation fullload,inputvoltagefromlowtohigh -- 0.2 0.5 loadregulation 5%to100%load -- 0.5 1 transientrecoverytime 25%loadstepchange -- 300 1000 s transientresponsedeviation _ 3 5 % temperaturedrift 100%load -- -- 0.03 %/ c ripple* 20mhzbandwidth -- 10 25 mvp-p noise* 70 100 outputovervoltageprotection inputvoltagerange 110-140 %vo outputshortcircuitprotection continuous,automaticrecovery note:*rippleandnoisetestedby parallelcable method.seedetailedoperationinstructionsattestingofpowerconvertersection,applicationnotes.
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun urb1d_ymd-6w 2013.11.07-a/1 page2of4 common specifications item testconditions min. typ. max. unit isolationvoltage testedfor1minuteandleakagecurrentlessthan1ma 1500 -- -- vdc isolationresistance testat500vdc 1000 -- -- m isolationcapacitance input/output,100khz/0.1v -- 1000 -- pf switchingfrequency pwmmode -- 300 -- khz mtbf mil-hdbk-217f@25 1000 -- -- khours safetyapprovals en60950 casematerial aluminumalloy size 25.40 25.40 11.70 mm weight -- 14 -- g environmental specifications item testconditions min. typ. max. unit storagehumidity noncondensing 5 -- 95 % operatingtemperature powerderating(above71 ,seefigure3) -40 -- 85 c storagetemperature -55 -- 125 temp.riseatfullload ta=25 c -- 25 -- leadtemperature 1.5mmfromcasefor10seconds -- -- 300 cooling freeairconvection shake 5-150hz,shiftrange:7.5mm,acceleration:2g safe & emc specifications safe transientinputvoltage ria12 385v/20ms perf.criteriaa pulseinterval>60s (withmornsun sfc-c01dmodule,refertofigure1) maximuminputvoltage en50155 1800v 5/50 s,5 or100 perf.criteriab pulseinterval>60s (withmornsun sfc-c01dmodule,refertofigure1) en50155 8400v (0.05/0.1 s,100 perf.criteriab pulseinterval>60s (withmornsun sfc-c01dmodule,refertofigure1) emi ce cispr22/en55022 classb(withmornsun sfc-c01dmodule,refertofigure1) re cispr22/en55022 classb(withmornsun sfc-c01dmodule,refertofigure1) ems esd iec/en61000-4-2 contact 6kv perf.criteriab rs iec/en61000-4-3 10v/m perf.criteriaa eft iec/en61000-4-4 4kv perf.criteriab(withmornsun sfc-c01dmodule,refertofigure1) surge iec/en61000-4-5 2kv/ 4kv perf.criteriab(withmornsun sfc-c01dmodule,refertofigure1) cs iec/en61000-4-6 3vr.m.s perf.criteriaa voltagedips shortand interruptionsimmunity iec/en61000-4-29 0%-70% perf.criteriab emc module application circuit +vin -vin fc-c01d dc-dc converter +vo 0v +vo -vo fuse + c0 cy1 cy2 fc-c01d sinputvoltagerange:40v-160v (figure1) fuse:chooseaccordingtocustomeractualinputcurrent; c0:recommendtouse100uf/200velectrolyticcapacitor;itisusedtosuppressvoltagedips,isnotdesignedwithoutrequirementoftheapplication; cy1\cy2:1nf/2kv. emcmodulerecommendedcircuitpcblayout (figure2)
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun urb1d_ymd-6w 2013.11.07-a/1 page3of4 emitestwaveform( class b apply circuit) urb1d05ymd-6w ce(positiveline) urb1d05ymd-6w ce(negativeline) producttypicalcurve operating temp.() temperature derating graph (figure3) efficiency vs input voltage curve (full load) 0 10 20 30 40 50 60 70 80 90 100 405060708090100110120130140150160 input voltage(v) efficiency(%) urb1d05ymd-6w urb1d12ymd-6w URB1D15YMD-6W efficiency vs output load curve (vin=vin-nominal) 0 10 20 30 40 50 60 70 80 90 100 102030405060708090100 total output current (%) efficiency(%) urb1d05ymd-6w urb1d12ymd-6w URB1D15YMD-6W outlinedimensions,recommendedfootprint&packaging
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun urb1d_ymd-6w 2013.11.07-a/1 page4of4 note: 1.min.loadshouldn'tbelessthan5%,otherwiseripplemaybeincreasedramatically.operationunderminimumloadwillnotdamagetheconverter, however,theymaynotmeetallspecificationlisted. 2.max.capacitiveloadtestedatinputvoltagerangeandfullload. 3.allspecificationsmeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified. 4.inthisdatasheet,allthetestmethodsofindicationsarebasedonourcorporatestandards. 5.allcharacteristicsareforlistedmodel,non-standardmodelsmayperformdifferently,pleasecontactourtechnicalpersonformoredetail. 6.contactusforyourspecificrequirement. 7.specificationssubjecttochangewithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 http://www.mornsun-power.com testconfigurations input reflected-ripple current test setup inputreflected-ripplecurrentismeasuredwithaninductorlinandcapacitorcintosimulatesourceimpedance. dc cin lin dc load oscilloscope current probe lin(4.7 h) cin(220 f,esr<1.0 at100khz) designconsiderations 1) recommended circuit alltheurb1d_ymd-6wserieshavebeentestedaccordingtothefollowingrecommendedtestingcircuitbeforeleavingfactory(seefigure4). ifyouwanttofurtherdecreasetheinput/outputripple,youcanincreaseacapacitanceproperlyorchoosecapacitorswithlowesr,butthe greatestcapacitanceofitsfiltercapacitormustlessthanthemax.capacitiveload. general:cin 10~47 f cout 10 f dc dc vin gnd +vo 0v cin cout (figure4) 2)itisnotrecommendedtoincreasetheoutputpowercapabilitybyconnectingtwoormoreconvertersinparallel.theproductisnothot- swappable


▲Up To Search▲   

 
Price & Availability of URB1D15YMD-6W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X