Part Number Hot Search : 
15020351 B1020 KIA7225S TST1284 GN01063B 6N60N 001460 OM9318SS
Product Description
Full Text Search
 

To Download TRPUG1CLXC000E2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0441, rev.01. (web) 2014-05-05 trpug1clxx000e2g absolute maximum ratings parameter symbol minimum maximum units storage temperature range t st - 40 + 85 c operating case temperature 1 commercial t op - 5 + 70 c extended - 5 + 85 industrial - 40 + 85 supply voltage v cc 0 + 3.47 v input voltage v in 0 v cc v 1 measured on top side of sfp module at the front center vent hole of the cage. pb the trpug1-e2g sfp series of multi-rate fber optic transceivers with integrated digital diagnostics monitoring functionality provide a quick and reliable interface for 1000base-lx gigabit ethernet and 1.062gbd fiber channel applications. the transceivers are designed to support data rates ranging from 1.25gb/s down to 125mb/s. the diagnostic functions, alarm and warning features as described in the multi-source agreement (msa) document, sff-8472 (rev. 9.4), are provided via an i 2 c serial interface. the transceivers use a 1310nm fabry perot laser and provides a minimum optical link budget of 11db, corresponding to a minimum distance of 10km, assuming fber loss of 0.45db/km. all modules satisfy class 1 laser safety requirements in accordance with the u.s. fda/cdrh and international iec-60825 standards. the transceivers connect to standard 20-pad sfp connectors for hot plug capability. this allows the system designer to make confguration changes or maintenance by simply plugging in diferent types of transceivers without removing the power supply from the host system. the transceivers have bail-type latches, which ofer an easy and convenient way to release the modules. the latch is compliant with the sfp msa. latches are colored-coded to indicate the diferent wavelength. the transmitter and receiver data interfaces are ac-coupled internally. lv-ttl transmitter disable control input and loss of signal (los) output interfaces are also provided. the transceivers operate from a single +3.3v power supply over operating case temperature ranges of -40c to +85c (industrial), -5c to +70c (commercial) or -5c to +85c (extended) . the housing is made of metal for emi immunity. product description ? compliant with ieee 802.3ah gigabit ethernet 1000base-lx pmd specifcations ? compliant with sfp msa ? lead free design & rohs compliant ? digital diagnostics through serial interface ? internal calibration for digital diagnostics ? distance options to support 10km ? eye safe (class 1 laser safety) ? duplex lc optical interface ? loss of signal output & tx disable input ? wide operating case temperature option ? hot-pluggable ? single +3.3v power supply features multi-rate gigabit ethernet & fiber channel sfp transceivers with digital diagnostics

oplink communications, inc s0441, rev.01. (web) 2014-05-05 3 trpug1clxx000e2g table 59C41000base-lx10 and 1000base-bx10 transmitter spectral limits figure 59C31000base-lx10 transmitter spectral limits a these limits for the 1000base-lx10 transmitter are illustrated in figuare 59 C 3. limits at intermediate wavelengths may be found by interpolation. center wavelength rms spectral width (max) a rms spectral width to achieve f 0.115 (informative) nm nm nm 1260 2.09 1.43 1270 2.52 1.72 1280 3.13 2.14 1286 3.50 2.49 1290 2.80 1297 3.50 1329 1340 2.59 1343 2.41 1350 3.06 2.09 1360 2.58 1.76 1480 to 1500 0.88 0.60
4 trpug1clxx000e2g oplink communications, inc s0441, rev.01. (web) 2014-05-05 electrical pad layout host board connector pad layout bottom of board (as viewed thru top of board) top of board to ward bezel to ward asi c 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 t x gnd t d- ( tx d ata in-) t d+ ( tx d ata in+) t x gnd v cc tx v ccrx rx gn d rd+ (rx d at a out+) rd- (rx d at a out- ) rx gn d 1 2 3 4 5 6 7 8 9 10 tx gnd tx f aul t tx disabl e mod_def(2) mod_def(1) mod_def(0) no c onnect ion lo s rx gnd rx gnd transmitter electrical characteristics parameter symbol minimum typical maximum units input voltage swing (td+ & td-) 1 v pp-diff 0.50 - 2.4 v input high voltage (tx disable) 2 v ih 2.0 - v cc v input low voltage (tx disable) 2 v il 0 - 0.8 v output high voltage (tx fault) 3 v oh 2.0 - v cc + 0.3 v output low voltage (tx fault) 3 v ol 0 - 0.8 v 1 diferential peak-to-peak voltage. 2 there is an internal 4.7 to 10k pull-up resistor to vcct. 3 open collector compatible, 4.7 to 10k pull-up resistor to vcc (host supply voltage). mod_def(0) pin 6 mod_def(1) pin 5 mod_def(2) pin 4 interpretation by host ttl low scl sda serial module defnition protocol module definition (over operating case temperature. v cc = 3.13 to 3.47v) (over operating case temperature. v cc = 3.13 to 3.47v) parameter symbol minimum typical maximum units output voltage swing (rd+ & rd-) 1 v pp-diff 0.6 - 2.0 v output high voltage (los) 2 v oh 2.0 - v cc + 0.3 v output low voltage (los) 2 v ol 0 - 0.5 v 1 diferential peak-to-peak voltage across external 100 load. 2 open collector compatible, 4.7 to 10k pull-up resistor to vcc (host supply voltage). parameter symbol minimum typical maximum units supply voltage v cc 3.13 3.30 3.47 v supply current i cc - 190 245 ma (over operating case temperature. v cc = 3.13 to 3.47v) electrical power supply characteristics receiver electrical characteristics
5 oplink communications, inc s0441, rev.01. (web) 2014-05-05 trpug1clxx000e2g application notes electrical interface: all signal interfaces are compliant with the sfp msa specifcation. the high speed data interface is diferential ac-coupled internally with 0.1f and can be directly connected to a 3.3v serdes ic. all low speed control and sense output signals are open collector ttl compatible and should be pulled up with a 4.7 - 10k resistor on the host board. loss of signal (los): the loss of signal circuit monitors the level of the incoming optical signal and generates a logic high when an insufcient photocurrent is produced. tx_fault: the output indicates low when the transmitter is operating normally, and high with a laser fault including laser end-of-life. tx fault is an open collector/drain output that should be pulled up with a 4.7 - 10k resistor on the host board. tx fault is non-latching (automatically deasserts when fault goes away). tx_disable: when the tx disable pin is at logic high, the transmitter optical output is disabled (less than -45dbm). serial identification and monitoring: the module defnition of sfp is indicated by the three module defnition pins, mod_def(0), mod_def(1) and mod_def(2). upon power up, mod_def(1:2) appear as nc (no connection), and mod_def(0) is ttl low. when the host system detects this condition, it activates the serial protocol (standard two-wire i 2 c serial interface) and generates the serial clock signal (scl). the positive edge clocks data into the eeprom segments of the sfp that are not write protected, and the negative edge clocks data from the sfp. the serial data signal (sda) is for serial data transfer. the host uses sda in conjunction with scl to mark the startand end of serial protocol activation. the supported monitoring functions are internal temperature, supply voltage, bias current, transmitter power, average receiver signal, all alarms and warnings and software monitoring of tx fault/los. the device is internally calibrated. the data transfer protocol and the details of the mandatory and vendor specifc data structures are defned in the sfpmsa, and sff-8472, rev. 9.4. power supply and grounding: the power supply line should be well-fltered. all 0.1f power supply bypass capacitors should be as close to the transceiver module as possible. example of sfp host board schematic r: 4.7 to 10k cap values in f tx da ta in + 1h co il or fe rr it e bead (<0.2 series resistance) 0. 1 tx da ta in - tx di sa bl e 0.1 + 10 0. 1 + 10 to 50 load 3. 3v rx da ta ou t+ rx da ta ou t- mo d_ de f( 0) mod_ de f( 1) mod_ de f( 2) lo s to 50 load tx fa ul t vcc 3.3v vc c 50 line 50 line 50 line 50 line r r r r r 8 5 4 6 2 18 19 3 15 16 13 12 1, 9,10,11,14,17,20 100 sfp
oplink communications, inc. reserves the right to make changes in equipment design or specifcations without notice. information supplied by oplink commu - nications, inc. is believed to be accurate and reliable. however, no responsibility is assumed by oplink communications, inc. for its use nor for any infringements of third parties, which may result from its use. no license is granted by implication or otherwise under any patent right of oplink communications, inc. ? 2014, oplink communications, inc. 6 trpug1clxx000e2g 46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com s0441, rev.01. (web) 2014-05-05 mechanical package ordering information r: 4.7 to 10k? cap values in f oplink part number operating temperature center wavelength distance 1 latch color TRPUG1CLXC000E2G - 5c to +70c commercial 1310nm 10km blue trpug1clxi000e2g - 5 c to +85c extended trpug1clxe000e2g - 40c to +85c industrial 1 the indicated transmission distance is for guidelines only, not guaranteed, the exact distance is dependent on the fber loss, connector and splice loss, and allocated system penalty. longer distances can be supported if the optical link power budget is satisfed.


▲Up To Search▲   

 
Price & Availability of TRPUG1CLXC000E2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X