Part Number Hot Search : 
78K0S JS28F256 SML40J93 A1150 12XXX 9S12D 1203S F4004
Product Description
Full Text Search
 

To Download TIP131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  'j cx , o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 tip130/131/132 tip135/136/137 complementary silicon power darlington transistors description the tip130, TIP131 and tip132 are silicon epitaxial-base npn power transistors in monolithic darlington configuration, mounted in jedec to-220 plastic package. they are intented for use in power linear and switching applications. the complementary pnp types are tip135, tip136andtip137. to-220 internal schematic diagram sc07140 3 se071sd rityp. =5kii r2typ. = absolute maximum ratings symbol vcbo vceo vebo ic i cm ib ptot tstg tj parameter npn pnp collector-base voltage (!e = 0) collector-emitter voltage (ib = 0) emitter-base voltage (lc = 0) collector current collector peak current base current total dissipation at tease ^ 25 c tamb < 25 c storage temperature max. operating junction temperature value tip130 TIP131 tip135 tip136 60 80 60 80 tip132 tip137 100 100 5 8 12 0.3 70 2 -65 to 150 150 unit v v v a a a w w c c for pnp types voltage and current values are negative. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
tip130/t1p131/tip132/tip135/tip136/t1p137 thermal data rthj-case rthj-amb thermal resistance junction-case max thermal resistance junction-ambient max 1.78 63.5 c/w c/w electrical characteristics (tcase = 25 c unless otherwise specified) symbol iceo icbo iebo vceo(sus)* vce(sat)* vbe(oh)* hfe* parameter collector cut-off current (le = 0) collector cut-off current (ib = 0) emitter cut-off current (lc = 0) collector-emitter sustaining voltage (i8= 0) collector-emitter saturation voltage base-emitter voltage dc current gain test conditions vce = half rates vceo vcb = half rates vcbo veb = 5 v ic = 30 ma fortip130/135 forTIP131/136 for tip132/137 ic = 4 a ib = 16 ma ic = 6 a ib = 30 ma ic = 4 a vce = 4 v ic = 1 a vce = 4 v. ic = 4 a vce = 4 v min. 60 80 100 500 1000 typ. max. 0.5 0.2 5 2 4 2.5 15000 unit ma ma ma v v v v v v 1 for pnp types voltage and current valuesjire negativ^. dim a c d d1 e f f1 f2 g g1 h2 l2 l4 l5 l6 l7 l9 dia. min. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.4 10.0 13.0 2.65 15.25 6.2 3.5 3.75 o? r * ? mm typ. 1.27 16.4 / i i t i i i i ' *\ ? ' -u _ x^"\! dia. ?-^_ j? l5 l7 l6 max. 4.60 1.32 272 0.70 0.88 1.70 1.70 5.15 2.7 10.40 14.0 295 15.75 6.6 3.93 3.85 u | f= 1 12 ~w~ __ ^~\ .? ii ..n ? min. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.511 0.104 0.600 0.244 0.137 0.147 u_ ^j^zz? cm lj_ ?? l4 inch typ. 0,050 , 0.645 ill , _u ? u =4=- el5[ u. max. . 0.181 0.051 0.107 0,027 0.034 0.067 0.067 0.203 0.106 0.409 0.551 0.116 0.620 0.260 0.154 0.151 cm


▲Up To Search▲   

 
Price & Availability of TIP131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X