Part Number Hot Search : 
PT3983 FST20200 BUP212 KDS190 FST20200 54HC139 ISL6124 SMCJ4
Product Description
Full Text Search
 

To Download TEA1723FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description the tea1723 is a small and low cost module switched mode power supply (smps) controller ic for power applications (up to 11 w) and operates directly from the rectified universal mains input. the device includes a high voltage power switch (700 v) and has been optimized for flyback converter topologies to provide high-efficiency over the entire load range with ultra-low power consumption in th e no-load condition. it provides a circuit for start-up directly fr om the rectified mains voltage without any external bleeder circuits. the converter operates as a regulated voltag e source from no-load up to the maximum output current and operates as current sour ce that delivers the maximum current over a broad output voltage range. using the tea17 23, a low power converter can be built at minimum cost and with the minimum number of external components. the controller regulates the output voltage with primary-side sensing which eliminates the need for an additional secondary feedback ci rcuitry and simplifies the design. at higher power levels, a frequency and current control mode is used. it operates with burst mode control at low power levels and no-load condition. the burst mode minimizes audible noise and provides an energy saver state which reduces the power consumption in no-load condition. the burst mode frequency of 1750 hz enables no-load power consumption < 53 mw at 230 v (ac) mains input. 1.2 features and benefits power features: ? low power smps controller with integrated pow er switch designed for applications up to 11 w ? 700 v high voltage power switch for global mains operation ? primary sensing for control of the output voltage without optocoupler and secondary feedback circuitry ? minimizes audible noise in all operation modes ? energy star 2.0 compliant ? jitter function for reduced emi TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w applications, 1750 hz burst frequency rev. 2.1 ? 7 june 2012 product data sheet
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 2 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w green features: ? enables no-load power consumption below < 53 mw ? very low supply current in no-l oad condition with energy saver mode ? incorporates a high voltage start-up circuit with zero current consumption under normal switching operation ? available in halogen-free and restriction of hazardous substances (rohs) so7 package protective functions: ? overvoltage protection (ovp) on feedback control (fb) pin with auto-restart ? undervoltage lockout (uvlo) protection on ic supply pin ? overtemperature protection (otp) ? soft-start by reduced peak current for zero and low output voltage ? demagnetization protection for guaranteed discontinuous conduction mode operation ? open and short-circuit protection of the feedback control (fb) pin ? short-circuit protection of the charger output 1.3 applications ? battery chargers for cellular phones, tablet pc and other power adapters up to 11 w ? standby supply for tv, desktop pc and set-top boxes ? power supply for whit e goods applications 1.4 quick reference data table 1. quick reference data symbol parameter conditions min typ max unit power switch (pin: drain) r dson drain-source on-state resistance i ds = 30 ma; t j =25c 3.5 4.8 6 ? oscillator (pins: drain and source) f burst burst frequency burst frequency in cvb mode, without jitter 1575 1750 1925 hz f osc-high oscillator frequency high maximum switching frequency in cv and cc mode, without jitter 48 50.5 53 khz supply (pin: vcc) v cc(startup) start-up supply voltage 15 17 19 v v cc(stop) stop supply voltage undervoltage lockout of ic 7.5 8.5 9.5 v
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 3 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 2. ordering information 3. block diagram 3.1 block diagram table 2. ordering information type number package name description version TEA1723FT/n1 so7 plastic small outline packa ge; 7 leads; body width 3.9 mm sot1175-1 fig 1. block diagram start stop vcc fb gnd references and temperature protection f osc , v source and jitter regulator oscillator burst regulator control logic source drain sensor start-up source v source comparator f burst f sw v ovp(fbs) v fbs otp enable v ref controller and cable compensation demag driver power switch v peak 001aao250 tea1723
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 4 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 4. pinning information 4.1 pinning 4.2 pin description 5. functional description 5.1 start-up the tea1723 starts up by charging the vcc capacitor until the v cc(start) level. the charging current flows from the high voltage drain pin via an internal start-up current source to the vcc pin. once the start level has been reached the star t-up current source is switched off. during switching operation, the start-up current source remains current-less and has zero bleeder loss. 5.2 primary sensing the fb input senses the reflected secondary voltage on the primary side. the fb input has a sample and hold function that samples the fb voltage on the secondary stroke to control the output voltage. the sampled v fbs voltage is the input for the tea1723?s control loop and defines the operating mode. fig 2. pinning top view tea1723 gnd1 drain gnd2 gnd3 source fb vcc 001aao249 1 2 3 4 6 5 7 pin pin name i/o type pin description 1 gnd1 ground 2 gnd2 ground 3 gnd3 ground 4 fb i feedback input for voltage sensing 5 vcc i supply input 6 source o source for power switch 7 drain i drain of power switch - - high voltage spacer
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 5 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 5.3 operating modes the tea1723 operates in three modes, one of which is active at the time. the three modes in order of decreasing load impedance are: ? cvb: constant voltage with burst mode ? cv: constant voltage mode ? cc: constant current mode the converter acts as a voltage source in cvb and cv modes. the converter acts as a current source in cc mode. 5.3.1 constant voltage with burst mode (cvb) at low power, the tea1723 operates in burst mode. burst mode operates with a v source = 100 mv, a switching frequency of 22.5 khz and burst duty-cycle regulation by sensing the fb voltage. the tea1723 features an energy save function that puts the main part of the analogue blocks in a sleep mode with low supply current in burst mode. the burst mode enables the energy save mode in the non-switching part of the burst. the ic switches to the nominal supply just before new burst starts. transition from burst mode to cv mode happens at 100 % burst duty cycle: a burst completely filled with 32 pulses. this 100 % pulse train is identical to th e lowest power level of the cv mode. the tea1723 changes directly from burst mode to cv mode if the fb voltage drops below 2.4 v in burst mode. 5.3.2 constant voltage mode (cv) at higher power levels, the tea1723 operates in cv mode. the output voltage is sensed by the fb pin and the control keeps the output voltage constant over the power range. cv mode starts at 22.5 khz switching frequency and i source regulation at the v source minimum level of 100 mv. with an increasing power output, the v source level and the switching frequency are also increased. cv mode is exited when the maximum power le vel is reached. maximum power occurs at i source regulation at the v source maximum level of 555 mv and a maximum switching frequency of 50.5 khz.
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 6 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 5.3.3 constant current mode (cc) the cc mode starts at maximum power deliver y and keeps the output current constant for decreasing output voltage. cc mode is enabled when the converter is operating at the maximum switching frequency, with the maximum primary peak current when the fb voltage drops below the regulated level. cc mode operation controlled is by regulation of the switching frequency from 50.5 khz down to 22.5 khz and by i source regulation from the maximum v source level of 555 mv until level of v source is 0.21 v. the v source level of 0.21 v equals the level at start-up with zero output voltage and the output capaci tor discharged or on a short-circuit of the charger output. 5.4 jitter the tea1723 features a jitter f unction for electromagnetic interference (emi) reduction. the switching frequency is 7 % typical for t he spread spectrum. the sweep frequency is a low frequency of approximately 200 hz. to keep the output power constant, the v source level is jittered with the opposite polarity. the jitter is active in all operation modes except burst mode.
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 7 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 6. limiting values [1] human body model: equivalent to dischar ging a 100 pf capacitor through a 1.5 k ? series resistor. 7. thermal characteristics table 3. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit t amb ambient temperature -40 +85 c t j junction temperature -40 +150 c t stg storage temperature -55 +150 c v esd electrostatic discharge voltage cdm; all pins -500 +500 v hbm; all pins, except pin 7 [1] -2000 +2000 v hbm; pin 7 [1] -1000 +1000 v voltages v drain voltage on pin drain -2 +700 v v source voltage on pin source -0.3 +5 v v cc voltage on pin vcc -0.3 +35 v v fb voltage on pin fb -20 +5 v currents i drain current on pin drain -0.1 +1.5 a i source current on pin source -1.5 +0.1 a table 4. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air; so7 package; on open pcb of 2.2 cm x 2.2 cm; 2-layer; 70 m cu - 136 - k/w in free air; so7 package; on open pcb of 3 cm x 6 cm; 1-layer; 35 m cu operating charger - 136 - k/w
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 8 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 8. characteristics table 5. characteristics v cc = 20 v; v fb = 0 v; r source = 0.75 ? ; t j-switch = 25 c; t j-controller = 25 c; all voltages referenced to gnd, positive currents flow into t he ic, unless otherwise specified. symbol parameter conditions min typ max unit supply (pin: vcc) i cc(startup)0v start-up supply current v cc = 0 v -1.6 -1.2 -0.8 ma i cc(startup)17v start-up supply current v cc = v cc(startup) -1.6 -0.7 -0.2 ma i cc(energysave) supply current in energy save v fb = 2.8 v, non-switching 90 130 170 a i cc(50khz) supply current at 50 khz in cc mode 530 750 970 a v cc(startup) start-up supply voltage 15 17 19 v v cc(stop) stop supply voltage undervoltage lockout of ic 7.5 8.5 9.5 v t otp overtemperature protection threshold temperature on controller die -150- c t otp(hys) overtemperature protection temperature hysteresis -50-c feedback (pin: fb) v th(ovp)fbck feedback overvoltage protection threshold voltage 3.1 3.2 3.3 v v ref(fbck) feedback reference voltage in cv ode 2.5 2.55 2.6 v v th(fbck)cv constant voltage mode feedback threshold voltage in burst mode operation 2.35 2.4 2.45 v v th(det)demag(fb) demagnetization detection voltage level on fb pin 25 50 75 mv oscillator (pins: drain and source) f burst burst frequency burst frequ ency in cvb mode, without jitter 1575 1750 1935 hz f jit /f sw jitter frequency to switching frequency ratio in all operation modes except in cvb mode 579% f osc-high oscillator frequency high maximum switching frequency in cv and cc mode, without jitter 48 50.5 53 khz f osc-low oscillator frequency low minimum switching frequency in cv and cc mode, without jitter. switching frequency in cvb mode 21 22.5 24 khz f sweep jitter sweep frequency - 200 - hz max maximum duty cycle 72 75 78 %
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 9 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w power switch (pin: drain) i drain(off) off-state drain current v drain = 325 v - 1 - a r dson drain-source on-state resistance t j =25c; i ds = 30 ma 3.5 4.8 6 ? v (br)ds drain-source breakdown voltage 700--v peak current comparator (pin: source) t pd propagation delay time dv/dt = 0.2 v/s - 100 - ns t leb leading edge blanking time 290 325 360 ns v ref-peak-high reference voltage, high peak voltage maximum peak voltage in cv and cc modes, without jitter 0.525 0.555 0.585 v v ref-peak-low reference voltage, low peak voltage in cvb mode 0.085 0.1 0.115 v v ref-0 v reference voltage at start-up or 0 v feedback voltage in cc mode with v fbs = 0 v 0.18 0.21 0.24 v table 5. characteristics ?continued v cc = 20 v; v fb = 0 v; r source = 0.75 ? ; t j-switch = 25 c; t j-controller = 25 c; all voltages referenced to gnd, positive currents flow into t he ic, unless otherwise specified. symbol parameter conditions min typ max unit
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 10 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 9. package outline fig 3. package outline sot1175-1 (so7) references outline version european projection issue date iec jedec jeita sot1175-1 - - - - - - - - - sot1175-1_po 10-03-30 10-04-21 unit mm max nom min 1.75 0.250 0.175 0.100 0.25 0.49 0.40 0.36 5.0 4.9 4.8 a dimensions note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. a 1 a 2 1.45 1.35 1.25 a 3 b p 1.0 0.7 0.4 0.70 0.67 0.60 0.25 l p qv c 0.25 0.20 0.19 de 4.0 3.9 3.8 e 1.27 1.05 6.2 6.0 5.8 h e l 0.1 0.7 0.5 0.3 8 4 0 yz 0.25 w 2.5 0 5 mm scale so7: plastic small outline package; 7 leads; body width 3.9 mm sot1175-1 y d a 1 a 2 q a a 3 detail x l p l x e a h e va c pin 1 index z e b p w 4 1 75
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 11 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 10. revision history table 6. revision history document id release date data sheet status change notice supersedes TEA1723FT v.2.1 20120607 product data sheet - TEA1723FT v.2 modifications: ? symbol t d(ocp) changed to t pd in table 5 on page 8 . ? data sheet title changed. TEA1723FT v.2 20120508 product data sheet - TEA1723FT v.1 TEA1723FT v.1 20120127 preliminary data sheet - -
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 12 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w 11. legal information 11.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest product status information is available on the internet at urlhttp://www.nxp.com . 11.2 definitions preview ? the document is a preview version only. the document is still subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any re presentations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. draft ? the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 11.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and r eplaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. document status [1] [2] product status [3] definition objective [short] data sheet development this document contai ns data from the objective spec ification for product developmen t. preliminary [short] data sheet qua lification this document contains data from the preliminary specification. product [short] data sheet production this doc ument contains the pr oduct specification.
TEA1723FT all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2.1 ? 7 june 2012 13 of 14 nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms an d conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulati ons. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 11.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. adelante , bitport , bitsound , coolflux , coreuse , desfire , ez-hv , fabkey, g reenchip , hipersmart , hitag , i2c-bus logo, icode , i-code , itec , labelution , mifare , mifare plus , mifare ultralight , moreuse , qlpak , silicon tuner , siliconmax , smartxa , starplug , topfet , trenchmos , trimedia and ucode ? are trademarks of nxp b.v. hd radio and hd radio logo ? are trademarks of ibiquity digital corporation. 12. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors TEA1723FT hv start-up flyback controller with integrated mosfet for 11 w ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 7 june 2012 document identifier: TEA1723FT please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 13. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.1 general description . . . . . . . . . . . . . . . . . . . . . .1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . .1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .2 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . .2 2 ordering information . . . . . . . . . . . . . . . . . . . . . .3 3 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . .3 3.1 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . .3 4 pinning information . . . . . . . . . . . . . . . . . . . . . . .4 4.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 4.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . .4 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 5.1 start-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 5.2 primary sensing . . . . . . . . . . . . . . . . . . . . . . . . .4 5.3 operating modes . . . . . . . . . . . . . . . . . . . . . . . .5 5.4 jitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 5.3.1 constant voltage with burst mode (cvb). . . . . .5 5.3.2 constant voltage mode (cv) . . . . . . . . . . . . . . .5 5.3.3 constant current mode (cc) . . . . . . . . . . . . . . .6 6 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .7 7 thermal characteristics . . . . . . . . . . . . . . . . . . .7 8 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .8 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . .10 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 11 11 legal information. . . . . . . . . . . . . . . . . . . . . . . .12 11.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . .12 11.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 11.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 11.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .13 12 contact information. . . . . . . . . . . . . . . . . . . . . .13


▲Up To Search▲   

 
Price & Availability of TEA1723FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X