Part Number Hot Search : 
1060CT 120N1 UZ5750 SF1220G 1000A BAT54H M050B C2065
Product Description
Full Text Search
 

To Download SNB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  [ em: electromagnet ] 0.1g 0.1 k 0.2g 0.2 k 0.4g 0.4 k 0.8g 0.8 k 24 90 24 90 24 90 24 90 041 011 054 014 063 017 076 02 coil em spring-applied brake types: 0.1, 0. 2, 0.4, 0.8 5.9 / 8 1.5 / 2 0.7 / 1 SNB static torque [ft-lbs / n-m] v oltage [dc-v] current [a] 3/ 4 SNB 0 . 41 0 . 11 0 . 54 0 . 14 0 . 63 0 . 17 0 . 76 0 . 2 59 815 45 630 38 540 32 445 d h7 b e9 t +0.15/-0 a b c h9 d e f g l m n p q r s [ 1 inch = 25.4 mm ] bore [ mm ] max brake power [w] weight [lbs / kg] 5 21 117 108 117 8.5 40 18 55 moment of inertia (j) [ k g -cm2 ] dimensions [mm] key way [mm] c o il (20c) wattage [w] armature 0.1~0.25 release time [ms] resistance [ ? ] c urren t [a] 15 4000 41 13 30 15 40 20 4000 4 12 4 0.43 14 98 0.6 12 4 97 41 85 19 4 4 77 68 13.5 85 74 85 30 35 5.5 11 25 5.5 11 35 19.5 5 35 97 98 57 5 . 6 x 1 0 7 16 3500 1.22 5.5 4.5 1.8 / 0.8 8 10 1.2 / 0.5 26 11 32 28 21 22 0.1~0.25 8 17 10 16 4.0 / 1.8 2.4 / 1.1 8 8.5 7.5 0.1~0.25 0.1~0.25 25.5 20 pull-in time [ms] 33 1. 9 x 1 0 7 47 max air gap until adjustmnet [mm] max energy until life [j] max work rate [w] max allowable speed [rpm] 15 10 25 7 30 77 15 3 20 19.5 13.5 5000 57 3 . 0 x 1 0 7 0.55 0.55 0.6 0.16 0.28 1. 6 x 1 0 7 33 SNB ogura industrial corp. www.ogura-clutch.com 100 randolph rd. info@ogura-clutch.com somerset, nj 08875 (732) 271-7361 SNB


▲Up To Search▲   

 
Price & Availability of SNB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X