Part Number Hot Search : 
21A08 FT37AR1 ISL4223E FN4114 N4111 MJE701T 2SD1210 CM1420
Product Description
Full Text Search
 

To Download SKIIP613GD121-3DLW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skiip 613gd121-3dul b 7 ? 10 000911 ? by semikron i. power section 1 * skiip613gb121ct per phase absolute maximum ratings symbol conditions 1) values units igbt and inverse diode v ces 1200 v v cc operating dc link voltage 900 v v ges 20 v i c igbt, t heat sink = 25 / 70 c 600 / 450 a i cm igbt, t p < 1 ms,t heat sink = 25c 1200 a i f diode, t heat sink = 25 / 70 c 450 / 337,5 a i fm diode, t p < 1 ms 900 a i fsm diode, t j = 150 c, 10ms; sin 4320 a i 2 t (diode) diode, t j = 150 c, 10ms 93 ka 2 s t j , (t stg ) -40...+150 (125) c v isol ac, 1min. 3000 v i c-package 4) t heat sink = 70c, t term = 115 c 1 * 500 a characteristics symbol conditions 1) min. typ. max. units igbt v (br)ces gate driver without supply v ces ?? v i ces v ge = 0, t j = 25 c v ce = v ces t j = 125 c ? ? 1,2 36 ? ? ma ma v ceo 7) t j = 125 c ? 0,9 ? v r t 7) t j = 125 c ? 2,71 ? m ? v cesat 7) i c = 490a, t j = 125 c ? 2,3 ? v v cesat 7) i c = 490a, t j = 25 c ?? 2v e on + e off 5) i c =490a, v cc =600v t j = 125 c v cc =900v ? 172 279 ? mj mj c per skiip, ac side ? 1 ? nf l ce top, bottom ? 12 ? nh r cc-ee resistance, terminal-chip 0,40 m ? inverse diode 2) v f = v ec i f = 450a; t j = 125 c ? 1,8 ? v v f = v ec i f = 450a; t j = 25 c ?? 2,5 v e on + e off 5) i f = 450a; t j = 125 c ? 18 ? mj v to t j = 125 c ? 1,0 ? v r t t j = 125 c ? 1,83 ? m ? thermal characteristics r thjs per igbt ?? 0,071 c/w r thjs per diode ?? 0,125 c/w r thsa 3) l: p16 heat sink; 280 m 3 / h ?? 0,033 c/w w: wk 40; 8l/min; 50% glycol ?? 0,010 c/w current sensor i p rms t a =100 c , v supply = 15v 1 * 400 a i pmax rms t 2 s 1 * 500 a linearity v supply 14,25v, 0 i 700a, per sensor 0,1 % i ppeak t 10 s, per sensor 3000 a mechanical data m1 dc terminals, si units 4 ? 6nm m2 ac terminals, si units 8 ? 10 nm m3 to heat sink 6) ? 3 ? nm skiippack ? ? ? ? sk integrated intelligent power pack 3 rd generation 6-pack skiip 613gd121-3dul 3) target data housing s33 features ? skiip technology inside - pressure contact of ceramic to heat sink; low thermal impedance - pressure contact of main electric terminals - pressure contact of auxiliary electric terminals - increased thermal cycling capability - low stray inductance - homogenous current distribution ? integrated current sensor ? integrated temperature sensor ? high power density 1) t heatsink = 25 c, unless otherwise specified 2) cal = controlled axial lifetime technology (soft and fast) 3) d integrated gate driver u with dc-bus voltage measurement (option for gb) l mounted on standard p16 for forced air cooling w mounted on standard water cooler 4) t term = temperature of terminal 5) with skiippack 3 rd generation gate driver 6) assembly instruction must be followed 7) measured at chip level 8) external paralleling necessary this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee, expressed or implied is made regarding delivery, performance or suitability.


▲Up To Search▲   

 
Price & Availability of SKIIP613GD121-3DLW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X