Part Number Hot Search : 
DS2200 ACT244 SMBJ78C 00309 MG200MHI MSR126R ST7LITE3 HDS800
Product Description
Full Text Search
 

To Download SI2304DS-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d ty p e w w w . k e x i n . c o m . c n 1 m o s f e t feat ur es v d s ( v ) = 30v r d s ( o n ) 117m ( v g s = 10v ) r d s ( o n ) 190m ( v g s = 4.5v ) 0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.gate 2.source 3.drain 1 2 3 unit: mm sot-23 0.1 +0.05 -0.01 a bs olut e max imum r at ings ta = 25 s y m bol rati ng uni t v d s 30 v g s 20 t a= 25 2.5 t a= 70 2.0 i d m 10 t a= 25 1.25 t a= 70 0.8 100 166 t j 150 t s tg - 55 to 150 /w j unc ti on t em per atur e r t h ja p ar am eter conti nuous dr ai n cur r ent * 1 i d dr ai n- s our c e v ol tage g ate- s our c e v ol tage v p ul s ed dr ai n cur r ent * 2 a s tor age t em per atur e range p d p ow er di s s i pati on t her m al res i s tanc e.j unc ti on- to- a m bi ent * 1 t her m al res i s tanc e.j unc ti on- to- a m bi ent * 3 w * 2 p ul s e w i dth l i m i ted by m ax i m um j unc ti on tem per atur e. * 1 s ur fac e m ounted on fr4 b oar d, t 5 s ec . * 3 s ur fac e m ounted on fr4 b oar d. g s d 2 3 1 p b? f r ee p ac k age m ay be a v ai l abl e. t he g ? s uffi x denotes a p b? f r ee lead f i ni s h n-cha nne l mo s f e t si2 3 0 4 ds-hf ( k i 2 3 0 4 d s - h f)
s m d ty p e w w w . k e x i n . c o m . c n 2 m o s f e t mar k ing m ar k i ng a 4* f e lec t r ic al c har ac t er is t ic s ta = 25 p ar am eter s y m bol t es t condi ti ons m i n t y p m ax uni t dr ai n- s our c e b r eak dow n v ol tage v d s s i d = 250 a , v g s = 0v 30 v v d s = 30v , v g s = 0v 0.5 v d s = 30v , v g s = 0v , t a= 55 10 g ate- b ody leak age cur r ent i g s s v d s = 0v , v g s = 20v 100 na g ate t hr es hol d v ol tage v g s ( t h ) v d s = v g s , i d = 250 a 1.5 3 v v d s 4.5 v , v g s = 10 v 6 v d s 4.5 v , v g s = 4.5 v 4 v g s = 10v , i d = 2.5a 117 v g s = 4.5v , i d = 2.0a 190 f or w ar d t r ans c onduc tanc e * 1 g fs v d s = 4.5v , i d = 2.5a 4.6 s input capac i tanc e c i ss 240 o utput capac i tanc e c o ss 110 rev er s e t r ans fer capac i tanc e c r ss 17 t otal g ate char ge q g v d s = 15v ,v g s = 5v ,i d = 2.5a 2.4 4 g ate- s our c e char ge q g t 4.5 10 g ate s our c e char ge q g s 0.8 g ate dr ai n char ge q g d 1.0 t ur n- o n del ay t i m e t d ( o n ) 8 20 t ur n- o n ri s e t i m e t r 12 30 t ur n- o ff del ay t i m e t d ( o f f ) 17 35 t ur n- o ff f al l t i m e t f 8 20 m ax i m um b ody - di ode conti nuous cur r ent i s 1.25 a di ode f or w ar d v ol tage v s d i s = 1.25a ,v g s = 0v 0.77 1.2 v pf nc ns v g s = 0v , v d s = 15v , f= 1m hz v g s = 10v , v d s = 15v , i d = 2.5a i d = 1a , v d s = 15v , ,r g e n = 6 r l = 15 ,v g s = 10v z er o g ate v ol tage dr ai n cur r ent a s tati c dr ai n- s our c e o n- res i s tanc e * 1 r d s ( o n ) m o n- s tate dr ai n cur r enta * 1 i d ( o n ) a i d s s * 1 p ul s e tes t: p w 300u s duty c y c l e 2% . n-cha nne l mo s f e t si2 3 0 4 ds-hf ( k i 2 3 0 4 d s - h f)
s m d ty p e w w w . k e x i n . c o m . c n 3 m o s f e t ty pic al c har ac t er is it ic s 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ?50 ?25 0 25 50 75 100 125 150 c r s s on-resistance vs. drain current s c i t s i r e t c a r a h c r e f s n a r t s c i t s i r e t c a r a h c t u p t u o v d s ? drain-to-source v oltage (v) ? drain current (a) i d v g s ? gate-to-source v oltage (v) ? drain current (a) i d 0 2 4 6 8 10 0 2 4 6 8 10 0 2 4 6 8 10 0 1 2 3 4 5 0 v v g s = 10 v - 5 v 3 v 4 v 0 100 200 300 400 500 0 6 12 18 24 30 0 2 4 6 8 10 0 1 2 3 4 5 0 0.06 0.12 0.18 0.24 0.30 0 2 4 6 8 10 ga t e c ha r ge ? gate-to-source v oltage (v) q g ? t o ta l ga te c h a r ge ( n c ) v d s ? drain-to-source v oltage (v) c ? capacitance (pf) v gs c os s c i s s v d s = 15 v i d = 2.5 a ? on-resistance ( r ds(on) ) i d ? drain current (a) capacitance on-resistance vs. junction t emperature v g s = 10 v i d = 2.5 a t j ? junction t emperature ( c) (normalized) ? on-resistance ( r ds(on) ) v g s = 4.5 v v g s = 10 v 0 t c = 125 c ?55 c 25 c b b b b n-cha nne l mo s f e t si2 3 0 4 ds-hf ( k i 2 3 0 4 d s - h f)
s m d ty p e w w w . k e x i n . c o m . c n 4 m o s f e t . ty pic al c har ac t er is it ic s 0.01 0.10 1.00 10.00 power (w) singl e pulse power t ime (sec) t c = 25 c single pulse 10 8 4 0 2 6 0.2 0.4 0.6 0.8 1.0 1.2 ?0.6 ?0.5 ?0.4 ?0.3 ?0.2 ?0.1 ?0.0 0.1 0.2 0.3 ?50 ?25 0 25 50 75 100 125 150 0 0.1 0.2 0.3 0.4 0.5 0.6 0 2 4 6 8 10 e g a t l o v e c r u o s - o t - e t a g . s v e c n a t s i s e r - n o e g a t l o v d r a w r o f e d o i d n i a r d - e c r u o s threshold v oltage normalized thermal t ransient impedance, junction-to-ambient square w ave pulse duration (sec) 2 1 0.1 0.01 10 ?4 10 ?3 10 ?2 10 ?1 1 normalized ef fective t ransient thermal impedance 30 ? on-resistance ( r ds(on) ) v sd v ) v ( e g a t l o v n i a r d - o t - e c r u o s ? g s ? gate-to-source v oltage (v) ? source current (a) i s t j ? t emperature ( c) v ariance (v) v gs(th) 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 i d = 2.5 a i d = 250 a 10 1 10 t j = 25 c t j = 150 c b b b b n-cha nne l mo s f e t si2 3 0 4 ds-hf ( k i 2 3 0 4 d s - h f)


▲Up To Search▲   

 
Price & Availability of SI2304DS-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X