Part Number Hot Search : 
75N05 LT3080 PI5C3306 PI5C3306 N5551 KA5M038 SA45A PCA95
Product Description
Full Text Search
 

To Download SI2302DS-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d ty p e w w w . k e x i n . c o m . c n 1 m o s f e t feat ur es v d s = 20v r d s ( on) = 85m @v g s = 4.5v ,i d = 3.6a r d s ( on) = 115m @v g s = 2.5v ,i d = 3.1a 1.gate 2.source 3.drain g s d 2 3 1 a bs olut e max imum r at ings ta = 25 s y m bol rati ng uni t v d s 20 v g s 8 t a= 25 2.8 t a= 70 2.2 i d m 10 t a= 25 1.25 w t a= 70 0.8 t her m al res i s tanc e.j unc ti on- to- a m bi en t * 1 100 * 2 166 t j 150 t s tg - 55 to 150 /w r t h ja p ul s ed dr ai n cur r ent j unc ti on t em per atur e p ar am eter conti nuous dr ai n cur r ent * 1 i d dr ai n- s our c e v ol tage g ate- s our c e v ol tage v a s tor age t em per atur e range p d p ow er di s s i pati on notes : * 2.s ur fac e m ounted on f r4 b oar d. * 1.s ur fac e m ounted on f r4 b oar d, t 5 s ec . 0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1 2 3 unit: mm sot-23 0.1 +0.05 -0.01 n-cha nne l mo s f e t si2 3 0 2 ds-hf ( k i 2 3 0 2 d s - h f) p b? f r ee p ac k age m ay be a v ai l abl e. t he g ? s uffi x denotes a p b? f r ee lead f i ni s h
s m d ty p e w w w . k e x i n . c o m . c n 2 m o s f e t e lec t r ic al c har ac t er is t ic s ta = 25 p ar am eter s y m bol t es t condi ti ons m i n t y p m ax uni t dr ai n- s our c e b r eak dow n v ol tage v d s s i d = 250 a , v g s = 0v 20 v v d s = 20v , v g s = 0v 1 v d s = 20v , v g s = 0v ,t j = 55 10 g ate- b ody leak age cur r ent i g s s v d s = 0v , v g s = 8v 100 na g ate t hr es hol d v ol tage v g s ( t h ) v d s = v g s , i d = 250 a 0.62 1.9 v v g s = 4.5v , i d = 3.6a 85 v g s = 2.5v , i d = 3.1a 115 f or w ar d t r ans c onduc tanc e * gfs v d s = 5v ,i d = 3.6a 8 s input capac i tanc e c i ss 300 o utput capac i tanc e c o ss 120 rev er s e t r ans fer capac i tanc e c r ss 80 t otal g ate char ge q g 4 10 g ate- s our c e char ge q g s 0.65 g ate- dr ai n char ge q g d 1.5 t ur n- o n del ay t i m e t d ( o n ) 7 15 t ur n- o n ri s e t i m e t r 55 80 t ur n- o ff del ay t i m e t d ( o f f ) 16 60 t ur n- o ff f al l t i m e t f 10 25 conti nuous s our c e cur r ent ( di ode conduc ti on) i s 1.6 a di ode f or w ar d v ol tage v s d is = 1.6a ,v g s = 0v 0.76 1.2 v z er o g ate v ol tage dr ai n cur r ent i d s s a v d s = 10v ,v g s = 4.5v ,i d = 3.6a nc ns m r d s ( o n ) s tati c dr ai n- s our c e o n- res i s tanc e v g s = 4.5v , v d s = 10v , r l = 5.5 ,r g e n = 6 i d = 3.6a v g s = 0v , v d s = 10v , f= 1m hz pf * p ul s e tes t: p w 300us duty c y c l e 2% mar k ing m ar k i ng a 2* f n-cha nne l mo s f e t si2 3 0 2 ds-hf ( k i 2 3 0 2 d s - h f)
s m d ty p e w w w . k e x i n . c o m . c n 3 m o s f e t ty pic al c har ac t er is it ic s 0 2 4 6 8 10 0 0.5 1.0 1.5 2.0 2.5 on-resistance vs. drain current s c i t s i r e t c a r a h c r e f s n a r t s c i t s i r e t c a r a h c t u p t u o v d s ? drain-to-source v oltage (v) ? drain current (a) i d v g s ? gate-to-source v oltage (v) ? drain current (a) i d 0 2 4 6 8 10 0 1 2 3 4 5 t c = 125 c ?55 c 0, 0.5, 1 v v g s = 5 thru 2.5 v 1.5 v 2 v 0 200 400 600 800 1000 0 4 8 12 16 20 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ?50 0 50 100 150 0 1 2 3 4 5 0 1 2 3 4 5 6 7 0 0.03 0.06 0.09 0.12 0.15 0 2 4 6 8 10 ga t e c ha r ge ? gate-to-source v oltage (v) q g ? t o ta l ga te cha r g e ( n c ) v d s ? drain-to-source v oltage (v) c ? capacitance (pf) v gs c r s s c os s c i s s v d s = 10 v i d = 3.6 a ? on-resistance ( r ds(on) ) i d ? drain current (a) capacitance on-resistance vs. junction t emperature v g s = 4.5 v i d = 3.6 a t j ? junction t emperature ( c) (normalized) ? on-resistance ( r ds(on) ) v g s = 2.5 v v g s = 4.5 v 25 c b b b b n-cha nne l mo s f e t si2 3 0 2 ds-hf ( k i 2 3 0 2 d s - h f)
s m d ty p e w w w . k e x i n . c o m . c n 4 m o s f e t . ty pic al c har ac t er is it ic s 0.2 0.4 0.6 0.8 1.0 1.2 power (w) ?0.4 ?0.3 ?0.2 ?0.1 ?0.0 0.1 0.2 ?50 0 50 100 150 0 0.04 0.08 0.12 0.16 0.20 0 2 4 6 8 e g a t l o v e c r u o s - o t - e t a g . s v e c n a t s i s e r - n o e g a t l o v d r a w r o f e d o i d n i a r d - e c r u o s r e w o p e s l u p e l g n i s e g a t l o v d l o h s e r h t normalized thermal t ransient impedance, junction-to-ambient square w ave pulse duration (sec) 2 1 0.1 0.01 10 ?4 10 ?3 10 ?2 10 ?1 1 normalized ef fective t ransient thermal impedance 30 ? on-resistance ( r ds(on) ) v sd v ) v ( e g a t l o v n i a r d - o t - e c r u o s ? g s ? gate-to-source v oltage (v) ? source current (a) i s t j ? t emperature ( c) v ariance (v) v gs(th) 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 i d = 3.6 a i d = 250 a 10 1 10 t j = 25 c t j = 150 c 0.01 0.10 1.00 10.00 t ime (sec) t c = 25 c single pulse 14 12 8 4 0 2 6 10 b b b b n-cha nne l mo s f e t si2 3 0 2 ds-hf ( k i 2 3 0 2 d s - h f)


▲Up To Search▲   

 
Price & Availability of SI2302DS-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X