Part Number Hot Search : 
41200 CD4049AE EN25F10 M2015 2SK44 008226 NTE476 120M1T
Product Description
Full Text Search
 

To Download RSF100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.cynergy3.com ? 201 cynergy3 components, all rights reserved. specifications are subject to change without prior notice. cynergy3 components a nd the cynergy3 components logo are trademarks of cynergy3 components limited. 4 iso 9001 certified RSF100 series external mount miniature vertical switch cynergy3 components ltd. 7 cobham road ferndown industrial estate wimborne, dorset bh21 7pe telephone +44 (0) 1202 897969 email:sales@cynergy3.com a compact vertically mounted design with a single switch point. mounting is in the top or bottom of a tank via a compression seal, so does not require access to the inside of the tank for fitting standard versions are 25va and high power versions are available with 100va switching capacity. . available in flying lead of m12 connector versions. cables are available for use with m12 connection versions. mechanical dimensions custom versions can be made for particular applications. please contact cynergy3 with your requirements. external mount via compression seal compact design with small diameter float wras approved versions available technical specification material nylon polypropylene polypropylene polyphenylene sulphide wras approved ul approved wras/ul colour black opaque white grey temp. range c -20 / +75 -20 / +100 -20 / +100 -10 / +120* f -4 ./ +167 -4 / +212 -4 / +212 +14 / +248* min. fluid sg ?? ?? ?? ?? * maximum temperature requires etfe cable to be specified. electrical specification 25w (y code) 100w (h code) contact form n/o (n/c) n/o (n/c) switching power max va 25 100 switching voltage ac max v 240 300 switching voltage dc max v 120 300 switching current max a 0.6 1 all ratings are for resistive load only . standard parts material max power leadouts gasket rsf103y100jn nylon 25va 100cm pvc 2 core 7/0.2 nitrile rsf103h100jn nylon 100va 100cm pvc 2 core 7/0.2 nitrile rsf104y100jn polypropylene 25va 100cm pvc 2 core 7/0.2 nitrile rsf104h100jn polypropylene 100 a 100cm pvc 2 core 7/0.2 nitrile v rsf106y100jn polyphenylene sulphide 25va 100cm pvc 2 core 7/0.2 nitrile rsf106y050t polyphenylene sulphide 25va cm p 2 core 7/0.2 viton v 50 tfe rsf106h100jn polyphenylene sulphide 100 a 100cm pvc 2 core 7/0.2 nitrile v rsf106h050tv polyphenylene sulphide 100va cm p 2 core 7/0.2 viton 50 tfe rsf108y100jn polypropylene 25va 100cm pvc 2 core 7/0.2 nitrile rsf108h100jn polypropylene 100 a 100cm pvc 2 core 7/0.2 nitrile v rsf103ynp nylon 25va m12 connector nitrile rsf103hnp nylon 100va m12 connector nitrile rsf104ynp polypropylene 25va m12 connector nitrile rsf104hnp polypropylene 100 a m12 connector nitrile v rsf106ynp polyphenylene sulphide 25va m12 connector nitrile rsf106hnp polyphenylene sulphide 100 a m12 connector nitrile v rsf108ynp polypropylene 25va m12 connector nitrile rsf108hnp polypropylene 100 a m12 connector nitrile v 75mm (3.0?) 43mm (1.70?) 21.5mm (0.85?) 21.5mm (0.85?) 23mm (0.9?) dia. hole in tank 3mm (0.12?) max tank wall compression seal for external mount m16x2 thread m12x1 thread nylon nut nylon washer pins 1 & 2 switch connection 1 2 3 4


▲Up To Search▲   

 
Price & Availability of RSF100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X