Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download RLT6650G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  roithner lasertechnik roithner lasertechnik a-1040 vienna, schoenbrunner strasse 7, austria tel: +43 -1- 586 52 43-0 fax: +43 -1- 586 52 43-44 office@roithner-laser.com www.roithner-laser.com RLT6650G technical data high power visible laserdiode structure: high efficiency movcd quantum well design lasing wavelength: 660 nm typ., multimode output power: 50 mw package: 9 mm pin connection: 1) laser diode cathode 2) laser diode anode and photodiode cathode 3) photodiode anode absolute maximum ratings (tc=25c) characteristic symbol rating unit optical output power p o 55 mw ld reverse voltage v r(ld) 2 v pd reverse voltage v r(pd) 30 v operating temperature t c -10 .. +40 c storage temperature t stg -40 .. +85 c optical-electrical characteristics (tc = 25c) characteristic symbol test condition min typ max unit optical output power p o cw operation 50 mw threshold current i th cw operation 70 85 120 ma operation current i op p o = 50 mw 135 160 220 ma operation voltage v op p o = 50 mw 2.0 2.1 2.2 v lasing wavelength l p p o = 50 mw 655 660 665 nm beam divergence q // p o = 50 mw 10 12 14 beam divergence q ^ p o = 50 mw 20 25 30 lasing aperture a p o = 50 mw 10 x 1 m2 monitor current i m p o = 50 mw 0.35 0.5 1.5 ma note! laserdiode must be cooled!


▲Up To Search▲   

 
Price & Availability of RLT6650G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X