Part Number Hot Search : 
BLY88C BLY88C BU4248F R3H2A120 79GU1 JP520S MC1804 50013
Product Description
Full Text Search
 

To Download P2N2369A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon high speed swithching transistor P2N2369A to - 92 plastic package low power and high speed switching applications absolute maximum ratings (t a =25oc unless specified otherwise) description symbol collector emitter voltage v ceo collector base voltage v cbo collector emitter voltage ( v be =0) v ces emitter base voltage v ebo collector current peak i cm power dissipation @ ta=25oc p d operating and storage junction temperature range junction to ambient in free air r th(j-a) electrical characteristics (t a =25oc unless specified otherwise) max collector emitter breakdown voltage bv ceo (sus) * i c =10ma, i b =0 v collector emitter breakdown voltage bv ces i c =10 m a, v be =0 v collector base breakdown voltage bv cbo i c =10 m a, i e =0 v emitter base breakdown voltage bv ebo i e =10 m a, i c =0 v collector cutoff current i cbo v cb =20v, i e =0 ta=150oc 30 m a collector cutoff current i ces v ce =20v, v be =0 0.4 m a base current i b v ce =20v, v be =0 0.4 m a collector emitter saturation voltage v ce(sat) * i c =10ma, i b =1ma 0.20 v i c =30ma, i b =3ma 0.25 v i c =100ma, i b =10ma 0.5 v i c =10ma, i b =1ma ta=125oc thermal resistance t j , t stg -65 to +200 0.3 v value unit test condition symbol description 625 200 value 15 40 40 4.5 500 unit v v v v ma mw oc oc/w min 15 40 40 4.5 c b e continental device india limited data sheet page 1 of 4 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
npn silicon high speed swithching transistor P2N2369A to - 92 plastic package electrical characteristics (t a =25oc unless specified otherwise) max base emitter saturation voltage v be(sat) * i c =10ma, i b =1ma 0.85 v i c =30ma, i b =3ma 0.15 v i c =100ma, i b =10ma 1.60 v i c =10ma, i b =1ma ta=+125oc i c =10ma, i b =1ma ta= -55oc dc current gain h fe * i c =10ma, v ce =1v 120 i c =10ma, v ce =1v ta= -55oc i c =30ma, v ce =0.4v i c =100ma, v ce =1v i c =10ma, v ce =0.35v 120 i e =0, v cb =5v f=140khz v ce =10v,i c =10ma f=100mh z switching charcteristics i c =10ma, i b1 =3ma, i b2 =1.5ma, v cc =3v i c =10ma, i b1 =3ma, v cc =3v,i b2 =1.5ma i c =100ma, i b1 =10ma, i b2 = 10ma, v cc =10v *pulse condition: width < 300 m m s, duty cycle < 2%. 13 ns turn off time t off 12 storage time t s ns 15 ns 500 turn on time t on mhz output capacitance c ob 4 pf transition frequency f t 1.02 v v unit dynamic characteristics 0.59 0.7 20 40 40 20 30 description symbol test condition value min c b e continental device india limited data sheet page 2 of 4
P2N2369A to - 92 plastic package to-92 plastic package to-92 transistors in tape and ammo pack to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5k 2k 17" x 15" x 13.5" 17" x 15" x 13.5" 80k 32k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail f f h c 3 2 1 pin configuration 1. emitter 2. base 3. collector all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f 5 deg g 1.14 1.40 h 1.14 1.53 2.082 k l 12.70 1.982 ? 1 2 3 e sec aa d b a l s o l d e r a b i l i t y e n s u r e d d i m e n s i o n w i t h ' l ' u n c o n t r o l l e d b e y o n d ' l ' k d a a g 1 2 3 mechanical data t a a1 p (p) c1 c2 w2 do f2 f p2 po f1 w1 wo w h1 h2 h3 l t1 t ho h1 h1 h h item symbol specification pull - out force (p) 6n min. nom. body width a1 4.0 4.8 body height a 4.8 5.2 body thickness t 3.9 4.2 at top of body component alignment side view h 0 1.0 at top of body component alignment front view h1 0 1.3 component height h1 23.25 length of snipped leads l 11.0 t1 0.3-0.6 total tape thickness t 1.2 clinch height h3 3.0 lead parallelism | c1 - c2 | 0.22 max. pitch of component p 12.7 1.0 cumulative pitch error 1.0 mm/20 pitch feed hole pitch po 12.7 0.3 feed hole centre to to be measured at bottom of clinch component centre p2 6.35 0.4 distance between outer leads f 5.08 + 0.6 - 0.2 tape width w 18 0.5 hold-down tape width wo 6 0.2 hole position w1 9 + 0.7 - 0.5 hold-down tape position w2 0.5 0.2 lead wire clinch height ho 16 0.5 feed hole diameter do 4 0.2 lead - to - lead distance f1, f2 2.54 + 0.4 stand off h2 0.45 1.45 tol . remarks notes 1. maximum alignment deviation between leads will not to be greater than 0.2mm. 2. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. there will be no more than three (3) consecutive missing components in a tape. 5. a tape trailer, having at least three feed holes are provided after the last component in a tape. 6. splices should not inter fere with the sprocket feed holes. - 0.1 adhesive tape on top side flat side flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 186 (7.3") 3 3 2 ( 1 3 " ) f e e d 4 3 ( 1 . 7 " ) ammo pack style all dimensions in mm continental device india limited data sheet page 3 of 4
notes P2N2369A to - 92 plastic package P2N2369Arev270302d disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-579 6150 fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com continental device india limited data sheet page 4 of 4


▲Up To Search▲   

 
Price & Availability of P2N2369A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X