Part Number Hot Search : 
8C240 MSK640 1N5994D 7308Q 2S7T3 TM6121 U60D15 MAX10
Product Description
Full Text Search
 

To Download NVS1206B150ATRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount transient voltage suppressors nvs series features ? zinc oxide multilayer construction ? high energy surge voltage protection ? eia sizes 0603, 0805, 1206 and 1210 ? high current rating (up to 500a) ? fast response (less than 1ns) ? low clamping voltages ? pb-free compatible with flow and reflow soldering multilayer zinc oxide chip varistors are ideal for the suppression of voltage transients due to esd, inductive discharge and el ec tro mag net ic energy. the nvs series of chip varistors were designed to provide transient protection to new, low voltage semiconductors and t o aid in equipment compliance to cis/iec 801 speci cations. characteristics energy a = 0.1j e = 1.2j b = 0.3j f = 1.5j c = 0.4j g = 2.0j d = 0.9j f 400 a working voltage (vdc), breakdown voltage (vdc min.@1ma dc) a = 3.3v(5.0v) e = 14v(18.5v) i = 48v(62v) b = 5.6v(8.5v) f = 18v(25.5v) j = 60v(75v) c = 9.0v(12.7v) g = 26v(34.5v) d = 12v (16v) h = 30v(41v) clamping voltage 100 = 12v 150 = 15.5v 200 = 20v 250 = 25v 300 = 30v 390 = 39v 400 = 40v 560 = 56v 580 = 58v 620 = 62v 650 = 65v 101 = 100v 121 = 120v part numbering system 0805 case size 0603 0805 1206 1210 nvs se ries tape and reel tr rohs compliant f speci cations size 0603 0805 1206 1210 working voltage range (@50 a maximum leakage current) 3.3 ~ 30v 3.3 ~ 30v 3.3 ~ 48v 18 ~ 60v clamping voltage range (based on 20 - 10 amp 8/20 s pulse) 10 ~ 65v 10 ~ 65v 10 ~ 100v 39 ~ 120v peak current rating (8/20 s pulse waveform) 30a 30 ~ 120a 30 ~ 150a 220 ~ 500a maximum transient energy dissipated (10/1000 s pulse waveform) 0.1j 0.1 ~ 0.3j 0.1 ~ 0.4j 0.9 ~ 1.5j *see part number system for details rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount transient voltage suppressors nvs series part numbering specifications case size part number working* voltage (max.) clamping voltage (max.) peak current (max.) transient energy (max.) typical c (nf) l (nh) 0603 nvs0603a100atrf 3.3v 12v 30a 0.1j 1.450 <1.0 nvs0603b150atrf 5.6v 18v 30a 0.1j 0.750 <1.0 nvs0603c200atrf 9.0v 22v 30a 0.1j 0.550 <1.0 nvs0603e300atrf 14v 32v 30a 0.1j 0.350 <1.0 nvs0603f400atrf 18v 42v 30a 0.1j 0.150 <1.0 nvs0603g580atrf 26v 60v 30a 0.1j 0.155 <1.0 nvs0603h650atrf 30v 67v 30a 0.1j 0.125 <1.0 0805 nvs0805a100atrf 3.3v 12v 40a 0.1j 1.400 <1.5 nvs0805a100btrf 3.3v 12v 120a 0.3j 5.000 <1.5 nvs0805b150atrf 5.6v 18v 40a 0.1j 1.100 <1.5 nvs0805b150btrf 5.6v 18v 120a 0.3j 3.000 <1.5 nvs0805c200atrf 9.0v 22v 40a 0.1j 0.750 <1.5 nvs0805d250atrf 12v 27v 40a 0.1j 0.525 <1.5 nvs0805e300atrf 14v 32v 40a 0.1j 0.325 <1.5 nvs0805e300btrf 14v 32v 120a 0.3j 0.900 <1.5 nvs0805f400atrf 18v 42v 30a 0.1j 0.225 <1.5 nvs0805f400btrf 18v 42v 100a 0.3j 0.550 <1.5 nvs0805g580atrf 26v 60v 30a 0.1j 0.120 <1.5 nvs0805g580btrf 26v 60v 100a 0.3j 0.250 <1.5 nvs0805h650atrf 30v 67v 30a 0.1j 0.090 <1.5 1206 nvs1206a100atrf 3.3v 12v 40a 0.1j 1.250 <1.7 nvs1206a100ctrf 3.3v 12v 150a 0.4j 4.700 <1.7 NVS1206B150ATRF 5.6v 18v 40a 0.1j 1.200 <1.7 nvs1206b150ctrf 5.6v 18v 150a 0.4j 3,000 <1.7 nvs1206e300atrf 14v 32v 40a 0.1j 0.600 <1.7 nvs1206e300ctrf 14v 32v 150a 0.4j 1.050 <1.7 nvs1206f400atrf 18v 42v 30a 0.1j 0.350 <1.7 nvs1206f400ctrf 18v 42v 150a 0.4j 0.900 <1.7 nvs1206g580ctrf 26v 60v 120a 0.4j 0.500 <1.7 nvs1206h650ctrf 30v 67v 120a 0.4j 0.400 <1.7 nvs1206i101ctrf 48v 100v 100a 0.4j 0.225 <1.7 1210 nvs1210f390ftrf 18v 42v 500a 1.5j 3.100 <2.0 nvs1210g560etrf 26v 60v 300a 1.2j 2.150 <2.0 nvs1210h620dtrf 30v 67v 220a 0.9j 1.750 <2.0 nvs1210h620etrf 30v 67v 280a 1.2j 1.850 <2.0 nvs1210i101dtrf 48v 100v 220a 0.9j 0.450 <2.0 nvs1210i101etrf 48v 100v 250a 1.2j 0.500 <2.0 nvs1210j121ftrf 60v 120v 250a 1.5j 0.400 <2.0 p p l w t termination material: 100% sn nish over ni barrier over pd-ag base. dimensions (mm) reel quantities notes: 1. *working voltage is a maximum recommended working voltage and is speci ed for op er a tion at leakage current less than 50 a.. 2. peak current and clamping voltage is speci ed under 8/20us test conditions. 3. tran sient energy speci ed under 10/1000us test condition. 4. storage tem per a ture/humidity: +5c ~ +35c, rh 40% ~ 75% case size length (l) width (w) thickness (t) overlap (p) 0603 1.6 0.15 0.8 0.15 0.9 max. 0.5 max. 0805 2.0 0.20 1.2 0.20 1.0 max. 0.8 max. 1206 3.2 0.20 1.6 0.20 1.0 max. 0.8 max. 1210 3.2 0.20 2.5 0.20 1.0 max. 0.8 max. case size 178mm (7") 254mm (10") 0603 1,000 or 4,000 10,000 0805 1,000 or 4,000 10,000 1206 1,000 or 4,000 10,000 1210 1,000 or 4,000 10,000


▲Up To Search▲   

 
Price & Availability of NVS1206B150ATRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X