Part Number Hot Search : 
AS3694 C124EU S7129 TA014 AN41240A SI2003 SKNA4 A1627
Product Description
Full Text Search
 

To Download MSF7N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 description the ms f 7 n 6 0 is a n - channel enhancement - mode mosfet , providing the designer with the best combination of fast switching, ruggedized device design, low on - resistance and cost effectiveness. the to - 220f package is universally preferred for all co mmercial - industrial applications features ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? rohs compliant package a pplication ? open framed power supply ? adapter ? stb packing & order information 50/tu be ; 1,000/box graphic symbol m aximum ratings and electrical characteristics absolute maximum ratings symbol parameter value unit v dss drain - source voltage 600 v v gs gate - source voltage 30 v i d drain current - continuous (tc=25 c ) 7.0 a drain current - continuous (tc= 100 c ) 4.4 a i dm drain current pulsed 21 a e as s ingle pulsed avalanche energy 48 mj i ar avalanche current 7.0 a
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 absolute maximum ratings symbol parameter value unit e ar repetitive avalanche energy 3.1 mj dv/dt pe ak diode recovery dv/dt 4.5 v/ns p d total power dissipation ( tc = 25 c) derating factor above 25 c 31 w 0.25 w/ c t stg operating and storage temperature range - 55 to +150 c t l maximum lead temperature for soldering purposes, 1/8'' from case for 10 seconds 300 c t pkg maximum temperature for soldering @ package body for 10 seconds 260 c t j storage temperature 150 c note: 1.repetitive rating; pulse width limited by maximum junction temperature. 2. i as 7a, v dd =50v, l=7mh, v g =10v, starting tj=+25c. 3. i sd 7a, di/dt200a/s, vddbvdss, starting tj=+25c. thermal characteristics symbol parameter max. unit s r j c junction - to - case 2. 6 c /w r ja junction - to - ambient 62.5 off characteristics symbol tes t conditions min typ. max. unit s v gs (th) v ds = v gs , i d = 250a ds(on) v gs = 1 0 v , i d = 3.5 a -- 0.85 1.2 dss v gs = 0 v , i d = 250a dss / j i d = 250a, referenced to 25 dss v ds = 60 0 v , v gs = 0 v v ds = 48 0 v , v c = 125 c -- -- 1 10 u a i gss v g s = dynamic characteristics symbol test conditions min typ. max. unit s c iss v ds = 25 v, v gs = 0 v, f = 1.0mhz -- 1482 -- pf c oss -- 121.7 -- pf c rss -- 14 -- pf
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 dynamic characteri stics symbol test conditions min typ. max. unit s q g v d g = 300 v,i d = 7 a, v gs = 10 v -- 28 37 nc q gs -- 4.7 -- nc q g d -- 11 -- nc t d(on) v d s = 400 v, i d = 7 a, r g = 25 , v gs = 10 v -- 10 30 ns t r -- 35 80 ns t d(off) -- 45 100 ns tf -- 40 90 ns dynamic characteristics symbol test conditions min typ. max. unit s c iss v ds = 25 v, v gs = 0 v, f = 1.0mhz -- 1500 2010 pf c oss -- 145 190 pf c rss -- 13 20 pf sour ce - drain diode characteristics symbol test conditions min typ. max. unit s i s v g = v d = 0 v s = 13 v -- -- 7 a i sm -- -- 28 v sd i s = 7 a , v gs = 0 v -- -- 1.4 v t rr i f = 7 a , v gs = 0 v , dif/dt=100a/s -- 35 0 -- n s q rr -- 3.3 -- u c *pulse test : pu lse width 300s, duty cycle2%
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 characteristics curve fig.1 - on region characteristics fig. 2 - transfer characteristics fig.3 - on resistance variation vs drain current and gate voltage fig.4 - body diode forward voltage variation wit h source current and temperature fig.5 - capacitance characteristics fig.6 - gate charge characteristics
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 characteristics curve fig. 7 - breakdown voltage variation vs temperature fig. 8 - on - resistance variation vs temperature fig. 9 - maximum safe operating area fig. 10 - maximum drain current vs case temperature fig.11 - transient thermal response curve
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 characteristics test circuit & waveform fig 12. resistive switching test circuit & waveforms fig 13. gate charge test circuit & waveform fig 14. unclamped inductive switching test circuit & waveforms
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 fig 15. peak diode recovery dv/dt test circuit & waveforms
msf7n 6 0 6 0 0v n - channel mosfet publication order number: [ msf 7 n 6 0 ] ? bruckewell technology corporation rev. a - 2014 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, f unction or design or otherwise. bruckewell technology inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, bruckewell), d isclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other disclosure relating to any product. bruckewell makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, bruckewell disclaims (i) any and all liability arising out of the application or use of any product. (ii) any and all liability, inc luding without limitation special, consequential or incidental damages. (iii) any and all implied warranties, including warranties of fitness for particular purpose, non - infringement and merchantability. statements regarding the suitability of products for certain types of applications are based on bruckewells knowledge of typical requirements that are often placed on bruckewell products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsibility to validate that a particular product with the properties described in the product specification is suitable for use in a particular application. parameters provided in datasheets and/or specifications may v ary in different applications and performance may vary over time. product specifications do not expand or otherwise modify bruckewells terms and conditions of purchase, including but not limited to the warranty expressed therein.


▲Up To Search▲   

 
Price & Availability of MSF7N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X