Part Number Hot Search : 
74404 LM324N 74404 FR40JR02 TDA854 RF24981 600BW ZM2BG94W
Product Description
Full Text Search
 

To Download MMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  complete voltage range 2.4to 39 volts 1 of 2 features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified   mechanical data     MMSz5221-MMSz5259 500mw surface mount zener diodes k l m c h b a sod-123 dim min max a 0.55 typ b 1.40 1.70 c 3.55 3.85 h 2.55 2.85 j 0.00 0.10 k 1.00 1.35 l 0.25 0.40 m 0.10 0.15 0 8 all dimensions in mm planar die construction ideally suited for automated assembly processes approx. weight: 0.00 9 grams mounting position: any storage & operating temperature: -55 o c to +150 o c case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 symbol value unit zener current (see table ?haracteristics? power dissipation at t l = 75? p tot 500 (1) mw maximum junction temperature t j 150 ? storage temperature range t s -65 to +175 ? symbol min. typ. max. unit thermal resistance junction to ambient air r q ja 340 (1) ?/w forward voltage at i f = 10 ma v f 0.9 volts 
z5230 d5 4.7 2 19 1900 5.0 2.0 0.030 electrical characteristics @ 2 5 o c unles s otherwis e specifie d normal zener voltage vz@ izt test curren t iz t maximum zener impedance zzt @ izt zzk @ izk=0.25ma maximum reverse leakage current ir @ vr maximum zener voltage temp mcc part number marking volts ma ohms ohms ua volts %/ o c mm s z5221 c1 2.4 20 30 1200 100 1.0 -0.085 mm s z5222 c2 2.5 20 30 1250 100 1.0 -0.085 mm s z5223 c3 2.7 20 30 1300 75 1.0 -0.080 mm s z5225 c5 3.0 20 29 1600 50 1.0 -0.075 mm s z5226 d1 3.3 20 28 1600 25 1.0 -0.070 mm s z5227 d2 3.6 20 24 1700 15 1.0 -0.065 mm s z5228 d3 3.9 20 23 1900 10 1.0 -0.060 mm s z5229 d4 4.3 20 22 2000 5.0 1.0 0.055 mm s mm s z5231 e1 5.1 20 17 1600 5.0 2.0 0.030 mm s z5232 e2 5.6 20 11 1600 5.0 3.0 +0.038 mm s z5234 e4 6.2 20 7.0 1000 5.0 4.0 +0.045 mm s z5235 e5 6.8 20 5.0 750 3.0 5.0 +0.050 mm s z5236 f1 7.5 20 6.0 500 3.0 6.0 +0.058 mm s z5237 f2 8.2 20 8.0 500 3.0 6.5 +0.062 mm s z5239 f4 9.1 20 10 600 3.0 7.0 +0.068 mm s z5240 f5 10 20 17 600 3.0 8.0 +0.075 mm s z5241 h1 11 20 22 600 2.0 8.4 +0.076 mm s z5242 h2 12 20 30 600 1.0 9.1 +0.077 mm s z5243 h3 13 9.5 13 600 0.5 9.9 +0.079 mm s z5245 h5 15 8.5 16 600 0.1 11 +0.082 mm s z5246 j1 16 7.8 17 600 0.1 12 +0.083 mm s z5248 j3 18 7.0 21 600 0.1 14 +0.085 mm s z5250 j5 20 6.2 25 600 0.1 15 +0.086 mm s z5251 k1 22 5.6 29 600 0.1 17 +0.087 mm s z5252 k2 24 5.2 33 600 0.1 18 +0.088 mm s z5254 k4 27 4.6 41 600 0.1 21 +0.090 mm s z5255 k5 28 4.5 44 600 0.1 21 +0.091 mm s z5256 m1 30 4.2 49 600 0.1 23 +0.091 mm s z5257 m2 33 3.8 58 700 0.1 25 +0.092 mm s z5258 m3 36 3.4 70 700 0.1 27 +0.093 mm s z5259 m4 39 3.2 80 800 0.1 30 +0.094 MMSz5233 e3 6.0 20 7.0 1600 5.0 3.5 +0.040 g1/ g2/ g3/ g4/ g5/ mm s z524 4 h 4 1 4 9. 0 1 5 600 0. 1 10 . 5 +0.0 81 2of 2


▲Up To Search▲   

 
Price & Availability of MMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X