Part Number Hot Search : 
GP206 1SM5916B PR500 EN3582 270751B OMH3150S UF5004 NCV427
Product Description
Full Text Search
 

To Download MBRF10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbrf1090ct & MBRF10100CT www.kersemi.com 1 features ? guardring for overvoltage protection ? lower power losses, high efficiency ? low forward voltage drop ? high forward surge capability ? high frequency operation ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high frequency re ctifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. mechanical data case: ito-220ab epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 5.0 a x 2 v rrm 90 v, 100 v i fsm 120 a v f 0.75 v t j max. 150 c ito-220ab pin 2 pin 1 pin 3 1 2 3 note: (1) pulse test: 300 s pulse width, 1 % duty cycle maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbrf1090ct MBRF10100CT unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t c = 105 c total device per diode i f(av) 10 5.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 120 a peak repetitive reverse current per diode at t p = 2 s, 1 khz i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 65 to + 150 c isolation voltage from terminal to heatsink with t = 1 min v ac 1500 v electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol mbrf1090ct MBRF10100CT unit maximum instantaneous forward voltage per diode (1) i f = 5.0 a i f = 5.0 a t c = 125 c t c = 25 c v f 0.75 0.85 v maximum reverse current per diode at working peak reverse voltage (1) t j = 25 c t j = 100 c i r 100 6.0 a ma
mbrf1090ct & MBRF10100CT www.keremi.com 2 ratings and characteristics curves (t a = 25 c unless otherwise noted) thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbrf1090ct MBRF10100CT unit typical thermal resistance per diode r jc 6.8 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode ito-220ab MBRF10100CT-e3/45 1.99 45 50/tube tube figure 1. forward current derating curve figure 2. maximum non-repetitive peak forward surge current per diode 0 2 4 6 10 0 50 100 150 8 resisti v e or ind u cti v e load a v erage for w ard c u rrent (a) case temperat u re (c) 0 20 60 40 100 8 0 120 1 100 10 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) figure 3. typical instantaneous forward characteristics per diode figure 4. typical reverse c haracteristics per diode 0 0.2 1.0 1.2 1.4 1.6 0.4 100 10 0.1 0.01 1 0.6 0. 8 t j = 100 c t j = 150 c t j = 175 c t j = 25 c instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0.01 0.001 0.1 1 10 100 0.0001 20 0 100 40 60 8 0 t j = 150 c t j = 125 c t j = 25 c t j = 100 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma)
mbrf1090ct & MBRF10100CT www.kersemi.com 3 package outline dimensions in inches (millimeters) figure 5. typical transient thermal impedance per diode 0.01 10 1 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) figure 6. typical juncti on capacitance per diode 10 1 100 10 100 1000 0.1 1 re v erse v oltage ( v ) j u nction capaci tance (pf) ito-220ab 0.076 (1.93) ref. 45 ref. pi n 3 2 1 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.025 (0.64) 0.015 (0.3 8 ) 0.105 (2.67) 0.095 (2.41) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 7 ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 )


▲Up To Search▲   

 
Price & Availability of MBRF10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X