Part Number Hot Search : 
MTEZ320A 02550 SGM8042 03N60C3 CLAMP 000KHB 3PMT58C AD2026
Product Description
Full Text Search
 

To Download MBRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical data case: jedec to-220ac, ito-220ac & to-263ab molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08oz., 2.24g new product features ?plastic package has underwriters laboratory flammability classifications 94v-0 ?metal silicon junction, majority carrier conduction ?low power loss, high efficiency ?guardring for overvoltage protection ?for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ?high temperature soldering guaranteed: 250?/10 seconds, 0.25" (6.35mm) from case 4/26/01 0.08 (2.032) 0.24 (6.096) 0.42 (10.66) 0.63 (17.02) 0.12 (3.05) 0.33 (8.38) mounting pad layout to-263ab 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k 0.027 (0.686) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) k 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.140 (3.56) 0.090 (2.29) 0.110 (2.79) 0.047 (1.19) 0.055 (1.40) pin 1 pin 2 k - heatsink 0-0.01 (0-0.254) 0.060 (1.52) 0.405 (10.27) 0.383 (9.72) 0.191 (4.85) 0.171 (4.35) 0.600 (15.5) 0.580 (14.5) 0.560 (14.22) 0.530 (13.46) 0.037 (0.94) 0.027 (0.69) 0.140 (3.56) 0.130 (3.30) 0.350 (8.89) 0.330 (8.38) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.131 (3.39) 0.122 (3.08) 0.110 (2.80) 0.100 (2.54) 0.022 (0.55) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 12 pin dia. dia. pin 1 pin 2 0.676 (17.2) 0.646 (16.4) ito-220ac (mbrf1090, MBRF10100) to-220ac (mbr1090, mbr10100) dimensions in inches and (millimeters) to-263ab (mbrb1090, mbrb10100) 0.154 (3.91) 0.148 (3.74) dia. 0.113 (2.87) 0.103 (2.62) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.160 (4.06) 0.140 (3.56) 0.037 (0.94) 0.027 (0.68) 0.205 (5.20) 0.195 (4.95) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 12 1.148 (29.16) 1.118 (28.40) 0.105 (2.67) 0.095 (2.41) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.603 (15.32) 0.573 (14.55) pin 0.415 (10.54) max. pin 1 pin 2 case 0.370 (9.40) 0.360 (9.14) mbr10100, MBRF10100 & mbrb10100 series high voltage schottky rectifiers reverse voltage 90 to 100v forward current 10a
maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr1090 mbr10100 unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current 10 a at t c = 133 c i f(av) peak forward surge current 8.3ms single half sine-wave superimposed i fsm 150 a on rated load (jedec method) peak repetitive reverse current per leg at t p = 2 s, 1kh z i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10,000 v/ s operating junction and storage temperature range t j , t stg 65 to +150 c rms isolation voltage (mbrf type only) from terminals to 4500 (1) heatsink with t = 1 second, rh 30% v isol 3500 (2) v 1500 (3) electrical characteristics (t c = 25 c unless otherwise noted) parameter symbol value unit maximum instantaneous i f = 10a, t c = 25 c 0.80 forward voltage per leg at: (4) i f = 10a, t c = 125 c 0.65 i f = 20a, t c = 25 c v f 0.95 v i f = 20a, t c = 125 c 0.75 maximum reverse current t j = 25 c 100 a at working peak reverse voltage (4) t j = 100 c i r 6.0 ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance r ja 60 60 c/w r jc 2 3.5 2 notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110 offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19 ) (4) pulse test: 300 s pulse width, 1% duty cycle mbr10100, MBRF10100 & mbrb10100 series high voltage schottky rectifiers ordering information product case package code package option mbr1090, mbr10100 to-220ac 45 anti-static tube, 50/tube, 2k/carton mbrf1090, MBRF10100 ito-220ac 45 anti-static tube, 50/tube, 2k/carton 31 13 reel, 800/reel, 4.8k/carton mbrb1090, mbrb10100 to-263ab 45 anti-static tube, 50/tube, 2k/carton 81 anti-static 13 reel, 800/reel, 4.8k/carton
0 0.2 0.1 0.5 1.0 0.4 0.3 5.0 50 20 10 0.5 1.0 3.0 0 2 4 6 10 0 50 100 150 8 0.6 0.7 0.8 0.5 0.9 1.0 10 0.01 0.1 0.01 110 100 10 100 0.1 0.1 1 40 60 100 80 140 120 160 110 100 0 20 100 40 60 80 ratings and characteristic curves (t a = 25 c unless otherwise noted) mbr10100, MBRF10100 & mbrb10100 series high voltage schottky rectifiers


▲Up To Search▲   

 
Price & Availability of MBRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X