Part Number Hot Search : 
RPMG0524 TYN05G B2024 F547R 200CT 2SD1133 LUWCN7N CA311H
Product Description
Full Text Search
 

To Download MBR20100AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c457e3 issued date : 2008.10.23 revised date :2010.05.21 page no. : 1/5 MBR20100AE3 cystek product specification 20amp. schottky barrier rectifiers i f(av) 2 10a MBR20100AE3 v rrm 100v tj 175 c v f 0.67v features ? low v f and low i r type ? metal silicon junction, major carrier conduction ? high current capability ? guardring for over voltage protection ? low power loss, high efficiency ? high surge capability ? high temperature soldering guaranteed : 260 /10s, 0.25?(6.35mm) from case ? for use in low voltage, high frequency inverters, free wheeling, and polarit y protection application ? rohs compliant package mechanical data ? case: jedec to-220ab molded plastic ? mounting position: any ? weight: 0.08 ounce, 2.24 grams ? terminals: pure tin plated, lead-fre e, solderable per mil-std-750 method 2026 ? epoxy: ul 94v-0 rate flame retardant ? mounting torque : 5 in-lbs max equivalent circuit outline MBR20100AE3 to-220ab a k a
cystech electronics corp. spec. no. : c457e3 issued date : 2008.10.23 revised date :2010.05.21 page no. : 2/5 MBR20100AE3 cystek product specification maximum ratings and electrical ch aracteristics (per diode leg) ( rating at 25 c ambient temperature unless otherwise sp ecified. single phase, half wave, 60hz, resistive or inductive loa d. for capacitive load, derate current by 20%.) parameter symbol min. typ. max. units maximum recurrent peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v dc 100 v i f =10a, t c =25 0.85 i f =10a, t c =125 0.67 0.75 i f =20 a, t c =25 0.95 maximum instantaneous forward voltage at (note 1) i f =20a, t c =125 v f 0.85 v per diode 10 maximum average forward rectified current @ t c =145 per device i f(av) 20 a peak repetitive forward current (rated v r , square wave, 20khz) @t c =135 i frm 20 a peak forward surge curr ent @8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 150 a peak repetitive reverse surge current (note 1 ), t j <175 i rrm 3.0 a v r =100 v, t c =25 5.0 a maximum instantaneous reverse current at v r =100 v, t c =125 i r 1.0 ma voltage rate of change, (rated v r ) dv/dt 10,000 v/ s typical junction capacitance @ f=1mhz and applied 4v reverse voltage c j 260 pf esd susceptibility (note 2) 8000 v storage temperature range t stg -55 +175 operating junction temperature range t j -65 +175 notes : 1. 2.0 s pulse width, f=1.0khz 2. human body model, 1.5k in series with 100pf thermal data parameter symbol value unit maximum thermal resistance, junction-to-case r th,j-c 2 c/w maximum thermal resistance, junction-to-ambient r th,j-a 60 c/w ordering information device package shipping marking MBR20100AE3 to-220ab (rohs compliant package) 50 pcs / tube, 40 tubes/box 20100a
cystech electronics corp. spec. no. : c457e3 issued date : 2008.10.23 revised date :2010.05.21 page no. : 3/5 MBR20100AE3 cystek product specification characteristic curves forward current derating curve 0 5 10 15 20 25 0 25 50 75 100 125 150 175 case temperature---t c () average forward current---io(a) resistive or inductive load maximum non-repetitive forward surge current 0 50 100 150 200 1 10 100 number of cycles at 60hz peak forward surge current---i fsm (a) tj=150, 8.3ms single half sine wave, jedec method, per leg forward current vs forward voltage 1 10 100 1000 10000 100000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward voltage---v f (v) instantaneous forward current---i f (ma) pulse width=300s, 1% duty cycle tj=25 tj=150 per leg junction capacitance vs reverse voltage 100 1000 0.1 1 10 reverse voltage---v r (v) junction capacitance---c j (pf) tj=25, f=1.0mhz per leg reverse leakage current vs reverse voltage 0.01 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage---(%) reverse leakage current---i r (a) tj=75 tj=25 tj=125 per leg
cystech electronics corp. spec. no. : c457e3 issued date : 2008.10.23 revised date :2010.05.21 page no. : 4/5 MBR20100AE3 cystek product specification to-220ab dimension (c forming) style: pin 1.anode 2.cathode 3.anode 3-lead to-220ab plastic package cystek package code: e3 marking: date code device name *: typical ? inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.176 0.184 4.470 4.670 e1 0.475 0.491 12.060 12.460 a1 0.099 0.111 2.520 2.820 e *0.100 *2.540 b 0.028 0.036 0.710 0.910 e1 0.196 0.204 4.980 5.180 b1 0.046 0.054 1.170 1.370 f 0.102 0.114 2.590 2.890 c 0.012 0.021 0.310 0.530 l 0.528 0.543 13.400 13.800 c1 0.046 0.054 1.170 1.370 l1 0.140 0.156 3.560 3.960 d 0.394 0.406 10.010 10.310 0.147 0.155 3.735 3.935 e 0.335 0.350 8.500 8.900 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: kfc ; tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0
cystech electronics corp. spec. no. : c457e3 issued date : 2008.10.23 revised date :2010.05.21 page no. : 5/5 MBR20100AE3 cystek product specification to-220ab dimension (m forming) style: pin 1.anode 2.cathode 3.anode 3-lead to-220ab plastic package cystek package code: e3 marking: device name cys 20100a date code *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.170 0.180 4.320 4.570 e1 0.478 0.508 12.140 12.900 a1 0.100 0.110 2.540 2.790 e *0.100 *2.540 b 0.028 0.036 0.710 0.910 e1 0.200 bsc 5.080 bsc b1 0.045 0.055 1.150 1.390 f 0.102 0.112 2.600 2.840 c 0.014 0.021 0.360 0.530 l 0.530 0.550 13.470 13.970 c1 0.048 0.054 1.220 1.370 l1 0.130 0.150 3.310 3.810 d 0.395 0.410 10.040 10.410 0.149 0.153 3.790 3.880 e 0.335 0.375 8.509 9.520 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: kfc ; tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MBR20100AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X