Part Number Hot Search : 
RLZ14STR DS1137 Z5238B P5NC50FP 7C135 KAMN40 LM334AZT OMR183NC
Product Description
Full Text Search
 

To Download MBR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr1040~mbr10200 features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound.  metal silicon junction, majority carrier conduction  low power loss, high efficiency.  high current capability  guardring for overvlotage protection  for use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.  in compliance with eu rohs 2002/95/ec directives 10 amperes schottky barrier rectifiers voltage current 40 to 200 volts mechanical data  case: to-220ac molded plastic  terminals: solder plated, solderable per mil-std-750, method 2026  polarity: as marked.  mounting position: any  weight: 0.055 ounces, 1.5615 grams. r e t e m a r a pl o b m y s 0 4 0 1 r b m5 4 0 1 r b m0 5 0 1 r b m0 6 0 1 r b m0 8 0 1 r b m0 9 0 1 r b m0 0 1 0 1 r b m0 5 1 0 1 r b m0 0 2 0 1 r b m s t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv m r r 0 45 40 50 60 80 90 0 10 5 10 0 2v e g a t l o v s m r m u m i x a mv s m r 8 25 . 1 35 32 46 53 60 75 0 10 4 1v e g a t l o v g n i k c o l b c d m u m i x a mv dc 0 45 40 50 60 80 90 0 10 5 10 0 2v e e s ( t n e r r u c d r a w r o f e g a r e v a m u m i x a m ) 1 . g i f i f(av) 0 1a e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p d e t a r n o d e s o p m i r e p u s e v a w - e n i s f l a h ) d o h t e m c e d e j ( d a o l i fsm 0 5 1a g e l r e p , a 0 1 t a e g a t l o v d r a w r o f m u m i x a mv f 7 . 05 7 . 08 . 09 . 0v t t n e r r u c e s r e v e r c d m u m i x a m j 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r t a j 5 2 1 = o c i r 5 0 . 0 0 2 a m e c n a t s i s e r l a m r e h t l a c i p y tr c j 0 . 3 o / c w n o i t c n u j e g a r o t s d n a g n i t a r e p o e g n a r e r u t a r e p m e t t j t , stg 0 5 1 + o t 5 5 - 5 7 1 + o t 5 6 - o c .058(1.47) .042(1.07) maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% xinghe electronics e?o?? 1 gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017
2 fig.2- typical instantaneous forward fig.4- typical instantaneous forward characteristics peak forward surge current , no. of cycle at 60hz 200 175 150 125 100 75 50 25 0 1 2 5 10 20 50 100 8.3ms single half since-wave jedec method characteristic 0.1 1.0 100 10 0.4 0.6 0.8 1.0 t=25c a o 80-100v 150-200v forward current, amperes forward voltage, volts 50-60v 1.2 40-45v fig.3- typical reverse characteristics instantaneous reverse current ,ma percent of instantaneous reverse voltage,(%) 120 140 10 1.0 0.1 .01 .001 020406080100 t =100 c j o t= j 75 c o t= j 25 c o r ating and characteristic curves fig.1- forward current derating curve case temperature, c o 20.0 16.0 8.0 0 4.0 12.0 0 20 40 60 80 100 120 140 160 180 average forward rectified current amperes =40v = 45-200v resistive or inductive load mbr1040~mbr10200 10 amperes schottky barrier rectifiers voltage current 40 to 200 volts xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of MBR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X