Part Number Hot Search : 
01118 SAF7118 31015 KBU1008G MC14013B ADG409 SC451ITS ADRF6703
Product Description
Full Text Search
 

To Download LLSD103A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30068 rev. 2 - 2 1 of 2 LLSD103A - 103c www.diodes.com  diodes incorporated LLSD103A - 103c surface mount schottky barrier diode features  low forward voltage drop  guard ring construction for transient protection  fast reverse recovery time  low reverse capacitance  case: minimelf, glass  terminals: solderable per mil-std-202, method 208  marking: cathode band only  polarity: cathode band  weight: 0.05 grams (approx.) mechanical data minimelf dim min max a 3.30 3.70 b 1.30 1.60 c 0.28 0.50 all dimensions in mm a c b maximum ratings @ t a = 25  c unless otherwise specified note: 1. part mounted on fr-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol LLSD103A llsd103b llsd103c unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 30 20 v rms reverse voltage v r(rms) 28 21 14 v forward continuous current (note 1) i fm 350 ma repetitive peak forward current @ t  1.0s i frm 1.0 a non-repetitive peak forward surge current @ t  1.0s @ t = 10ms i fsm 1.5 7.5 a power dissipation (note 1) p d 400 mw thermal resistance, junction to ambient air (note 1) r  ja 250  c/w operating temperature range t j -55 to +125  c storage temperature range t stg -55 to +150  c characteristic symbol min typ max unit test condition forward voltage drop (note 2) v f  0.37 0.60 v i f = 20ma i f = 200ma peak reverse current (note 2) LLSD103A llsd103b llsd103c i r  5.0  a v r = 30v v r = 20v v r = 10v total capacitance c t  50  pf v r = 0v, f = 1.0mhz reverse recovery time t rr  10 ns i f = i r = 50ma to 200ma, i rr = 0.1 x i r ,r l = 100 
ds30068 rev. 2 - 2 2 of 2 LLSD103A - 103c www.diodes.com 1.0 10 100 1000 0.10 0.01 00.51.0 i,f o rward current (ma) f v , forward voltage (v) f fig. 1 typical forward characteristics 0 1 2 3 4 5 00.51.01.5 i , forward current (a) f v , forward voltage (v) f fi g .2 t y pical hi g h current fwd characteristics 0 10 20 30 40 5 0 0100200 v , reverse voltage (v) r t , ambient temperature ( c) a fi g . 3 blockin g volta g e deratin g curves 100ma 200ma i = 400ma f notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping LLSD103A-7 LLSD103A-13 llsd103b-7 llsd103b-13 llsd103c-7 llsd103c-13 minimelf 3000/tape & reel 10000/tape & reel 3000/tape & reel 10000/tape & reel 3000/tape & reel 10000/tape & reel ordering information (note 3)


▲Up To Search▲   

 
Price & Availability of LLSD103A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X