Part Number Hot Search : 
5962R MC140 D1789 UDZS13B 8ZETE1 MC140 C104F PCP1104
Product Description
Full Text Search
 

To Download LKG1AF-12V-16-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lk-g ordering information types standard packing: carton: 100 pcs.; case: 500 pcs. rating 1. coil data 1mm contact gap. 1a 10a/16a power relays tv-5 rated lk-g relays contact arrangement nominal coil voltage part no. 10a, 1 mm contact gap type 16a, 1 mm contact gap type 16 a standard type 1 form a 5v dc lkg1af-5v-10-1 lkg1af-5v-16-1 lkg1af-5v-16 9v dc lkg1af-9v-10-1 lkg1af-9v-16-1 lkg1af-9v-16 12v dc lkg1af-12v-10-1 LKG1AF-12V-16-1 lkg1af-12v-16 24v dc lkg1af-24v-10-1 lkg1af-24v-16-1 lkg1af-24v-16 nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 20 c 68 f ) 5v dc 75%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 106.4ma 47 ? 530mw 130%v of nominal voltage 9v dc 58.8ma 153 ? 12v dc 44.2ma 272 ? 24v dc 22.1ma 1,087 ? compliance with rohs directive features 1. contact gap: 1 mm .039 inch 2. wide lineup of 3 types available 1) 10a, 1 mm contact gap type 2) 16a, 1 mm contact gap type 3) 16 a standard type 3. high inrush current capability (tv-5 approved) 4. high insulation resistance 1) creepage distance and clearances between contact and coil: min. 6 mm .236 inch (in compliance with iec60065) 2) surge withstand voltage between contact and coil: 10,000 v typical applications 1. audio visual equipment 2. ha equipment 3. home appliances 4. of?e equipment lk-g relay lkg 1a f protective construction f: flux-resistant type contact capacity 10: 10a 16: 16a contact gap nil: standard 1: 1 mm contact arrangement 1a: 1 form a nominal coil voltage (dc) 5v, 9v, 12v, 24v all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
lk-g 2. speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.2 50 s according to jec-212-1981 *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. reference data characteristics item speci?ations 10a, 1 mm contact gap type 16a, 1 mm contact gap type 16 a standard type contact arrangement 1 form a contact resistance (initial) max. 100 m ? (by voltage drop 6 v dc 1a) contact material agsno 2 type rating nominal switching capacity (resistive load) 10a 277v ac 16a 277v ac max. switching power (resistive load) 2,770va 4,432va max. switching voltage 277v ac 277v ac max. switching current 10a (ac) 16a (ac) min. switching capacity* 1 100ma 5v dc electrical characteristics contact gap min. 1 mm .039 inch insulation resistance (initial) min. 1,000m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1 min. (detection current: 10 ma) between contact and coil 4,000 vrms for 1 min. (detection current: 10 ma) temperature rise (coil) max. 45 c 113 f (by resistive method, nominal voltage applied to the coil; contact carrying current: 10a, at 70 c 158 f ) max. 45 c 113 f (by resistive method, nominal voltage applied to the coil; contact carrying current: 16a, at 70 c 158 f ) surge breakdown voltage* 2 (between contact and coil) (initial) 10,000 v operate time (at nominal voltage) (at 20 c 68 f ) (initial) max. 15 ms (excluding contact bounce time.) release time (at nominal voltage) (at 20 c 68 f ) (initial) max. 20 ms (excluding contact bounce time.) (with diode) mechanical characteristics shock resistance functional 200 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive 1,000 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1.5 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 1.5 mm expected life mechanical min. 2 10 6 (at 180 times/min.) electrical min. 10 5 (at 6 times/min.) (with diode) min. 5 10 4 (at 6 times/min.) (with diode) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +70 c ?0 f to +158 f ; humidity: 5 to 85% r.h. (not freezing and condensing at low temperature); air pressure: 86 to 106 kpa max. operating speed 6 times/min. (at rated load) unit weight approx. 12 g .42 oz 1. max. switching power (ac resistive load) 2. ambient temperature characteristics and coil applied voltage 100 10 1 010 100 16a type 10a type contact voltage, v contact current, a 0 220 180 140 100 60 0102 0304050607080 carrying current: 10a carrying current: 16a coil & contact no carrying current ambient temperature, c coil applied voltage, %v pick-up voltage allowable ambient temperatures against % coil voltages (max. inside the coil temperature set as 115 c 239 f all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
lk-g dimensions (mm inch ) safety standards for cautions f or us e . item ul/c-ul (recognized) t?v (certi?d) file no. contact rating file no. rating 10a type e43149 tv-5, 10a 277v ac b 09 05 13461 262 10a 250v ac (cos =1.0), 10a 30v dc (0ms) 16a type e43149 tv-5, 16a 125v ac b 09 05 13461 262 16a 250v ac (cos =1.0), 16a 30v dc (0ms) 3-(1). electrical life test (10a type) sample: lkg1af-12v-10-1, 6 pcs. operation frequency: 6 times/min. (on/off = 1s: 9s) ambient temperature: 20 c 68 f circuit: change of pick-up and drop-out voltage change of contact resistance 277v ac 12v dc contact welding detection and mis- contacting detection circuit 0 0 2 4 6 8 10 12 510 drop-out voltage pick-up voltage no. of operations, 10 4 pick-up and drop-out voltage, v max. min. x max. min. x 0 0 5 10 15 20 25 30 35 40 45 50 105 no. of operations, 10 4 max. min. x contact resistance, m ? 3-(2). electrical life test (16a type) sample: LKG1AF-12V-16-1, 6 pcs. operation frequency: 6 times/min. (on/off = 1s: 9s) ambient temperature: 20 c 68 f circuit: change of pick-up and drop-out voltage change of contact resistance 277v ac 12v dc contact welding detection and mis- contacting detection circuit 0 0 2 4 6 8 10 12 5 drop-out voltage pick-up voltage no. of operations, 10 4 pick-up and drop-out voltage, v max. min. x max. min. x 0 0 5 10 15 20 25 30 35 40 45 50 5 no. of operations, 10 4 max. min. x contact resistance, m ? the cad data of the products with a cad data mark can be downloaded from: http://panasonic-electric-works.net/ac external dimensions 0.5 dia. .020 dia. 0.3 .012 1.65 .065 max. 24 max. .945 0.4 .016 16.5 .650 20 .787 max. 11 max. .433 7.5 .295 1.0 .039 4 .157 0.5 .020 max. 25 max. .984 pc board pattern (bottom view) tolerance: 0.1 .004 schematic (bottom view) 16.5 .650 20 .787 2-.035 dia. 2-0.9 dia. 2-.051 dia. 2-1.3 dia. 7.5 .295 cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 3mm .118 inch : min. 3mm .118 inch : gener al toler ance 0.1 .004 0.2 .008 0.3 .012 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.


▲Up To Search▲   

 
Price & Availability of LKG1AF-12V-16-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X