Part Number Hot Search : 
1N5359 A0315 MTD6N10 BTB12 ZC934A TLOE1 1N4448 2D1K12
Product Description
Full Text Search
 

To Download LCA0207001002JD500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lca.... www.vishay.com vishay draloric revision: 05-jun-13 1 document number: 20135 for technical questions, contact: filmresistorsleaded@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard carbon film leaded resistors features ? securely bonded carbon film ? good moisture resistance ( ? r max. ? 1.5 % r ) ? good long term stability ( ? r max. ? 1.5 % r , for 1000 h) ? low noise (refer to graph) ? suitable for general purpose commercial electronics and pulse load applications ? lead (pb)-free solder contacts ? pure tin plating provides compat ibility with lead (pb)-free and lead containing soldering processes ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes ? coating: light blue. ? marking: color coded. a dditional blue color mark ing after second band. note (1) rated voltage . standard electrical specifications model size power rating p 70 w limiting element voltage u max. v ? tolerance % resistance range ? e-series lca0207 0207 0.35 300 21 to 1m e24 5 0.22 to 5.1m lca0414 0414 0.6 500 21 to 1m e24 5 0.22 to 10m technical specifications parameter unit lca0207 lca0414 rated dissipation, p 70 w 0.35 0.6 limiting element voltage, u max. (1) v ?? 300 ? 500 limiting voltage, short-time v ? 500 1000 insulation voltage, u ins (1 min) v > 700 > 700 thermal resistance k/w ? 220 ? 140 insulation resistance ?? 10 11 category temperature range c - 55 to + 155 failure rate 10 -9 /h < 10 weight g 0.21 0.68 p x r
lca.... www.vishay.com vishay draloric revision: 05-jun-13 2 document number: 20135 for technical questions, contact: filmresistorsleaded@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? the part number shown above is to facilitate the unified part numb ering system for or dering products. (1) please refer to table packaging. notes ? taping in according with iec 60286-1. ? d and l measured in according with iec 60294. ? d according to iec 60301. part number and product description part number: lca0207002401j2500 model/size variant tcr value tolerance packaging (1) special lca0207 lca0414 0 = neutral 0 = neutral see diagram 3 digit value 1 digit multiplier multiplier 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 6 = *10 6 g = 2 % j = 5 % 25 = a5 22 = a2 (g53) 21 = a1 d5 = r5 d2 = r2 up to 2 digits 00 = standard product description: lca0207 2k4 5 % a5 lca0207 2k4 5 % a5 model resistance value tolerance packaging (1) lca0207 lca0414 220k = 220 k ? 10r = 10 ? 2 % 5 % a5, r5 a1, r2 a2 packaging model reel box pieces/reel code min. order qty packaging units pieces/box code min. order qty packaging units lca0207 5000 r5 1 5000 a5 1 2000 a2 lca0414 2000 r2 1 1000 a1 1 dimensions in millimeters model d max. l l 1 bde lca0207 2.4 - 0.3 6.1 - 0.5 8.1 53 1 0.6 7.5 lca0414 4.2 - 0.5 12.2 - 0.7 14.2 53 1 0.8 15.0 l 1 l d d b e 6 mm 0 c a 0 2 0 7 0 0 l 4 0 1 j 2 5 0 2
lca.... www.vishay.com vishay draloric revision: 05-jun-13 3 document number: 20135 for technical questions, contact: filmresistorsleaded@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 120 100 80 60 40 20 0 % rated power 70 ambient temp. in c derating - 55 175 150 125 100 75 50 25 0 - 25 200 0 power in w temperature rise in c temperature rise 0207 0414 0.1 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.9 1.0 90 100 80 70 60 50 40 30 20 10 0 non-linearity a 3 in db 100 resistance value [ ] non-linearity 120 110 100 90 80 70 60 0414 0207 1k 10k 100k 1m 10m i o n t n e r r u current noise (v/v) current noise 0207 0414 1k 1m 100k 10k 10m 0.02 0.05 0.03 0.2 0.1 0.3 0.5 1 2 3 5 0.01 resistance value [ ] 10 100 1k 10k 100k 1m 10m temperature coefficient [10 -6 /c] temperature coefficient (mean value) between - 25 c to + 125 c deviation 25 % 0207 0414 0 - 200 - 400 - 600 - 800 - 1000 - 1200 endurance at upper category temperature, 155 c 1000 h resistance value [ ] 100 1k 10k 100k 1m 10m 3 2 1 0 - 1 - 2 resistance change / [%] rr
lca.... www.vishay.com vishay draloric revision: 05-jun-13 4 document number: 20135 for technical questions, contact: filmresistorsleaded@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 stability nomogram, typical values (for handling see general information) ? = f [ ? s] parameter: ? u / [t = 1000 h] = f [ ? s] parameter: resistance value load [w] 140 120 100 80 60 40 20 0 0.1 0.5 1 5 10 film temperature ? s [c] 0.1 0.5 1 5 10 resistance change / [%] parameter: time ? = f [ ] parameter: size t = 100 000 h 10 000 h 2000 h 1m 100k 100r-1k 10k 40 c 60 c 100 c 120 c 80 c 140 c ? u = 20 c temp erature rise ? [c] 20 40 60 80 100 120 140 160 180 0 20 40 80 100 120 140 60 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0414 5000 h 1000 h rr / (t) = f [ / (t = 1000 h)] rr rr rr p p resistance change / [%] after 1000 h rr 100 30 10 3 1 0.3 0.1 20 40 60 80 100 120 140 160 180 film temperature ? s [c] 0207 2000 1000 0 secondary conditions: a) ? b) ? u 70 c c) 10 d) max. see diagram below r ? maximum pulse voltage pulse voltage max. [v] impedance frequency in mhz hf characteristics lca0207 10k 1k 100 10 10k 1k 10 100 0414 0207 square pulse i (s) p power rating [w] 0207 0414 0207 0414 pulse rating 0 1000 100 10 1 0.1 1000 100 10 1 0.1 10 -5 10 -4 10 10 0 10 -3 10 -2 10 -1 10 -5 10 -4 10 -3 10 -1 10 -2 10 0 10 10 -4 10 -5 10 -3 10 -2 10 -1 10 0 10 t square pulse i (s) t square pulse i (s) t p pulse rating 70 p p power rating [w] p secondary conditions: a) max. see diagram below b) ? u 70 c p secondary conditions: a) 70 (permissible constant power at ? u = 70 c) b) ? u 70 c c) 10 d) max. see diagram below r ? p p p 1000 100 10 1
lca.... www.vishay.com vishay draloric revision: 05-jun-13 5 document number: 20135 for technical questions, contact: filmresistorsleaded@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) for ohmic values between 10 ? and 1 m ? . performance characteristics test conditions of test requirements ( ? r / r ) (1) endurance test at 70 c ? iec 60115-1, 4.25.1 1000 h at 70 c, 1.5 h on, 0.5 h off 8000 h at 70 c, 1.5. h on, 0.5 h off ? 1.5 % ? 4.0 % endurance at uct ? iec 60115-1, 4.25.3 1000 h at 155 c without load 8000 h at 155 c without load ? 3.0 % ? 8.0 % overload test ? iec 60115-1, 4.13 2.5 x rated power or twice th e limiting element voltage, 2 s for size 0207; 5 s for size 0414 ? 0.5 % thermal shock ? iec 60115-1, 4.19 rapid change between upper an d lower category temperature ? 0.25 % climatic sequence ? iec 60115-1, 4.23 dry heat, damp heat cyclic, cold, low air pressure ? 1.5 % damp heat steady state ? iec 60115, 4.24 56 days; 40 c; 90 % to 95 % rh; loaded with 0.01 p 70 ? 1.5 % resistance to soldering heat ? iec 60115-1, 4.18 10 s at 260 c solder bath temperature ? 0.25 % robustness of terminations ? iec 60115-1, 4.16 tensile, bending and torsion ? 0.25 % vibration ? iec 60115-1, 4.22 frequency 10 hz to 500 hz; displacement 1.5 mm or acceleration 10 g ; three directions; 6 h ? 0.25 % applicable specifications ? cecc 40101-806 ? ? en 140100; en 60115-1
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of LCA0207001002JD500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X