Part Number Hot Search : 
IN4763A ENA1061A BLF346 SS4N60AS TIP34B E2180 636N5C UCN5822
Product Description
Full Text Search
 

To Download LC0504NP10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors array for esd protection low capacitance revision march 06, 2014 1 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. lc3304np10 & LC0504NP10 socay electronics co., ltd. www.socay.com dfn2626p10 the lc3304np10 & LC0504NP10 is designed to protect voltage sensitive components from esd and transient voltage events. excellent clamping capability, low leakage, and fast response time, make these parts ideal for esd protection on designs where board space is at a premium. u 450 watts peak pulse power per line (tp=8/20 s) u protects four i/o lines u low clamping voltage u rohs compliant u iec61000-4-2 (esd) 15kv (air), 8kv (contact) u iec61000-4-4 (eft) 40a (5/50ns) u iec61000-4-5 (lightning) 25a (8/20 s) u 10/100/1000 ethernet u wan/lan equipment u test & measurement equipment u switching systems u instrumentation u audio/video inputs u dfn2626p10 package u molding compound flammability rating : ul 94v-0 u weight 12.0 milligrams (approximate) u quantity per reel : 3,000pcs u reel size : 7 inch u lead finish : lead free symbol parameter value units p pp peak pulse power (tp=8/20 s waveform) 450 w t l lead soldering temperature 260 (10sec) o c t stg storage temperature range -55 to +150 o c t op operating temperature range -55 to +150 o c iec61000-4-2 (esd) air discharge 15 kv contact discharge 8 iec61000-4-4 (eft) 40 a iec61000-4-5 ( lightning ) 25 a mechanical characteristics d escription feature functional diagram m echanical characteristics applications
transient voltage suppressors array for esd protection low capacitance revision march 06, 2014 2 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. lc3304np10 & LC0504NP10 socay electronics co., ltd. www.socay.com part number device marking v rwm (v) (max.) v b (v) (min.) i t (ma) v c @1a (max.) v c i r ( a) (max.) c (pf) (typ.) (max.) (@a) lc3304np10 lc3n 3.3 4.0 1 5.8 18 25 1 5 LC0504NP10 lc5n 5.0 6.0 1 9.8 20 25 1 5 fig1. 8/20 s pulse waveform fig2. esd pulse waveform (according to iec 61000-4-2) fig3. esd clamping (+8kv contac per iec61000-4-2) fig4. esd clamping (-8kv contac per iec61000-4-2) electrical characteristics ( @ 25 unless otherwise specified ) characteristic curves 0 5 10 15 20 25 30 120 t r 100 80 60 40 20 0 peak value i pp t d =t i pp /2 test waveform parameters t r =8 s t d =20 s t - time ( s ) i pp - peak pulse current - % of i pp 60ns 10% percent o f peak pulse current % 30ns tr = 0.7~1ns time (ns) 90% 100%
transient voltage suppressors array for esd protection low capacitance revision march 06, 2014 3 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. lc3304np10 & LC0504NP10 socay electronics co., ltd. www.socay.com symbol millimeters inches min. max. min. max. a 0.50 0.60 0.020 0.024 a1 -0.004 0.046 0.000 0.002 a3 0.110ref 0.004ref d 2.50 2.70 0.098 0.106 e 2.50 2.70 0.098 0.106 d1 2.00 2.20 0.079 0.087 e1 1.10 1.30 0.043 0.051 b 0.20 0.30 0.008 0.012 e 0.50typ. 0.040typ. l 0.25 0.35 0.010 0.014 l1 0.15 0.25 0.006 0.010 dfn2 626 p10 pa ckage outline & dimensions


▲Up To Search▲   

 
Price & Availability of LC0504NP10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X