Part Number Hot Search : 
2SK334 C6120 C702CB MIC94060 R26HS YAAMUA 2N2222A HER3005
Product Description
Full Text Search
 

To Download KLE00WWX1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date: 11/27/2006 no. 61l70028 cosmo electronics corporation h.p led : KLE00WWX1 sheet 1 of 6 rev. 1 1. features cosmo?s high power led packages can handle up to 350-500ma dc current,. these packages are formed by bonding 1 pcs led chip on a 8mm emitter. the main features of these packages are as follows j very high flux output per led. very long operation life time up to 100k hours attainable, by using a proper heat sink. 120 10 o cool beam in most packages. 2. applications outdoor and indoor architectural lighting reading light (car/bus/aircraft) decorative/entertainment lighting bollards/security/garden lighting traffic signal portable lighting (flashlight/bicycle) edge-lit signs (exit sign/point of sales) lcd backlights light guide 3. operation and storage temperature parameter symbol value unit operation temperature topr (data to be ready, -30~+85) o c storage temperature tstg (data to be ready, -40~+110) o c
product specification date: 11/27/2006 no. 61l70028 cosmo electronics corporation h.p led : KLE00WWX1 sheet 2 of 6 rev. 1 4. dimensions 5. electrical & optical characteristics led at 350ma (1 chip / w) , ta = 25 o c forward voltage (vf) luminous flux (lm) part number cct (k) typ. max min typ. wattage max. (w) view angle ( 2 1 2 ) wwx1 2500~3500 3.6 4 30 40 1.4 120 10 o 3 1 2 1 3 4 unit = mm ; tolerances ? 04
product specification date: 11/27/2006 no. 61l70028 cosmo electronics corporation h.p led : KLE00WWX1 sheet 3 of 6 rev. 1 6. wavelength characteristics relative spectral power intensity of white vs. wavelength (ta=25 o c ) 0 20 40 60 80 100 400 450 500 550 600 650 700 750 wavelength (nm) relative intensity (%) 7. light output characteristics relative light output vs. junction temperature 5p junction temperature vs. relative luminous flux 0.1 1.0 10.0 -40 -20 0 20 40 60 80 100 junction temperature ta[ o c] relative luminous flux [a.u]
product specification date: 11/27/2006 no. 61l70028 cosmo electronics corporation h.p led : KLE00WWX1 sheet 4 of 6 rev. 1 8. spatial radiation pattern forward current vs. relative luminous flux (ta=25 o c ) forward current vs.relative luminous flux 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 200 400 600 800 1000 forward current i f (ma) relative luminous flux [a.u.] forward voltage vs. forward current (1 led/pcb, ta=25 o c ) forward voltage vs. forward current [1 chip] 1 10 100 1000 10000 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 forward voltage v f (v) forward current i f (ma)
product specification date: 11/27/2006 no. 61l70028 cosmo electronics corporation h.p led : KLE00WWX1 sheet 5 of 6 rev. 1 forward voltage vs. ambient temperature (1 led/pcb, i f =350ma) ambient temperature vs. forward voltage 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4 -40 -20 0 20 40 60 80 100 5q5? 5?5? 5?5?55p5?5?5? 5?5?55?5555?5p5?5?5? 5p 5? 5s 5? forward voltage vf (v) 9. spatial radiation pattern warm white
product specification date: 11/27/2006 no. 61l70028 cosmo electronics corporation h.p led : KLE00WWX1 sheet 6 of 6 rev. 1 10. reliability test stress test stress conditions stress duration failure criteria failure rate 1.high temperature operation life 85 o c at 350ma 1,000 hrs 0/12 2.room temperature operation life 25 o c at 350 ma 1,000 hrs 0/12 3. low temperature operation life -40 o c at 350 ma 1,000 hrs 0/12 4. wet high temperature operation life 85 o c / 60% rh at 350 ma 1,000 hrs 0/12 5.powered temperature cycle (1.)-45 o c /18min at 350 ma (2.)transform /42min (3.)85 o c /18min at 350 ma 200 cycles 0/12 6.temperature cycle (1.)-45 o c /30 min  (2.)25 o c /5 min (3.)120 o c /30 min (4.)25 o c /5 min 200 cycles 0/12 7.high temperature storage 110 o c 1,000 hrs 0/12 8. low temperature storage -40 o c 1,000 hrs 0/12 9.high temperature humidity storage 60 o c / 90% rh 1,000 hrs 0/12 10.thermal shock (1.)-40 o c /20min  (2.)transform /20sec (3.)110 o c /20min 200 cycles (1)i v< 50% degradation (2)v f max =110% initial 0/12


▲Up To Search▲   

 
Price & Availability of KLE00WWX1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X