Part Number Hot Search : 
SOD323 PT7C5022 LTC1664I ERJ6G IP122 E058A40 470MC F300R
Product Description
Full Text Search
 

To Download KF5N60P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 11. 4 1/7 semiconductor technical data KF5N60P/f n channel mos field effect transistor revision no : 0 general description this planar stripe mosfet has better characteristics, such as fast switching time,low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for electronic ballast and switching mode power supplies. features h v dss = 600v, i d = 4.5a h drain-source on resistance : r ds(on) =2.0 ? @v gs = 10v h qg(typ) = 12nc maximum rating (ta=25 ? ) * : drain current limited by maximum junction temperature. characteristic symbol rating unit KF5N60P kf5n60f drain-source voltage v dss 600 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 4.5 4.5* a @t c =100 ? 2.7 2.7* pulsed (note1) i dp 13 13* single pulsed avalanche energy (note 2) e as 140 mj repetitive avalanche energy (note 1) e ar 3.5 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns drain power dissipation tc=25 ? p d 83 38 w derate above 25 ? 0.67 0.3 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 1.5 3.3 ? /w thermal resistance, junction-to- ambient r thja 62.5 62.5 ? /w g d s pin connection dim millimeters to-220ab 1.46 a b c d e f g h j k m n o 0.8 0.1 + _ 2.8 0.1 + _ 2.54 0.2 + _ 1.27 0.1 + _ 1.4 0.1 + _ 13.08 0.3 + _ 3.6 0.2 + _ + _ 9.9 0.2 + _ 9.2 0.2 + _ 4.5 0.2 + _ 2.4 0.2 15.95 max 1.3+0.1/-0.05 0.5+0.1/-0.05 3.7 1.5 a f b j g k m l l e i i o c h nn q d q p p 1. gate 2. drain 3. source 12 3 KF5N60P p-d p p pppp k pppp k pppp k pppp k ppppp k pppp k pppp k pppp k pppp k pppp k pppp k pppp k pppp k pppp k p p p gpppp kf5n60f (KF5N60P, kf5n60f)
2010. 11. 4 2/7 KF5N60P/f revision no : 0 electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250 u , v gs =0v 600 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250 u , referenced to 25 ? - 0.61 - v/ ? drain cut-off current i dss v ds =600v, v gs =0v, - - 10 u gate threshold voltage v th v ds =v gs , i d =250 u 2.5 - 4.5 v gate leakage current i gss v gs = ? 30v, v ds =0v - - ? 100 na drain-source on resistance r ds(on) v gs =10v, i d =2.25a - 1.7 2.0 ? dynamic total gate charge q g v ds =480v, i d =4.5a v gs =10v (note4,5) - 11 - nc gate-source charge q gs - 2.8 - gate-drain charge q gd - 4.5 - turn-on delay time t d(on) v dd =300v i d =4.5a r g =25 ? (note4,5) - 15 - ns turn-on rise time t r - 16 - turn-off delay time t d(off) - 30 - turn-off fall time t f - 15 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 520 - pf output capacitance c oss - 60 - reverse transfer capacitance c rss - 5.5 - source-drain diode ratings continuous source current i s v gs 2010. 11. 4 3/7 KF5N60P/f revision no : 0 normalized breakdown voltage bv dss gate - source voltage v gs (v) fig1. i d - v ds drain - source voltage v ds (v) drain current i d (a) 10 0 10 -1 10 1 68 410 2 fig2. i d - v gs fig3. bv dss - t j fig4. r ds(on) - i d -100 -50 0.8 0.9 1.2 1.1 1.0 050 100 150 drain current i d (a) drain current i d (a) on - resistance r ds(on) ( ? ) fig5. i s - v sd 0.2 0.4 0.8 1.0 1.2 0.6 1.4 1.6 1.8 reverse drain current i s (a) 6.0 2.0 0 1.0 3.0 5.0 4.0 08 412 6 210 junction temperature tj ( ) c source - drain voltage v sd (v) 10 0 10 -1 10 1 10 2 fig6. r ds(on) - t j junction temperature t j ( ) 0 50 -100 -50 100 150 normalized on resistance 0.0 0.5 3.0 2.5 1.0 1.5 2.0 c v gs =10v i ds = 2.5a v gs = 0v i ds = 250 25 c 1100 0.1 10 0.1 1 10 100 v gs =10v v gs =7v v gs =10v v gs =6v v ds =30v 25 c t c =100 c t c =100 c v gs =5v
2010. 11. 4 4/7 KF5N60P/f revision no : 0 drain current i d (a) drain - source voltage v ds (v) fig9. safe operation area 10 1 10 2 10 1 10 -1 10 0 10 0 10 2 10 2 10 3 drain current i d (a) drain - source voltage v ds (v) fig10. safe operation area 0 3 1 2 6 5 4 75 150 125 50 100 25 drain current i d (a) (KF5N60P) c junction temperature t j ( ) fig11. i d - t j t c = 25 t j = 150 single pulse c c dc 10ms 1ms 100 s 10 s operation in this area is limited by r ds(on) 10 1 10 2 10 1 10 -1 10 0 10 0 10 2 10 2 10 3 t c = 25 t j = 150 single pulse c c dc 10ms 1ms operation in this area is limited by r ds(on) (kf5n60f) 100 s gate - charge q g (nc) 0 12 10 6 2 4 8 14 16 6 2 10 8 12 4 0 fig8. q g - v gs gate - source voltage v gs (v) i d =4.5a fig 7. c - v ds drain - source voltage v ds (v) capacitance (pf) 1 10 100 1000 0 5 15 25 35 10 20 30 40 c rss c oss c iss v ds = 480v 10 s
2010. 11. 4 5/7 KF5N60P/f revision no : 0 time (sec) fig12. transient thermal response curve transient thermal resistance time (sec) fig13. transient thermal response curve transient thermal resistance (kf5n60f) - duty factor, d= t 1 /t 2 t j(max) - t c - r thjc = p d t 1 t 2 p dm s ingl e pulse duty=0.5 0.02 0.05 0.1 0.2 0. 01 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -5 10 -3 10 -2 10 -1 10 0 10 -2 10 -1 10 -1 10 0 10 -2 10 -1 10 -1 10 0 10 1 10 -4 (KF5N60P) - duty factor, d= t 1 /t 2 t j(max) - t c - r thjc = p d t 1 t 2 p dm singl e pulse duty=0 . 5 0.02 0.05 0.1 0.2 0 .01
2010. 11. 4 6/7 KF5N60P/f revision no : 0 fig14. gate charge i d i d v ds v gs v gs v ds v gs 1.0 ma fast recovery diode 10v 10 v 25 ? r l q g q gd q gs q t p fig16. resistive load switching fig15. single pulsed avalanche energy v ds (t) i d (t) v ds v gs 10 v 25 ? l time e as = li as 2 bv dss - v dd bv dss 1 2 v dd i as bv dss v ds v gs t r t d(off) t off t d(on) t on t f 10% 90% 50v 0.8 v dss 0.5 v dss
2010. 11. 4 7/7 KF5N60P/f revision no : 0 fig17. source - drain diode reverse recovery and dv /dt i f i s v ds v sd i sd (dut) v ds (dut) v gs 10v driver dut body diode recovery dv/dt body diode forword voltage drop body diode forword current body diode reverse current di/dt v dd i rm 0.5 v dss


▲Up To Search▲   

 
Price & Availability of KF5N60P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X