Part Number Hot Search : 
BU606 KSM2614 5248B 78M20 DDZ5V1BS C2120 FW26025 CA758
Product Description
Full Text Search
 

To Download IRG4PC40S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , lj nc. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 (973) 376-8960 insulated gate bipolar transistor IRG4PC40S standard speed igbt features ? standard: optimized for minimum saturation voltage and low operating frequencies ( < 1khz) ? generation 4 igbt design provides tighter parameter distribution and higher efficiency than generation 3 ? industry standard to-247ac package n-channel vces = 600v vce(on)typ. = 1.32v @vge = 15v, ic = 31a benefits ? generation 4 igbt's offer highest efficiency available ? igbt's optimized for specified application conditions ? designed to be a "drop-in" replacement for equivalent industry-standard generation 3 ir igbt's absolute maximum ratings to-247ac vces lc @ tc = 25c ic@tc = iooc icm ilm vge earv pd @ tc = 25c pd@tc = iooc tj tstg parameter collector-to-emitter breakdown voltage continuous collector current continuous collector current pulsed collector current ? clamped inductive load current ? gate-to-emitter voltage reverse voltage avalanche energy ? maximum power dissipation maximum power dissipation operating junction and storage temperature range soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw. max. 600 60 31 120 120 20 15 160 65 -55 to + 150 300 (0.063 in. (1.6mm from case ) 10 ibf-in (1.1n-m) units v a v mj w c thermal resistance rejc recs riua wt parameter junction-to-case case-to-sink, flat, greased surface junction-to-ambient, typical socket mount weight typ. ? 0.24 6 (0.21) max. 0.77 40 units c/w g (oz) nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
IRG4PC40S electrical characteristics @ tj = 25c (unless otherwise specified) v(br)ces v(br)ecs av(br)ces/atj vce(on) vge(th) avge(th/atj 9fe brs bes parameter collector-to-emitter breakdown voltage emitter-to-collector breakdown voltage ? temperature coeff. of breakdown voltage collector-to-emitter saturation voltage gate threshold voltage temperature coeff. of threshold voltage forward transconductance ? zero gate voltage collector current gate-to-emitter leakage current win. 600 18 ? ? ? _ 3.0 12 ? ? ? typ. ? ? 0.75 1.32 1.68 1.32 ? -9.3 21 ? ? ? ? max. ? ? ? 1.5 ? ? 6.0 ? 250 2.0 1000 100 units v v v/c v mv/c s ma na conditions vge = 0v, lc = 250ma vge=ov, ic = 1.0a vge = ov, lc = 1.0ma ic = 31a vge = 15v lc = 60a see fig. 2, 5 lc = 31a,tj = 150c vce=vge, ic = 250ma vce = vge, lc = 250ua vce= 100v, ic = 31a vge = 0v, vce = 600v vge = 0v, vce = 10v, tj = 25c vge = 0v, vce = 600v, tj = 150c vge = 20v switching characteristics @ tj = 25c (unless otherwise specified) qa qge qgc td(on) tr td(off) tf ecn eoff els td(on) tr td(off) tf ets le qes coes cres parameter total gate charge (turn-on) gate - emitter charge (turn-on) gate - collector charge (turn-on) turn-on delay time rise time turn-off delay time fall time turn-on switching loss turn-off switching loss total switching loss turn-on delay time rise time turn-off delay time falltime total switching loss internal emitter inductance input capacitance output capacitance reverse transfer capacitance min. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? typ. 100 14 34 22 18 650 380 0.45 6.5 6.95 23 21 1000 940 12 13 2200 140 26 max. 150 21 51 ? ? 980 570 ? ? 9.9 ? ? ? ? ? ? ? ? ? units nc ns mj ns mj nh pf conditions lc = 31a vcc = 400v see fig. 8 vge = 15v tj = 25c lc = 31 a, vcc = 480v vge = 15v, rg = 10j2 energy losses include "tail" see fig. 10, 11, 13, 14 tj = 150c, lc = 31 a, vcc = 480v vge = 15v, rg = 1012 energy losses include "tail" see fig. 13, 14 measured 5mm from package vge = 0v vcc = 30v see fig. 7 / = 1.0mhz notes: cd repetitive rating; vge = 20v, pulse width limited by max. junction temperature. ( see fig. 13b ) @ vcc = 80%(vces), (see fig. 13a) = 20v, l = 10uh, rg = 10il, ? pulse width < 80us; duty factor < 0.1%. ? pulse width s.ous, single shot. g> repetitive rating; pulse width limited by maximum junction temperature.
IRG4PC40S case outline and dimensions ? to-247ac 5. 90 (.626 3.65 (.143) / v 3. 55 (.140) 15.30 (.602) eh / * 20.30 (.800) 19.70 (.775) 14.80 14.20 ?-.-. ii 1 (.583) (.559) : 2.40 (.094) 2.00 (.079)* 5.45 i 1w1 ' 2x i / -f -r ' ; 2 i j i - - -v a a 3 / -$-[00 25(.010)(m)|d -a-l i i i i 5. 50 (.217) | 1 5.50 (.217) 0 4.50 (.177) t ]j r^q i |_ 4.30 (.170) 3.70 (.145) 1.40 (.056) 1.00 (.039) |^- 1 0.25 (.010) ? |c|a?| 3.40 (.133) 3.00 (.118) 1-^-1 notes: b ?| -=-1 j ~ ? 530(209) 1 dimensions & tolerancing per ansi y14.5m, 1982. , ,,', jq, 2 controlling dimension : inch. -^ 2'50 (-08s 3 dimensions are shown millimeters (inches). /t to-247ac. lead assignments 1 -gate 2 -collector 4 -collector * longer leaded (20mm) version available (to-247ad) to order add ?-e'suffix to part number 0.80 (.031) jx 0.40 (.016) 2.60 (.102) 2.20 (.087) conforms to jedec outline to-247ac (to-3p) dimensions in millimeters and (inches)


▲Up To Search▲   

 
Price & Availability of IRG4PC40S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X