Part Number Hot Search : 
DTA123 EER40C 52000 1N4006 1N5953 24006 EJ643SS GM82C765
Product Description
Full Text Search
 

To Download IRF3710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF3710 power mosfet parameter typ. max. units r jc junction-to-case ??? 0.75 r cs case-to-sink, flat, greased surface 0.50 ??? c/w r ja junction-to-ambient ??? 62 thermal resistance v dss = 100v r ds(on) = 23m ? i d = 57a s d g to-220ab the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry.  advanced process technology  ultra low on-resistance  dynamic dv/dt rating  175 c operating temperature  fast switching  fully avalanche rated description absolute maximum ratings parameter max. units i d @ t c = 25 c continuous drain current, v gs @ 10v 57 i d @ t c = 100 c continuous drain current, v gs @ 10v 40 a i dm pulsed drain current  230 p d @t c = 25 c power dissipation 200 w linear derating factor 1.3 w/ c v gs gate-to-source voltage 20 v i ar avalanche current  28 a e ar repetitive avalanche energy  20 mj dv/dt peak diode recovery dv/dt  5.8 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf  in (1.1n  m) 2014-8-10 1 www.kersemi.com
IRF3710 s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.2 v t j = 25 c, i s = 28a, v gs = 0v  t rr reverse recovery time ??? 140 220 ns t j = 25 c, i f = 28a q rr reverse recovery charge ??? 670 1010 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 57 230 a  starting t j = 25 c, l = 0.70mh r g = 25 ? , i as = 28a, v gs =10v (see figure 12)  repetitive rating; pulse width limited by max. junction temperature. (see fig. 11) notes:  i sd 28a, di/dt 380a/s, v dd v (br)dss , t j 175 c  pulse width 400s; duty cycle 2%.  this is a typical value at device destruction and represents operation outside rated limits.  this is a calculated value limited to t j = 175 c . parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 ??? ??? vv gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.13 ??? v/ c reference to 25 c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? ??? 23 m ? v gs = 10v, i d =28a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 32 ??? ??? sv ds = 25v, i d = 28a  ??? ??? 25 a v ds = 100v, v gs = 0v ??? ??? 250 v ds = 80v, v gs = 0v, t j = 150 c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v q g total gate charge ??? ??? 130 i d = 28a q gs gate-to-source charge ??? ??? 26 nc v ds = 80v q gd gate-to-drain ("miller") charge ??? ??? 43 v gs = 10v, see fig. 6 and 13 t d(on) turn-on delay time ??? 12 ??? v dd = 50v t r rise time ??? 58 ??? i d = 28a t d(off) turn-off delay time ??? 45 ??? r g = 2.5 ? t f fall time ??? 47 ??? v gs = 10v, see fig. 10  between lead, ??? ??? 6mm (0.25in.) from package and center of die contact c iss input capacitance ??? 3130 ??? v gs = 0v c oss output capacitance ??? 410 ??? v ds = 25v c rss reverse transfer capacitance ??? 72 ??? pf ? = 1.0mhz, see fig. 5 e as single pulse avalanche energy  ??? 1060  280  mj i as = 28a, l = 0.70mh nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance ??? ??? s d g i gss ns 4.5 7.5 i dss drain-to-source leakage current 2014-8-10 2 www.kersemi.com
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , drain-to-source current (a) 3.5v 20s pulse width tj = 25 c vgs top 16v 10v 7.0v 6.0v 5.0v 4.5v 4.0v bottom 3.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , drain-to-source current (a) 3.5v 20s pulse width tj = 175 c vgs top 16v 10v 7.0v 6.0v 5.0v 4.5v 4.0v bottom 3.5v 3.0 4.0 5.0 6.0 7.0 8.0 9.0 v gs , gate-to-source voltage (v) 0.10 1.00 10.00 100.00 1000.00 i d , drain-to-source current ( ) t j = 25 c t j = 175 c v ds = 15v 20s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on)   v = i = gs d 10v 57a IRF3710 2014-8-10 3 www.kersemi.com
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c, capacitance(pf) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 0 2 5 7 10 12 q , total gate char g e ( nc ) v , gate-to-source voltage (v) g gs  i = d 28a  v = 20v ds v = 50v ds v = 80v ds 0.0 0.5 1.0 1.5 2.0 v sd , source-todrain voltage (v) 0.10 1.00 10.00 100.00 1000.00 i sd , reverse drain current (a) t j = 25 c t j = 175 c v gs = 0v 1 10 100 1000 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , drain-to-source current (a) tc = 25 c tj = 175 c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec IRF3710 2014-8-10 4 www.kersemi.com
fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature v ds 90% 10% v gs t d(on) t r t d(off) t f v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. v gs + - v dd fig 10a. switching time test circuit fig 10b. switching time waveforms 25 50 75 100 125 150 175 0 10 20 30 40 50 60 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50  single pulse (thermal response) IRF3710 2014-8-10 5 www.kersemi.com
q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v gs fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 12c. maximum avalanche energy vs. drain current r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs 25 50 75 100 125 150 175 0 110 220 330 440 550 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as  i d top bottom 11a 20a 28a IRF3710 2014-8-10 6 www.kersemi.com
peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -    r g v dd ? dv/dt controlled by r g ? i sd controlled by duty factor "d" ? d.u.t. - device under test d.u.t * circuit layout considerations ? low stray inductance ? ground plane ? low leakage inductance current transformer  * reverse polarity of d.u.t for p-channel v gs [ ] [ ] *** v gs = 5.0v for logic level and 3v drive devices [ ] *** fig 14. for n-channel hexfet ? power mosfets IRF3710 2014-8-10 7 www.kersemi.com
lead assignments 1 - gate 2 - drain 3 - sou rc e 4 - drain - b - 1.32 ( .052 ) 1.22 ( .048 ) 3x 0.55 ( .022 ) 0.46 ( .018 ) 2.92 ( .115 ) 2.64 ( .104 ) 4.69 ( .18 5 ) 4.20 ( .16 5 ) 3x 0.93 ( .037 ) 0.69 ( .027 ) 4.06 ( .160 ) 3.55 ( .140 ) 1.15 ( .045 ) m in 6.47 ( .255 ) 6.10 ( .240 ) 3.78 ( .149 ) 3.54 ( .139 ) - a - 10.54 ( .415 ) 10.29 ( .405 ) 2.87 ( .113 ) 2.62 ( .103 ) 15.24 ( .600 ) 14.84 ( .584 ) 14.09 ( .555 ) 13.47 ( .530 ) 3x 1.40 ( .0 55 ) 1.15 ( .0 45 ) 2.54 ( .100 ) 2x 0.36 ( .014 ) m b a m 4 1 2 3 notes: 1 d im e n s io n in g & to l e r a n c ing p e r a n s i y 1 4.5m , 1 9 82. 3 o u t lin e c o n f o r m s to je d e c o u t lin e to -2 20 a b . 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. part marking information to-220ab package outline to-220ab dimensions are shown in millimeters (inches) lot code 1789 as s embl ed on ww 19, 1997 in the assembly line "c" int ernat ional rect ifier logo assembly lot code part number dat e code ye ar 7 = 1997 we e k 19 line c example: this is an irf1010 IRF3710 2014-8-10 8 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF3710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X