Part Number Hot Search : 
PM6685 ON0893 EMICO DS2152L SED1566 37039 37039 BD4736G
Product Description
Full Text Search
 

To Download FLI5928H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data brief for further information contact your local stmicroelectronics sales office. april 2010 doc id 15018 rev 2 1/7 7 fli5962, fli5962h, fli5968h, FLI5928H multi-function lcd monitor controllers up to wuxga features triple adc and pll up to 205 mhz integrated ultra-reliable dvi? receiver up to 165 mhz (fli5962 and fli5962h) integrated hdmi 1.1 receiver up to 165 mhz (fli5968h and FLI5928H) hdcp supported with fli59xxh versions itu656 video input itu601 (16-bit) video input variable pip window up to 640 x 480 dcdi edge? processing madi, film mode detection, temporal noise reduction and cross color suppression for sdtv response time compensation (rtc) frame rate conversion (frc) panoramic scaling for wide output resolutions tv color controls using acc and acm-3d faroudja? truelife ? horizontal enhancements versatile osd controller for high quality bitmap-like tv osd embedded x86 microprocessor with external spi flash rom dual lvds transmitter for direct interconnect to lcd panels up to wuxga 60 hz package: 256 pqfp applications multi-function lcd monitors up to wuxga resolutions mid-range lcd tvs with pc and hdtv connectivity osd controller memory controller external sdr memory interface analog front end tripple adc yprpb / rgb inputs sync slicer vbi processing video vcr trick mode detection input format measureme nt ddc2bi interface ddc2bi slave 1 main channel input processor pip channel input processor h sync sync processor gpio's general purpose input / outputs clock generation low bandwidth analog inputs spi serial prom interface internal micro- processor bus embedded micro- processor low bandwidth adc rom ram display processing variable zoom scaling horizontal edge enhancement (hem) response time compensation aspect ratio conversion separate h & v scaling pip image processing separate h & v scaling 3x3 matrix image enhancement de-interlacer output formatter dual lvds tx lvds output 24-bit ttl output pip blender osd overlay controller two-wire interface two-wire serial master 1 two-wire interface two-wire serial master 2 pwm interface pwm hdmi audio interface (fli5968/28 only) spdif ddc2bi interface ddc2bi slave 2 test pattern generator itu656 vbi parsing itu601 (fli5962 only) hdmi hdmi rx hdcp test pattern generator v sync temporal noise reduction (tnr) dcdi motion adaptive de-interlacing (madi) film mode detection cross color reduction (ccr) acc/acm-ii or acm-3d 3x3 matrix 16-bit ttl input four i2c www.st.com
description fli5962, fli5962h, fli5968h, FLI5928H 2/7 doc id 15018 rev 2 1 description the fli59xx family of controllers are highly integrated mixed signal lcd controllers for multi-function lcd monitors and lcd tv applications supporting up to wuxga resolutions. the fli59xx has integrated advanced video image processing from faroudja as well as a proven adc/pll and ultra-reliable dvi or hdmi 1.1 compatible digital receiver with frc to ensure proven pc graphics compatibility. with emmy award winning faroudja dcdi? technology incorporating horizontal enhancement technology, advanced tv color control with adaptive contrast and color (acc) and active color management-3d (acm-3d), in addition to industry leading motion adaptive de-interlacing (madi), advanced film mode detection, and response time compensation, the fli59xx processes sdtv inputs to output images that are crisper with life-like quality. the integrated picture-in-picture, embedded microcontroller, versatile osd engine, low bandwidth general purpose adc, and dual lvds transmitters (or optional 24-bit ttl output) enables cost-effective hdtv-ready multi-function lcd monitor or lcd tv solutions. the fli59xx family of controllers includes the following products: fli5962 supports up to 1920 x 1200 resolutions with dvi fli5962h supports up to 1920 x 1200 resolutions with dvi and hdcp fli5968h supports up to 1920 x 1200 resolutions with hdmi and hdcp FLI5928H supports up to 1366 x 768 resolutions with hdmi and hdcp figure 1. system diagram fli59xx 1mx16 1mx16 nvram itu656 video decoder keypad with ir adc (optional) s-video vga dvi/hdmi lvds to panel composite ypbpr spi rom
fli5962, fli5962h, fli5968h, FLI5928H feature attributes doc id 15018 rev 2 3/7 2 feature attributes dual analog input ? operation up to 205 mhz ? dual rgb inputs ? single rgb and single ypbpr up to 1080i inputs ? bi-level and tri-level analog sync support and macrovision? support ? dual hsync, vsync, and sog inputs ultra-reliable dvi/hdmi 1.1 input ? hdmi 1.1, dvi 1.0, and hdcp 1.1?operates up to 165 mhz ? receives and outputs 2 to 8 channels of digital audio up to 192 khz. four programmable i2s and one spdif output digital video input ? itu656 video input support for commercially available video decoder ? itu601 (16-bit) video input support for external mpeg2 decoder, dvi rx, and adc high quality advanced scaling engine ? independent and programmable horizontal and vertical scaling factors ? panoramic scaling (non-linear) ? variable sharpness settings picture-in-picture (pip) ? variable pip window size up to 640 x 480 ? video pip on graphics or graphics pip on video ? independent pip window color controls frame rate conversion ? 16-bit/32-bit data path to support single or dual 1mx16 sdr sdram ? full frame rate conversion up to sxga 75 hz faroudja video processing and color control ? madi for sdtv ? inverse 3:2/ 2:2 pull down for film mode detection for sdtv ? dcdi edge processing for sdtv ? temporal noise reduct ion (tnr) up to 720p ? cross color reduction ? faroudja truelife horizontal enhancement ? acc, acm-ii, and acm-3d response time compensation ? compensates motion blur that results from slow response time of lcd panels? resulting in motion image that is clean and crisp osd controller ? up to 4 windows ? 1, 2, or 4-bits per pixel color ? blinking, transparency, blending, and proportional fonts support
feature attributes fli5962, fli5962h, fli5968h, FLI5928H 4/7 doc id 15018 rev 2 output support up to wuxga 60 hz ? dual-channel lvds transmitters with pi n swap for flexibility in pcb layout ? optional 24-bit ttl output system-on-chip integration for lower bom ? on-chip reset circuit wit h integrated sc hmitt trigger for hsync and vsync ? embedded x86 mcu with serial interface ? general-purpose low-bandwidth adc ? integrated gamma and 3x3 lut for srgb compliance ? esm? and boundary scan support
fli5962, fli5962h, fli5968h, FLI5928H ordering information doc id 15018 rev 2 5/7 3 ordering information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 1. order codes part number description fli5962-lf-aa 256-pin pqfp fli5962h-lf-aa 256-pin pqfp FLI5928H-lf-aa 256-pin pqfp fli5968h-lf-aa 256-pin pqfp
revision history fli5962, fli5962h, fli5968h, FLI5928H 6/7 doc id 15018 rev 2 4 revision history table 2. document revision history date revision changes 25-sep-2008 1 initial release. 22-apr-2010 2 updated template and ecopack statement. updated figure 1. system diagram. added all rpns to title. added doc id. removed references to fli5922h. minor wording corrections to description and feature attributes sections.
fli5962, fli5962h, fli5968h, FLI5928H doc id 15018 rev 2 7/7 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of FLI5928H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X