Part Number Hot Search : 
34012 LTC18 ISL8842A 20TQ040 PNN6028 CC1D2 D013T MAX5971B
Product Description
Full Text Search
 

To Download FCH104N60F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  december 2013 ?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 1 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet g d s to-247 g s d FCH104N60F n-channel superfet ? ii frfet ? mosfet 600 v, 37 a, 104 m features ? 650 v @ t j = 150c ?typ. r ds(on) = 98 m ? ultra low gate charge (typ. q g = 107 nc) ? low effective output capacitance (typ. c oss(eff.) = 109 pf) ? 100% avalanche tested ? rohs compliant description superfet ? ii mosfet is fairchil d semiconductor?s brand-new high voltage super-junction (sj) mosf et family that is utilizing charge balance technology for outstanding low on-resistance and lower gate charge performance. this technology is tailored to minimize conduction loss, provide superior switching perfor- mance, dv/dt rate and higher avalanche energy. consequently, superfet ii mosfet is very suitable for the switching power applications such as pfc, server/telecom power, fpd tv power, atx power and industrial power applications. superfet ii frfet ? mosfet?s optimized body diode reverse recovery performance can remove additional component and improve system reliability. absolute maximum ratings t c = 25 o c unless otherwise noted. thermal characteristics symbol parameter FCH104N60F unit v dss drain to source voltage 600 v v gss gate to source voltage - dc 20 v - ac (f > 1 hz) 30 i d drain current - continuous (t c = 25 o c) 37 a - continuous (t c = 100 o c) 24 i dm drain current - pulsed (note 1) 111 a e as single pulsed avalanche energy (note 2) 809 mj i ar avalanche current (note 1) 6.8 a e ar repetitive avalanche energy (note 1) 3.57 mj dv/dt mosfet dv/dt 100 v/ns peak diode recovery dv/dt (note 3) 50 p d power dissipation (t c = 25 o c) 357 w - derate above 25 o c2.85w/ o c t j , t stg operating and storage temperature range -55 to +150 o c t l maximum lead temperature for soldering, 1/8? from case for 5 seconds 300 o c symbol parameter FCH104N60F unit r jc thermal resistance, junction to case, max. 0.35 o c/w r ja thermal resistance, junction to ambient, max. 40
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 2 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet package marking and ordering information electrical characteristics t c = 25 o c unless otherwise noted. off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics part number top mark package packing method reel size tape width quantity FCH104N60F FCH104N60F to-247 tube n/a n/a 30 units symbol parameter test conditions min. typ. max. unit bv dss drain to source breakdown voltage i d = 10 ma, v gs = 0 v, t c = 25 o c 600 - - v i d = 10 ma, v gs = 0 v, t c = 150 o c 650 - - bv dss / t j breakdown voltage temperature coefficient i d = 10 ma, referenced to 25 o c - 0.67 - v/ o c i dss zero gate voltage drain current v ds = 480 v, v gs = 0 v - - 10 a v ds = 480 v, v gs = 0 v, t c = 125 o c- - 100 i gss gate to body leakage current v gs = 20 v, v ds = 0 v - - 100 na v gs(th) gate threshold voltage v gs = v ds , i d = 250 a3-5v r ds(on) static drain to source on resistance v gs = 10 v, i d = 18.5 a - 98 104 m g fs forward transconductance v ds = 20 v, i d = 18.5 a - 47 - s c iss input capacitance v ds = 100 v, v gs = 0 v, f = 1 mhz - 4475 5950 pf c oss output capacitance - 135 180 pf c rss reverse transfer capacitance - 1.5 2.5 pf c oss output capacitance v ds = 380 v, v gs = 0v, f = 1 mhz - 75 - pf c oss(eff.) effective output capacitance v ds = 0 v to 480 v, v gs = 0 v - 109 - pf q g(tot) total gate charge at 10v v ds = 380 v, i d = 18.5 a, v gs = 10 v (note 4) - 107 139 nc q gs gate to source gate charge - 25 - nc q gd gate to drain ?miller? charge - 44 - nc esr equivalent series resistance f = 1 mhz - 0.87 - t d(on) turn-on delay time v dd = 380 v, i d = 18.5 a, v gs = 10 v, r g = 4.7 (note 4) -3478ns t r turn-on rise time - 24 58 ns t d(off) turn-off delay time - 98 206 ns t f turn-off fall time - 5 20 ns i s maximum continuous drain to source diode forward current - - 37 a i sm maximum pulsed drain to source diode forward current - - 111 a v sd drain to source diode forward voltage v gs = 0 v, i sd = 18.5 a - - 1.2 v t rr reverse recovery time v gs = 0 v, i sd = 18.5 a, di f /dt = 100 a/ s - 144 - ns q rr reverse recovery charge - 0.89 - c notes: 1. repetitive rating: pulse-width limited by maximum junction temperature. 2. i as = 6.8 a, r g = 25 , starting t j = 25 c. 3. i sd 18.5 a, di/dt 200 a/ s, v dd 380 v, starting t j = 25 c. 4. essentially independent of operating temperature typical characteristics.
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 3 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet typical performance characteristics figure 1. on-region characteristics figure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate vo ltage variation vs. source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 0.1 1 10 1 10 100 *notes: 1. 250 s pulse test 2. t c = 25 o c i d , drain current[a] v ds , drain-source voltage[v] v gs = 10.0v 8.0v 7.0v 6.5v 6.0v 5.5v v ds , drain to source voltage [v] 456789 1 10 100 200 -55 o c 150 o c *notes: 1. v ds = 20v 2. 250 s pulse test 25 o c i d , drain cu rrent[a] v gs , gate to source volta g e [ v ] 0306090120 0.08 0.10 0.12 0.14 0.16 0.18 0.20 0.22 *note: t c = 25 o c v gs = 20v v gs = 10v r ds(on) [ ], drain to source on-resistance i d , drain current [a] 0.20.40.60.81.01.21.41.6 0.1 1 10 100 200 *notes: 1. v gs = 0v 2. 250 s pulse test 150 o c i s , reverse drain current [a] v sd , body diode forward voltage [v] 25 o c 0.1 1 10 100 600 0.1 1 10 100 1000 10000 100000 c oss c iss c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd *note: 1. v gs = 0v 2. f = 1mhz c rss capacitances [pf] v ds , drain-source voltage [v] v ds , drain to source voltage [v] 0306090120 0 2 4 6 8 10 *note: i d = 18.5a v ds = 120v v ds = 300v v ds = 480v v gs , gate to source voltage [v] q g , total gate charge [nc]
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 4 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet typical performance characteristics (continued) figure 7. breakdown voltage variation figure 8. on-resistance variation vs. temperature vs. temperature figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 11. eoss vs. drain to source voltage -100 -50 0 50 100 150 200 0.85 0.90 0.95 1.00 1.05 1.10 1.15 *notes: 1. v gs = 0v 2. i d = 10ma bv dss , [normalized] drain to source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 *notes: 1. v gs = 10v 2. i d = 18.5a r ds(on) , [normalized] drain to source on-resistance t j , junction temperature [ o c] 25 50 75 100 125 150 0 10 20 30 40 i d , drain current [a] t c , case temperature [ o c] v ds , drain to source voltage [v] 1 10 100 1000 0.1 1 10 100 300 10 s 100 s 1ms 10ms i d , drain current [a] v ds , drain to source voltage [v] operation in this area is limited by r ds(on) *notes: 1. t c = 25 o c 2. t j = 150 o c 3. single pulse dc 0 100 200 300 400 500 600 0 4 8 12 16 20 e oss , [ j] v ds , drain to source voltage [v]
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 5 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet typical performance characteristics (continued) figure 12 . transient thermal response curve 10 -5 10 -4 10 -3 10 -2 10 -1 110 1e-3 0.01 0.1 1 0.01 0.1 0.2 0.05 0.02 *notes: 1. z jc (t) = 0.35 o c/w max. 2. duty factor, d= t 1 /t 2 3. t jm - t c = p dm * z jc (t) 0.5 single pulse thermal response [z jc ] rectangular pulse duration [sec] t 1 p dm t 2 z jc (t), thermal response [ o c/w] t 1 , rectangular pulse duration [sec] 0.001
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 6 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet figure 13. gate charge test circuit & waveform figure 14. resistive switch ing test circuit & waveforms figure 15. unclamped inductive switching test circuit & waveforms v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v gs i g = const.
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 7 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet figure 16. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 8 FCH104N60F ? n-channel superfet ? ii frfet ? mosfet mechanical dimensions figure 17. to-247, molded, 3-lead, jedec variation ab package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the draw ing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specif- ically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packag ing area for the most recent package drawings: http://www.fairchildsemi.com/package/packagedetails.html?id=pn_to247-003
?2013 fairchild semiconductor corporation FCH104N60F rev. c1 www.fairchildsemi.com 9 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or desi gn. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditio ns, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support de vices or systems without the express written approval of fai rchild semiconductor corporation. as used here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm greenbridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver ? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost ? tinybuck ? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final spec ifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts exper ience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing del ays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourage s customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fair child?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping this practice by buying direct or from authorized distributors. rev. i66 tm ? FCH104N60F ? n-channel superfet ? ii frfet ? mosfet


▲Up To Search▲   

 
Price & Availability of FCH104N60F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X